Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MGP19N35CL Datasheet(PDF) 8 Page - ON Semiconductor

Part # MGP19N35CL
Description  Ignition IGBT 19 Amps, 350 Volts N?묬hannel TO??20 and D-2PAK
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MGP19N35CL Datasheet(HTML) 8 Page - ON Semiconductor

Back Button MGP19N35CL Datasheet HTML 4Page - ON Semiconductor MGP19N35CL Datasheet HTML 5Page - ON Semiconductor MGP19N35CL Datasheet HTML 6Page - ON Semiconductor MGP19N35CL Datasheet HTML 7Page - ON Semiconductor MGP19N35CL Datasheet HTML 8Page - ON Semiconductor MGP19N35CL Datasheet HTML 9Page - ON Semiconductor MGP19N35CL Datasheet HTML 10Page - ON Semiconductor MGP19N35CL Datasheet HTML 11Page - ON Semiconductor MGP19N35CL Datasheet HTML 12Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
MGP19N35CL, MGB19N35CL
http://onsemi.com
8
PACKAGE DIMENSIONS
STYLE 9:
PIN 1. GATE
2. COLLECTOR
3. EMITTER
4. COLLECTOR
TO−220 THREE−LEAD
TO−220AB
CASE 221A−09
ISSUE AA
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: INCH.
3. DIMENSION Z DEFINES A ZONE WHERE ALL
BODY AND LEAD IRREGULARITIES ARE
ALLOWED.
DIM
MIN
MAX
MIN
MAX
MILLIMETERS
INCHES
A
0.570
0.620
14.48
15.75
B
0.380
0.405
9.66
10.28
C
0.160
0.190
4.07
4.82
D
0.025
0.035
0.64
0.88
F
0.142
0.147
3.61
3.73
G
0.095
0.105
2.42
2.66
H
0.110
0.155
2.80
3.93
J
0.018
0.025
0.46
0.64
K
0.500
0.562
12.70
14.27
L
0.045
0.060
1.15
1.52
N
0.190
0.210
4.83
5.33
Q
0.100
0.120
2.54
3.04
R
0.080
0.110
2.04
2.79
S
0.045
0.055
1.15
1.39
T
0.235
0.255
5.97
6.47
U
0.000
0.050
0.00
1.27
V
0.045
−−−
1.15
−−−
Z
−−−
0.080
−−−
2.04
B
Q
H
Z
L
V
G
N
A
K
F
12 3
4
D
SEATING
PLANE
−T−
C
S
T
U
R
J


Similar Part No. - MGP19N35CL

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MGP11N60E MOTOROLA-MGP11N60E Datasheet
123Kb / 6P
   Insulated Gate Bipolar Transistor
logo
ON Semiconductor
MGP11N60E ONSEMI-MGP11N60E Datasheet
120Kb / 5P
   SHORT CIRCUIT RATED LOW ON-VOLTAGE
1997
MGP11N60ED ONSEMI-MGP11N60ED Datasheet
145Kb / 6P
   SHORT CIRCUIT RATED LOW ON-VOLTAGE
logo
Motorola, Inc
MGP14N60E MOTOROLA-MGP14N60E Datasheet
125Kb / 6P
   Insulated Gate Bipolar Transistor
logo
ON Semiconductor
MGP14N60E ONSEMI-MGP14N60E Datasheet
121Kb / 5P
   SHORT CIRCUIT RATED LOW ON-VOLTAGE
More results

Similar Description - MGP19N35CL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MGP15N35CL ONSEMI-MGP15N35CL_06 Datasheet
250Kb / 10P
   Ignition IGBT 15 Amps, 350 Volts N-Channel TO-220 and D2PAK
July, 2006 ??Rev. 5
NGB8206N ONSEMI-NGB8206N Datasheet
118Kb / 7P
   Ignition IGBT 20 A, 350 V, N?묬hannel D2PAK
August, 2006 ??Rev. 6
NGD8205N ONSEMI-NGD8205N Datasheet
142Kb / 7P
   Ignition IGBT 20 Amp, 350 Volt, N?묬hannel DPAK
August, 2006 ??Rev. 7
NGP8203N ONSEMI-NGP8203N Datasheet
144Kb / 7P
   Ignition IGBT 20 A, 400 V, N?묬hannel TO??20
August, 2006 ??Rev. 1
logo
Littelfuse
LGB8206ATI LITTELFUSE-LGB8206ATI Datasheet
443Kb / 9P
   350 V, 20 A N-Channel Ignition IGBT
4/27/2020
logo
ON Semiconductor
MGP15N40CL ONSEMI-MGP15N40CL_05 Datasheet
91Kb / 10P
   Ignition IGBT 15 Amps, 410 Volts N-Channel TO-220 and D2PAK
December, 2005 ??Rev. 8
NGB8204N ONSEMI-NGB8204N Datasheet
150Kb / 8P
   Ignition IGBT 18 Amps, 400 Volts
August, 2006 ??Rev. 3
NGB18N40CLBT4 ONSEMI-NGB18N40CLBT4_06 Datasheet
87Kb / 8P
   Ignition IGBT 18 Amps, 400 Volts
May, 2006 ??Rev. 3
NGD15N41CL ONSEMI-NGD15N41CL Datasheet
167Kb / 11P
   Ignition IGBT 15 Amps, 410 Volts
May, 2006 ??Rev. 7
NGB18N40CLB ONSEMI-NGB18N40CLB Datasheet
126Kb / 8P
   Ignition IGBT 18 Amps, 400 Volts
December, 2011 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com