Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC74AC299DW Datasheet(PDF) 5 Page - ON Semiconductor

Part # MC74AC299DW
Description  8-Input Universal Shift/ Storage Register with Common Parallel I/O Pins
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74AC299DW Datasheet(HTML) 5 Page - ON Semiconductor

  MC74AC299DW Datasheet HTML 1Page - ON Semiconductor MC74AC299DW Datasheet HTML 2Page - ON Semiconductor MC74AC299DW Datasheet HTML 3Page - ON Semiconductor MC74AC299DW Datasheet HTML 4Page - ON Semiconductor MC74AC299DW Datasheet HTML 5Page - ON Semiconductor MC74AC299DW Datasheet HTML 6Page - ON Semiconductor MC74AC299DW Datasheet HTML 7Page - ON Semiconductor MC74AC299DW Datasheet HTML 8Page - ON Semiconductor MC74AC299DW Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
MC74AC299, MC74ACT299
http://onsemi.com
5
AC CHARACTERISTICS (For Figures and Waveforms − See Section 3 of the ON Semiconductor FACT Data Book, DL138/D)
Symbol
Fig.
No.
Unit
74AC
74AC
VCC*
(V)
Parameter
Symbol
Fig.
No.
Unit
TA = −40°C
to +85
°C
CL = 50 pF
TA = +25°C
CL = 50 pF
VCC*
(V)
Parameter
Symbol
Fig.
No.
Unit
Max
Min
Max
Typ
Min
VCC*
(V)
Parameter
tPLH
Propagation Delay
3.3
9.0
20.5
7.5
22.5
ns
3−6
tPLH
CP to I/On
5.0
6.0
14.5
5.0
16
ns
3−6
tPHL
Propagation Delay
3.3
10
23
8.5
24.5
ns
3−6
tPHL
CP to I/On
5.0
6.5
16
6.0
17.5
ns
3−6
tPHL
Propagation Delay
3.3
9.0
22.5
7.5
25.0
ns
3−6
tPHL
MR to Q0 or Q7
5.0
5.5
15.5
5.0
17.0
ns
3−6
tPHL
Propagation Delay
3.3
9.0
21.5
7.5
24.0
ns
3−6
tPHL
MR to I/On
5.0
5.5
15.0
5.0
16.5
ns
3−6
tPZH
Output Enable Time
3.3
7.0
18
6.0
19.5
ns
3−7
tPZH
OE to I/On
5.0
4.5
12.5
4.0
13.5
ns
3−7
tPZL
Output Enable Time
3.3
7.0
18
6.0
20.5
ns
3−8
tPZL
OE to I/On
5.0
5.0
12.5
4.0
14
ns
3−8
tPHZ
Output Disable Time
3.3
6.5
18.5
5.5
19.5
ns
3−7
tPHZ
OE to I/On
5.0
3.5
14
3.0
15
ns
3−7
tPLZ
Output Disable Time
3.3
5.5
17
4.5
19
ns
3−8
tPLZ
OE to I/On
5.0
3.5
12.5
2.0
13.5
ns
3−8
*Voltage Range 3.3 V is 3.3 V
±0.3 V.
Voltage Range 5.0 V is 5.0 V
±0.5 V.
AC OPERATING REQUIREMENTS
74AC
74AC
Symbol
Parameter
VCC*
(V)
TA = +25°C
CL = 50 pF
TA = −40°C
to +85
°C
CL = 50 pF
Unit
Fig.
No.
Typ
Guaranteed Minimum
t
Setup Time, HIGH or LOW
3.3
8.0
8.5
ns
3−9
ts
S0 or S1 to CP
5.0
5.0
5.5
ns
3−9
th
Hold Time, HIGH or LOW
3.3
0.5
0.5
ns
3−9
th
S0 or S1 to CP
5.0
1.0
1.0
ns
3−9
t
Setup Time, HIGH or LOW
3.3
5.5
6.0
ns
3−9
ts
I/On to CP
5.0
3.5
4.0
ns
3−9
th
Hold Time, HIGH or LOW
3.3
0
0
ns
3−9
th
I/On to CP
5.0
1.0
1.0
ns
3−9
t
Setup Time, HIGH or LOW
3.3
6.5
7.0
ns
3−6
ts
DS0 or DS7 to CP
5.0
4.0
4.5
ns
3−6
th
Hold Time, HIGH or LOW
3.3
0
0.5
ns
3−6
th
DS0 or DS7 to CP
5.0
1.0
1.0
ns
3−6
t
CP Pulse Width LOW
3.3
4.5
5.0
ns
3−6
tw
CP Pulse Width, LOW
5.0
3.5
3.5
ns
3−6
t
MR Pulse Width LOW
3.3
4.5
5.0
ns
3−9
tw
MR Pulse Width, LOW
5.0
3.5
3.5
ns
3−9
t
Recovery TIme
3.3
1.5
1.5
ns
3−9
trec
MR to CP
5.0
1.5
1.5
ns
3−9
*Voltage Range 3.3 V is 3.3 V
±0.3 V.
Voltage Range 5.0 V is 5.0 V
±0.5 V.


Similar Part No. - MC74AC299DW

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74AC299DW ONSEMI-MC74AC299DW Datasheet
257Kb / 11P
   8?묲nput Universal Shift/Storage Register with Common Parallel I/O Pins
June, 2006 ??Rev. 8
MC74AC299DWR2 ONSEMI-MC74AC299DWR2 Datasheet
257Kb / 11P
   8?묲nput Universal Shift/Storage Register with Common Parallel I/O Pins
June, 2006 ??Rev. 8
More results

Similar Description - MC74AC299DW

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC74F299 MOTOROLA-MC74F299 Datasheet
172Kb / 5P
   8-INPUT UNIVERSAL SHIFT/STORAGE REGISTER WITH COMMON PARALLEL I/O PINS
logo
Texas Instruments
CD54-74AC299 TI-CD54-74AC299 Datasheet
281Kb / 13P
[Old version datasheet]   8-INPUT UNIVERSAL SHIFT/STORAGE REGISTER WITH COMMON PARALLEL I/O PINS
logo
Fairchild Semiconductor
74AC299MTCX FAIRCHILD-74AC299MTCX Datasheet
495Kb / 14P
   8-Input Universal Shift/Storage Register with Common Parallel I/O Pins
logo
National Semiconductor ...
DM54LS299 NSC-DM54LS299 Datasheet
167Kb / 8P
   8-Input Universal Shift/Storage Register with Common Parallel I/O Pins
54AC299 NSC-54AC299 Datasheet
221Kb / 10P
   8-Input Universal Shift/Storage Register with Common Parallel I/O Pins
logo
ON Semiconductor
MC74AC299 ONSEMI-MC74AC299 Datasheet
257Kb / 11P
   8?묲nput Universal Shift/Storage Register with Common Parallel I/O Pins
June, 2006 ??Rev. 8
logo
National Semiconductor ...
54F299DM NSC-54F299DM Datasheet
194Kb / 10P
   Octal Universal Shift/Storage Register with Common Parallel I/O Pins
logo
Fairchild Semiconductor
74F299 FAIRCHILD-74F299 Datasheet
70Kb / 6P
   Octal Universal Shift/Storage Register with Common Parallel I/O Pins
logo
Intersil Corporation
CD54ACT299 INTERSIL-CD54ACT299 Datasheet
17Kb / 2P
   8-Input Universal Shift/Storage Registers with Common Parallel I/O Pins
June 1997
logo
Texas Instruments
CD74AC323E TI-CD74AC323E Datasheet
991Kb / 17P
[Old version datasheet]   8-Input Universal Shift Storage Register with Common Parallel
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com