Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM1503 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # UM1503
Description  UM1500 SERIES, 15 to 20 Watt DC-DC Converters
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

UM1503 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  UM1503 Datasheet HTML 1Page - List of Unclassifed Manufacturers UM1503 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
UM1500
1 OF 2
REV.4
U
MEC
I
NTERNATIONAL
3
2539 W. 237TH STREET, SUITE A
T
ORRANCE, CA 90505
TEL:
(310) 326-7072 FAX: (310) 326-7058
UM1500 SERIES
15 to 20 Watt DC-DC Converters
♦ Surface Mount Technology
♦ Efficiency 82%
♦ Wide Input Range
♦ 10.2 Watt/Cubic Inch
♦ Remote On/Off Control
♦ Low Profile
SPECIFICATIONS
All specifications are typical at nominal line, full load and
25°C unless otherwise noted.
INPUT SPECIFICATIONS
Input Voltage Range,
15W …………………….…..… 48V Nominal, 18-72 VDC
20W ………………………..…. 24V Nominal, 18-36 VDC
48V Nominal, 36-72 VDC
Input Filter …………………………………….…… Pi Network
OUTPUT SPECIFICATIONS
Voltage Accuracy, Single Output ……………….…±1% max.
Dual,+Output ……....……...…. ±1% max.
-Output ……………...…. ±2% max.
Triple, 5V ……...……………… ±1% max.
±12V/15V ………...……. ±3% max.
Voltage Balance, Dual Output at Full Load
…………………..………………………………. ±2.0% max.
Transient Response,
Single, Dual , 25% Step Load Change,
±1% Error Band ………………………….…..…. <500u sec.
External Trim Adj. Range ……….……………..………. +10%
Ripple and Noise , 20MHz BW
1 ……..…… 15mV RMS max.
75mV P-P max.
Temperature Coefficient …..…….…....… ±0.02%/°C max.
Short Circuit Protection ……………………..…… Continuous
Overvoltage Protection Trip Point ( Zener Clamp Type )
5V …………………………………………....………… 6.8V
12V ……………………………..………………………... 15V
15V ………………………………..……….…………….. 18V
Line Regulation
2, Single/Dual Output …..…..…. ±0.5% max.
Triple Output ……………….……. 1% max.
Load Regulation
3,Single Output ….....….…....... ±0.5% max.
Dual Output ……….……….….. ±1% max.
Triple Output +5V …….…….… ±1% max.
Auxiliaries ..…… ±5% max.
GENERAL SPECIFICATIONS
Remote On/Off Control ………………………….. See Below
Efficiency ….………….…………………..…..….… See Table
Isolation Voltage ………………..………..…… 500 VDC min.
Isolation Resistance ..………………………... 10
8 ohms min.
Switching Frequency
Single/Dual …………….……………………..... 330KHz typ.
Triple ……………….…….…………………..… 200KHz typ.
Operating Temperature Range,
Ambient, 15W,None Derating ……..…....… -40°C to +71°C
20W, None Derating …..……...… -40°C to +60°C
Cooling …..………………..…………..... Free Air Convection
Storage Temperature Range …………..…. -55°C to +105°C
Dimensions Case J ……..……………... 2.0x1.6x0.46 Inches
(50.8x40.6x11.7 mm)
Case Material ………………..…. Black Coated Copper With
Non-Conductive Base
Weight ………………………………………..……………. 50g
NOTES:
1. Measured with 3.3uF/25V tantalum capacitor across
each output for triple output models,0.1uF ceramic
capacitor across each output for single and dual output
models.
2. Measured from high line to low line.
3. Measured from full load to specified load with all other
outputs at rated load: singe: full load to 1/4 load; dual
outputs loaded balanced from full load to 1/2 load, triple:
full load to 1/10 load.
REMOTE ON/OFF CONTROL
Control Input …………………………………..…... Pin 1
Control Common ……………………………….…. Pin 3
Logic Compatibility………….……….………………….
……………………… CMOS or Open Collector TTL
Control Voltage……………………………………………
On ………….………..…. >+2.5 VDC or Open Circuit
Off ………..………... < +0.8 VDC or Jumper to Pin 3
Converter Shutdown Idle Current ……………… 10 mA


Similar Part No. - UM1503

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
UM1502 STMICROELECTRONICS-UM1502 Datasheet
814Kb / 23P
   STEVAL-MKI111V1 - water level detection based on the LPS001WP MEMS pressure sensor
March 2012 Rev 1
More results

Similar Description - UM1503

ManufacturerPart #DatasheetDescription
logo
Power-One
IMX15 POWER-ONE-IMX15 Datasheet
61Kb / 4P
   15 Watt DC-DC Converters
logo
AIMTEC
AM15E-C AIMTEC-AM15E-C Datasheet
288Kb / 2P
   15 watt dc-dc converters
AM15EW-C AIMTEC-AM15EW-C Datasheet
288Kb / 2P
   15 watt dc-dc converters
AM15E AIMTEC-AM15E Datasheet
267Kb / 3P
   15 watt dc-dc converters
logo
List of Unclassifed Man...
UM600 ETC1-UM600 Datasheet
25Kb / 2P
   15 Watt DC-DC Converters
logo
Power-One
IMX15-25 POWER-ONE-IMX15-25 Datasheet
132Kb / 4P
   15 Watt DC-DC Converters
logo
Bel Fuse Inc.
IMX15 BEL-IMX15 Datasheet
1Mb / 19P
   15 Watt DC-DC Converters
logo
Power-One
IMS15 POWER-ONE-IMS15 Datasheet
151Kb / 4P
   15 Watt DC-DC Converters
logo
TRACO Electronic AG
TEL15 TRACOPOWER-TEL15 Datasheet
240Kb / 3P
   DC/DC Converters TEL 15 Series, 15 Watt
Rev. March 17, 2023
TEN15 TRACOPOWER-TEN15 Datasheet
395Kb / 4P
   DC/DC Converters TEN 15 Series, 15 Watt
Rev. May 7, 2021
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com