Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Z8F6421PM020SC Datasheet(PDF) 3 Page - Zilog, Inc.

Part # Z8F6421PM020SC
Description  High Performance 8-Bit Microcontrollers Z8 Encore-R 64K Series
Download  299 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8F6421PM020SC Datasheet(HTML) 3 Page - Zilog, Inc.

  Z8F6421PM020SC Datasheet HTML 1Page - Zilog, Inc. Z8F6421PM020SC Datasheet HTML 2Page - Zilog, Inc. Z8F6421PM020SC Datasheet HTML 3Page - Zilog, Inc. Z8F6421PM020SC Datasheet HTML 4Page - Zilog, Inc. Z8F6421PM020SC Datasheet HTML 5Page - Zilog, Inc. Z8F6421PM020SC Datasheet HTML 6Page - Zilog, Inc. Z8F6421PM020SC Datasheet HTML 7Page - Zilog, Inc. Z8F6421PM020SC Datasheet HTML 8Page - Zilog, Inc. Z8F6421PM020SC Datasheet HTML 9Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 299 page
background image
PS019915-1005
Z8 Encore!® 64K Series
Product Specification
iii
Revision History
Each instance in Table 1 reflects a change to this document from its previous revi-
sion. To see more detail, click the appropriate link in the table.
Table 1. Revision History of this Document
Date
Revision
Level
Description
Page #
January
2005
12
Added Die Form Sales information to Table 1.
2
March
2005
13
Provided timing equation when the Baud Rate Generator for a
peripheral is used as a simple timer. Closes CR#5618.
109, 115,
131, 137,
155
August
2005
14
Updated “Manual Objectives” on page xviii, “Introduction” on page 1, “Available
Packages” on page 6, “Program Memory” on page 18, “Flash Memory” on
page 178, “Option Bits” on page 190, “On-Chip Debugger Commands” on
page 198, “Absolute Maximum Ratings” on page 209, “DC Characteristics” on
page 211, Figure 48 on page 218, “On-Chip Peripheral AC and DC Electrical
Characteristics” on page 219, “AC Characteristics” on page 224, “Ordering
Information” on page 262, and “Part Number Suffix Designations” on page 267.
Removed “Preliminary” from all pages. Deleted first sentence of “Electrical
Characteristics” chapter. Deleted “Precharacterization Product” section in the
“Packaging” chapter. Added automotive/industrial parts; removed all ROM
references.
October
2005
15
The paragraph tag for “Ordering Information” has been changed from
H1 Heading to Chapter Title.
262


Similar Part No. - Z8F6421PM020SC

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z8F64200100KIT ZILOG-Z8F64200100KIT Datasheet
113Kb / 2P
   Terminal block inputs for some ADC channels on the Z8 Encore! MCU family
Z8F64200100KITG ZILOG-Z8F64200100KITG Datasheet
233Kb / 18P
   Z8 Encore! XP Z8F642 Development Board
More results

Similar Description - Z8F6421PM020SC

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z8F041APB020SC ZILOG-Z8F041APB020SC Datasheet
3Mb / 276P
   Z8 Encore XP-R 4K Series High-Performance 8-Bit Microcontrollers
Z8FMC16MCU ZILOG-Z8FMC16MCU Datasheet
337Kb / 14P
   Z8 Encore-R Motor Control Series
Z8FMC16100 ZILOG-Z8FMC16100 Datasheet
4Mb / 402P
   Z8 Encore-R Motor Control Flash MCUs
Z86L04 ZILOG-Z86L04 Datasheet
165Kb / 26P
   Z8 8-Bit Cost-Effective Microcontrollers
Z8F082ASH020SC ZILOG-Z8F082ASH020SC Datasheet
2Mb / 244P
   Z8 Encore XP-R F08xA Series with eXtended Peripherals
Z8F0821HH020SC ZILOG-Z8F0821HH020SC Datasheet
227Kb / 12P
   High Performance 8-Bit Microcontrollers
logo
ATMEL Corporation
TS80C51RA2 ATMEL-TS80C51RA2 Datasheet
903Kb / 74P
   High Performance 8-bit Microcontrollers
logo
Zilog, Inc.
Z8F0423SB005SG ZILOG-Z8F0423SB005SG Datasheet
14Mb / 245P
   High-Performance 8-Bit Microcontrollers
Z8F1680AN020SG ZILOG-Z8F1680AN020SG Datasheet
2Mb / 412P
   High-Performance 8-Bit Microcontrollers
Z8F0113HJ005EG ZILOG-Z8F0113HJ005EG Datasheet
14Mb / 245P
   High-Performance 8-Bit Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com