Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN7191NZ Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # AN7191NZ
Description  Dual 20 W BTL audio power amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AN7191NZ Datasheet(HTML) 3 Page - Panasonic Semiconductor

  AN7191NZ Datasheet HTML 1Page - Panasonic Semiconductor AN7191NZ Datasheet HTML 2Page - Panasonic Semiconductor AN7191NZ Datasheet HTML 3Page - Panasonic Semiconductor AN7191NZ Datasheet HTML 4Page - Panasonic Semiconductor AN7191NZ Datasheet HTML 5Page - Panasonic Semiconductor AN7191NZ Datasheet HTML 6Page - Panasonic Semiconductor AN7191NZ Datasheet HTML 7Page - Panasonic Semiconductor AN7191NZ Datasheet HTML 8Page - Panasonic Semiconductor AN7191NZ Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
ICs for Audio Common Use
AN7191NZ
s Electrical Characteristics at VCC = 13.2 V, freq. = 1 kHz, Ta = 25°C
s Recommended Operating Range
Parameter
Symbol
Range
Unit
Supply voltage
VCC
8.0 to 18.0
V
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Quiescent current
ICQ
VIN = 0 mV, RL = 4 Ω
120
250
mA
Standby current
ISTB
VIN = 0 mV, RL = 4 Ω
110
µA
Output noise voltage *1
VNO
Rg = 4.7 kΩ, RL = 4 Ω
0.22
0.5
mV[rms]
Voltage gain 1
GV1
VIN = 40 mV, RL = 4 Ω
32
34
36
dB
Total harmonic distortion 1
THD1
Po = 0.5 W, RL = 4 Ω
0.07
0.4
%
Maximum output power 1
PO1
THD
= 10%, R
L = 4 Ω
16
18
W
Ripple rejection ratio *
1
RR
RL = 4 Ω, Rg = 4.7 kΩ, Vr = 1 V[rms],
60
72
dB
fr = 1 kHz
Channel balance
CB
VIN = 40 mV, RL = 4 Ω
01
dB
Cross-talk *1
CT
VIN = 40 mV, RL = 4 Ω, Rg = 4.7 kΩ
55
65
dB
Output offset voltage
VOFF
Rg = 4.7 kΩ, RL = 4 Ω− 250
0
250
mV
Muting effect *1
MT
VIN = 40 mV, RL = 4 Ω
70
82
dB
Input impedance
Zi
VIN = ± 0.3 VDC
22
28
35
k
Voltage gain 2
GV2
VIN = 40 mV, RL = 2 Ω
32
34
36
dB
Total harmonic distortion 2
THD2
Po = 0.5 W, RL = 2 Ω
0.1
0.5
%
Maximum output power 2
PO2
THD
= 10%, R
L = 2 Ω
16
24
W
Shock noise *
2
VS
RL = 4 Ω, Rg = 4.7 kΩ, VMUTE = 5 V,
− 100
0
100
mV[p-0]
VSTB = on/off, 50Hz HPF-on
Total harmonics distortion 3
THD3
VIN = 10 mV, fIN = 20 kHz, Rg = 4.7 kΩ,
0.10
0.5
%
RL = ∞
Note) *1 : Measurement using a bandwidth 15 Hz to 30 kHz (12 dB/OCT) filter.
*2 : For VSTB = on/off, change over the standby terminal by the voltages of 0 V and 5 V at the time shown in the right.
Standby terminal voltage
5 V
0 V
120 ms
120 ms


Similar Part No. - AN7191NZ

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AN7191NZ ETC2-AN7191NZ Datasheet
2Mb / 31P
   SEMICONDUCTORS
More results

Similar Description - AN7191NZ

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7491HV STMICROELECTRONICS-TDA7491HV Datasheet
933Kb / 26P
   20 W 20 W dual BTL class-D audio amplifier
logo
Panasonic Semiconductor
AN7190NK PANASONIC-AN7190NK Datasheet
55Kb / 5P
   Dual 20 W BTL power amplifier
logo
Unisonic Technologies
PA7522 UTC-PA7522 Datasheet
210Kb / 8P
   DUAL 3-W BTL AUDIO POWER AMPLIFIER
PA7522 UTC-PA7522_15 Datasheet
210Kb / 8P
   DUAL 3-W BTL AUDIO POWER AMPLIFIER
logo
Sanyo Semicon Device
LA4628 SANYO-LA4628 Datasheet
98Kb / 8P
   Two-Channel 20 W BTL Audio Power Amplifier
logo
Hitachi Semiconductor
HA13118 HITACHI-HA13118 Datasheet
50Kb / 8P
   18 W BTL Audio Power Amplifier
logo
Panasonic Semiconductor
AN7511 PANASONIC-AN7511 Datasheet
160Kb / 9P
   1-W BTL audio power amplifier
AN7164 PANASONIC-AN7164 Datasheet
39Kb / 3P
   30 W BTL audio power amplifier
AN7199Z PANASONIC-AN7199Z Datasheet
131Kb / 17P
   Dual 20 W BTL power IC for car audio
AN7198Z PANASONIC-AN7198Z Datasheet
148Kb / 20P
   Dual 20 W BTL Power IC for Car Audio
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com