Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Z8PE003PZ010EC Datasheet(PDF) 11 Page - Zilog, Inc.

Part # Z8PE003PZ010EC
Description  FEATURE-ENHANCED Z8PLUS 1K ROM ONE-TIME PROGRAMMABLE (OTP) MICROCONTROLLER
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8PE003PZ010EC Datasheet(HTML) 11 Page - Zilog, Inc.

Back Button Z8PE003PZ010EC Datasheet HTML 7Page - Zilog, Inc. Z8PE003PZ010EC Datasheet HTML 8Page - Zilog, Inc. Z8PE003PZ010EC Datasheet HTML 9Page - Zilog, Inc. Z8PE003PZ010EC Datasheet HTML 10Page - Zilog, Inc. Z8PE003PZ010EC Datasheet HTML 11Page - Zilog, Inc. Z8PE003PZ010EC Datasheet HTML 12Page - Zilog, Inc. Z8PE003PZ010EC Datasheet HTML 13Page - Zilog, Inc. Z8PE003PZ010EC Datasheet HTML 14Page - Zilog, Inc. Z8PE003PZ010EC Datasheet HTML 15Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 48 page
background image
Z8PE003
ZiLOG
Z8Plus OTP Microcontroller
DS007500-Z8X0399
P R E L I M I N A R Y
11
ICC
Supply Current
3.0V
2.5
2.0
mA
@ 10 MHz
5,6
5.5V
6.0
3.5
mA
@ 10 MHz
5,6
ICC1
Standby Current
3.0V
2.0
1.0
mA
HALT mode VIN = 0V,
VCC @ 10 MHz
5,6
5.5V
4.0
2.5
mA
HALT mode VIN = 0V,
VCC @ 10 MHz
5,6
ICC2
Standby Current
500
150
nA
STOP mode VIN = 0V,
VCC
7
Table 5. DC Electrical Characteristics (Continued)
TA = 0ºC to +70ºC
Standard Temperatures
Typical2
@ 25°C
Sym
Parameter
VCC
1
Min
Max
Units Conditions
Notes
Notes:
1. The VCC voltage specification of 3.0V guarantees 3.0V; the VCC voltage specification of 5.5V guarantees 5.0V ±0.5V.
2. Typical values are measured at VCC = 3.3V and VCC = 5.0V; VSS = 0V = GND.
3. For the analog comparator input when the analog comparator is enabled.
4. No protection diode is provided from the pin to VCC. External protection is recommended.
5. All outputs are unloaded and all inputs are at the VCC or VSS level.
6. CL1 = CL2 = 22 pF.
7. Same as note 5, except inputs are at VCC.


Similar Part No. - Z8PE003PZ010EC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
Z8PE003PZ010SC ETC-Z8PE003PZ010SC Datasheet
69Kb / 1P
   electronics
More results

Similar Description - Z8PE003PZ010EC

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z8PE002 ZILOG-Z8PE002 Datasheet
608Kb / 48P
   FEATURE-ENHANCED Z8PLUS 0.5K ROM ONE-TIME PROGRAMMABLE(OTP) MICROCONTROLLER
logo
National Semiconductor ...
COP8782C NSC-COP8782C Datasheet
398Kb / 28P
   8-Bit One-Time Programmable (OTP) Microcontroller
COP87L88CL NSC-COP87L88CL Datasheet
385Kb / 34P
   8-Bit One-Time Programmable OTP Microcontroller
logo
OKI electronic componet...
MSM66P54 OKI-MSM66P54 Datasheet
298Kb / 22P
   One-Time Programmable (OTP) Speech Synthesizer
logo
National Semiconductor ...
COP8SA NSC-COP8SA_00 Datasheet
777Kb / 60P
   8-Bit CMOS ROM Based and One-Time Programmable (OTP) Microcontroller with 1k to 4k Memory, Power On Reset, and Very Small Packaging
logo
Texas Instruments
COP8SAA5 TI-COP8SAA5 Datasheet
820Kb / 62P
[Old version datasheet]   8-Bit CMOS ROM Based and One-Time Programmable (OTP) Microcontroller with 1k to 4k Memory, Power On Reset, and Very Small Packaging
logo
National Semiconductor ...
COP8SA NSC-COP8SA Datasheet
787Kb / 60P
   8-Bit CMOS ROM Based and One-Time Programmable OTP Microcontroller with 1k to 4k Memory, Power On Reset, and Very Small Packaging
logo
Xilinx, Inc
XC1700E XILINX-XC1700E_1 Datasheet
264Kb / 13P
   One-time programmable (OTP) read-only memory
logo
STMicroelectronics
ST27128AP STMICROELECTRONICS-ST27128AP Datasheet
570Kb / 10P
   128K (16Kx8) NMOS ONE TIME PROGRAMMABLE ROM
JUNE 1988
logo
Zilog, Inc.
Z8E000 ZILOG-Z8E000 Datasheet
547Kb / 45P
   FEATURE-RICH Z8 PLUS ONE-TIME-PROGRAMMABLE MICROCONTRONLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com