Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN7194K Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # AN7194K
Description  Dual BTL 50 W single power supply class-H power amplifier IC
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AN7194K Datasheet(HTML) 1 Page - Panasonic Semiconductor

  AN7194K Datasheet HTML 1Page - Panasonic Semiconductor AN7194K Datasheet HTML 2Page - Panasonic Semiconductor AN7194K Datasheet HTML 3Page - Panasonic Semiconductor AN7194K Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
ICs for Audio Common Use
1
AN7194K, AN7194Z
Dual BTL 50 W single power supply class-H power amplifier IC
s Overview
The AN7194K and AN7194Z are single power sup-
ply, BTL, audio class-H power amplifier ICs. A class-H
power amplifier can be made up when this ICs are used in
combination with the AN7077Z which is separately mar-
ket-available, and it is possible to make a low consump-
tion power system. Also, the AN7194K and AN7194Z
are incorporating various protection circuits, so that those
ICs contribute to the high reliability design of set.
s Features
• Incorporating various protection circuits :
Thermal protection, load short-cirucit, short circuit to
VCC and short circuit to GND, overvoltage.
• Built-in stand-by function
(Free from shock noise when standby turns-on/off)
• Built-in muting function
Free from shock noise at mute-on/off
Adapting attenuator method so that abnormal sound is
not generated due to waveform deformation
Attack time, recovery time are 20 ms or less
• Reduction in external components
NF and BS electrolytic capacitors are needless
RF electrolytic capacitor is needless
External muting function is needless
• OR output terminal is provided
• Designed for headphone use
• The AN7194K is of a 16-pin and the AN7194Z is of a
15-pin package
s Applications
• Miniature audio component, CD player radio cassette,
karaoke are other audio equipment
HZIP016-P-0665B
11.3±0.3
7.7±0.3
φ3.6
R1.8
3.5±0.2
(12.5)
(14.1)
(18.7)
(1.2)
(21.5)
(17.63)
R0.7
AN7194K
HZIP015-P-0745A
AN7194Z
10.0±0.30
3.25±0.10
13.25±0.30
18.95±0.50
15.65±0.50
2.40±0.50


Similar Part No. - AN7194K

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
AN719 SILABS-AN719 Datasheet
593Kb / 2P
   PRECISION32??MCU DEVELOPMENT KIT QUICK-START GUIDE
AN719 SILABS-AN719 Datasheet
3Mb / 40P
   PRECISION32??IDE AND APPBUILDER DETAILED TUTORIAL AND WALKTHROUGH
logo
Panasonic Semiconductor
AN7190 PANASONIC-AN7190 Datasheet
55Kb / 5P
   Dual 20 W BTL power amplifier
logo
List of Unclassifed Man...
AN7190K ETC2-AN7190K Datasheet
2Mb / 31P
   SEMICONDUCTORS
logo
Panasonic Semiconductor
AN7190NK PANASONIC-AN7190NK Datasheet
55Kb / 5P
   Dual 20 W BTL power amplifier
More results

Similar Description - AN7194K

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA749213TR STMICROELECTRONICS-TDA749213TR Datasheet
537Kb / 32P
   50 W 50 W dual BTL class-D audio amplifier
logo
Panasonic Semiconductor
AN7077Z PANASONIC-AN7077Z Datasheet
54Kb / 5P
   Power supply and boost IC for class-H power amplifier
AN7190NK PANASONIC-AN7190NK Datasheet
55Kb / 5P
   Dual 20 W BTL power amplifier
logo
Sanyo Semicon Device
STK402-090 SANYO-STK402-090 Datasheet
54Kb / 5P
   Two-Channel Class AB Audio Power Amplifier IC 50 W 50 W
logo
Toshiba Semiconductor
TB2923HQ TOSHIBA-TB2923HQ Datasheet
300Kb / 17P
   50 W × 4-ch BTL Audio Power IC
2006-11-30
TB2924AFG TOSHIBA-TB2924AFG Datasheet
774Kb / 16P
   Class D, 20 W × 2-channel (BTL) Low-Frequency Power Amplifier IC
2007-01-26
logo
STMicroelectronics
TDA7492MV STMICROELECTRONICS-TDA7492MV Datasheet
647Kb / 26P
   50 W mono BTL class-D audio amplifier
logo
Unisonic Technologies
PA7522 UTC-PA7522 Datasheet
210Kb / 8P
   DUAL 3-W BTL AUDIO POWER AMPLIFIER
PA7522 UTC-PA7522_15 Datasheet
210Kb / 8P
   DUAL 3-W BTL AUDIO POWER AMPLIFIER
logo
Toshiba Semiconductor
TB2921HQ TOSHIBA-TB2921HQ Datasheet
213Kb / 11P
   Maximum Power 50 W BTL × 4-ch Audio Power IC
2006-05-25
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com