Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IR01H224-P2 Datasheet(PDF) 1 Page - International Rectifier

Part # IR01H224-P2
Description  HIGH VOLTAGE HALF BRIDGE
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR01H224-P2 Datasheet(HTML) 1 Page - International Rectifier

  IR01H224-P2 Datasheet HTML 1Page - International Rectifier IR01H224-P2 Datasheet HTML 2Page - International Rectifier IR01H224-P2 Datasheet HTML 3Page - International Rectifier IR01H224-P2 Datasheet HTML 4Page - International Rectifier IR01H224-P2 Datasheet HTML 5Page - International Rectifier IR01H224-P2 Datasheet HTML 6Page - International Rectifier IR01H224-P2 Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Data Sheet No. PD-6.075-G
IR01H(D)214 / IR01H(D)214-P2
IR01H(D)224 / IR01H(D)224-P2
IR01H(D)420 / IR01H(D)420-P2
Typical Connection
Features
Output Power MOSFETs in half-bridge configuration
500V rated breakdown voltage
High side gate drive designed for bootstrap
operation
Matched propagation delay for both channels
Undervoltage lockout
5V Schmitt-triggered input logic
Half-Bridge output in phase with HIN
Heatsink version (P2) with improved PD
Description
The IR01H(D)xxx is a high voltage, high speed half
bridge. Proprietary HVIC and latch immune CMOS
technologies, along with the HEXFET power
MOSFET technology, enable ruggedized single
package construction. The logic inputs are compat-
ible with standard CMOS or LSTTL outputs. The
front end features an independent high and low side
driver in phase with the logic compatible input
signals. The output features two HEXFETs in a half-
bridge configuration with a high pulse current buffer
stage designed for minimum cross-conduction in the
half bridge. Propagation delays for the high and low
side power MOSFETs are matched to simplify use.
HIGH VOLTAGE HALF BRIDGE
1
Packages
Product Summary
250V- 214/224
500V - 420
ton/off
130 & 90 ns
trr
260 ns
RDS(on)
2.0
Ω - H214
1.1
Ω - H224
3.0
Ω - H420
PD(TA = 25oC)
2.0W
4.0W - P2
VIN (max)
HV DC Bus
NOTE: D1 is not required for
the HD type
VIN
COM
H
IN
1
2
3
4
6
7
9
Vcc
COM
VO
V
IN
V
B
TO
LOAD
H
IN
L
IN
Vcc
L
IN
D1


Similar Part No. - IR01H224-P2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IR02ER100K VISHAY-IR02ER100K Datasheet
175Kb / 4P
   Inductors Epoxy Conformal Coated Uniform Roll Coated
Revision: 31-Jan-06
logo
International Rectifier
IR02H420 IRF-IR02H420 Datasheet
83Kb / 6P
   HIGH VOLTAGE HALF-BRIDGE
logo
New Jersey Semi-Conduct...
IR03909 NJSEMI-IR03909 Datasheet
89Kb / 1P
   Rectifiers Fast Recovery
logo
International Rectifier
IR03H420 IRF-IR03H420 Datasheet
59Kb / 6P
   HIGH VOLTAGE HALF-BRIDGE
IR04H420 IRF-IR04H420 Datasheet
61Kb / 6P
   HIGH VOLTAGE HALF-BRIDGE
More results

Similar Description - IR01H224-P2

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR03H420 IRF-IR03H420 Datasheet
59Kb / 6P
   HIGH VOLTAGE HALF-BRIDGE
IR062HD4C10U-P2 IRF-IR062HD4C10U-P2 Datasheet
50Kb / 7P
   HIGH VOLTAGE HALF BRIDGE
IR04H420 IRF-IR04H420 Datasheet
61Kb / 6P
   HIGH VOLTAGE HALF-BRIDGE
IR02H420 IRF-IR02H420 Datasheet
83Kb / 6P
   HIGH VOLTAGE HALF-BRIDGE
logo
Mitsubishi Electric Sem...
M81702FP MITSUBISHI-M81702FP Datasheet
49Kb / 5P
   HIGH VOLTAGE HALF BRIDGE DRIVER
M81700FP MITSUBISHI-M81700FP Datasheet
50Kb / 5P
   HIGH VOLTAGE HALF BRIDGE DRIVER
logo
STMicroelectronics
L6384 STMICROELECTRONICS-L6384 Datasheet
78Kb / 10P
   HIGH-VOLTAGE HALF BRIDGE DRIVER
logo
Mitsubishi Electric Sem...
M81703FP MITSUBISHI-M81703FP Datasheet
46Kb / 5P
   HIGH VOLTAGE HALF BRIDGE DRIVER
M81713FP MITSUBISHI-M81713FP_09 Datasheet
78Kb / 5P
   HIGH VOLTAGE HALF BRIDGE DRIVER
M81736FP MITSUBISHI-M81736FP Datasheet
618Kb / 7P
   HIGH VOLTAGE HALF BRIDGE DRIVER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com