Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN7195 Datasheet(PDF) 8 Page - Panasonic Semiconductor

Part # AN7195
Description  Dual 15 W BTL power IC for car audio
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AN7195 Datasheet(HTML) 8 Page - Panasonic Semiconductor

Back Button AN7195 Datasheet HTML 4Page - Panasonic Semiconductor AN7195 Datasheet HTML 5Page - Panasonic Semiconductor AN7195 Datasheet HTML 6Page - Panasonic Semiconductor AN7195 Datasheet HTML 7Page - Panasonic Semiconductor AN7195 Datasheet HTML 8Page - Panasonic Semiconductor AN7195 Datasheet HTML 9Page - Panasonic Semiconductor AN7195 Datasheet HTML 10Page - Panasonic Semiconductor AN7195 Datasheet HTML 11Page - Panasonic Semiconductor AN7195 Datasheet HTML 12Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
AN7195Z
ICs for Audio Common Use
8
s Technical Information (continued)
[2] Application note (continued)
2. Oscillation countermeasures
1) In order to increase the oscillation allowance, connect a capacitor and
a resistor in series between each output terminal and GND as shown
in figure 2.
2) The use of polyester film capacitor having a little fluctuation with
temperature and frequency is recommended as the 0.1
µF capacitor
for oscillation prevention.
3. Input terminal
1) The reference voltage of input terminal is 0 V. When the input signal has a reference voltage other than 0 V
potential, connect a coupling capacitor (of about several
µF) for DC component cut in series with the input
terminal. Check the low-pass frequency characteristics to determine the capacitor value.
2) 10 k
Ω or less of signal source impedance R
g can reduce the output end noise voltage.
3) The output offset voltage fluctuates when the signal source impedance Rg is changed. A care must be taken
when using the circuit by directly connecting the volume to the input terminal. In such a case, the use of
coupling capacitor is recommended.
4) If a high frequency signal from tuners enters the input terminal as noise, insert a capacitor of approx. 0.01
µF
between the input terminal and input GND.
When a high frequency signal is inputted, malfunction in protective circuits may occur.
Figure 3
4. Ripple filter
1) In order to suppress the fluctuation of supply voltage, connect a capacitor of approx. 33
µF between RF
terminal (pin12) and GND.
2) Relation between RR (Ripple Rejection Ratio) and a capacitor
The larger the capacitance of the ripple filter is, the better the ripple rejection becomes.
3) Relation between the rise time of circuit and a capacitor
The larger the capacitance of the ripple filter is, the longer the time from the power on (standby high) to the
sound release becomes.
4) The DC voltage of output terminal is approximately the middle point of the ripple filter terminal voltage.
5) The internal circuit of ripple filter terminal is as shown in figure 4 and the charge current is approx. 3 mA to
10 mA.
6) The muting circuit turns on when the ripple filter terminal is VCC − 4 VBE or less.
For that reason, abnormal sound due to waveform distortion at rising and falling of the circuit is not released.
4.7 k
30 k
200
6
11
400
15
µA
0.01
µF
1
µF
15
µA
Attenuator
To power
Input signal
2.2
0.1
µF
2,4
1
13,15
3,14
To speaker
Figure 2


Similar Part No. - AN7195

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN7195 PANASONIC-AN7195 Datasheet
102Kb / 12P
   Dual 15 W BTL power IC for car audio
AN7195K PANASONIC-AN7195K Datasheet
102Kb / 12P
   Dual 15 W BTL power IC for car audio
More results

Similar Description - AN7195

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN7195K PANASONIC-AN7195K Datasheet
102Kb / 12P
   Dual 15 W BTL power IC for car audio
AN7196K PANASONIC-AN7196K Datasheet
50Kb / 5P
   Dual 15 W BTL power IC for car audio
AN7196Z PANASONIC-AN7196Z Datasheet
101Kb / 12P
   Dual 15 W BTL power IC for car audio
AN7199Z PANASONIC-AN7199Z Datasheet
131Kb / 17P
   Dual 20 W BTL power IC for car audio
AN7198Z PANASONIC-AN7198Z Datasheet
148Kb / 20P
   Dual 20 W BTL Power IC for Car Audio
AN7551Z PANASONIC-AN7551Z Datasheet
100Kb / 11P
   Power IC for BTL car audio
AN7561Z PANASONIC-AN7561Z Datasheet
100Kb / 11P
   BTL output power IC for car audio
AN7555NZ PANASONIC-AN7555NZ Datasheet
56Kb / 5P
   BTL output power IC for car audio
AN7555Z PANASONIC-AN7555Z Datasheet
59Kb / 5P
   BTL output power IC for car audio
AN7560Z PANASONIC-AN7560Z Datasheet
109Kb / 10P
   BTL output power IC for car audio
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com