Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HFA08PB120S Datasheet(PDF) 1 Page - International Rectifier

Part # HFA08PB120S
Description  Ultrafast, Soft Recovery Diode
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

HFA08PB120S Datasheet(HTML) 1 Page - International Rectifier

  HFA08PB120S Datasheet HTML 1Page - International Rectifier HFA08PB120S Datasheet HTML 2Page - International Rectifier HFA08PB120S Datasheet HTML 3Page - International Rectifier HFA08PB120S Datasheet HTML 4Page - International Rectifier HFA08PB120S Datasheet HTML 5Page - International Rectifier HFA08PB120S Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Parameter
Max.
Units
VR
Cathode-to-Anode Voltage
1200
V
IF @ TC = 25°C
Continuous Forward Current
IF @ TC = 100°C
Continuous Forward Current
8.0
IFSM
Single Pulse Forward Current
130
IFRM
Maximum Repetitive Forward Current
32
IAS
Maximum Single Pulse Avalanche Current
8.0
PD @ TC = 25°C
Maximum Power Dissipation
73.5
PD @ TC = 100°C
Maximum Power Dissipation
29
TJ
Operating Junction and
TSTG
Storage Temperature Range
PD -2.365A
• Ultrafast Recovery
• Ultrasoft Recovery
• Very Low IRRM
• Very Low Qrr
• Guaranteed Avalanche
• Specified at Operating Conditions
Benefits
• Reduced RFI and EMI
• Reduced Power Loss in Diode and Switching
Transistor
• Higher Frequency Operation
• Reduced Snubbing
• Reduced Parts Count
Features
Description
International Rectifier's HFA08PB120 is a state of the art center tap ultra fast
recovery diode. Employing the latest in epitaxial construction and advanced
processing techniques it features a superb combination of characteristics which
result in performance which is unsurpassed by any rectifier previously available.
With basic ratings of 1200 volts and 8 amps continuous current, the HFA08PB120
is especially well suited for use as the companion diode for IGBTs and
MOSFETs. In addition to ultra fast recovery time, the HEXFRED product line
features extremely low values of peak recovery current (IRRM) and does not
exhibit any tendency to "snap-off" during the tb portion of recovery. The
HEXFRED features combine to offer designers a rectifier with lower noise and
significantly lower switching losses in both the diode and the switching transistor.
These HEXFRED advantages can help to significantly reduce snubbing,
component count and heatsink sizes. The HEXFRED HFA08PB120 is ideally
suited for applications in power supplies and power conversion systems (such
as inverters), motor drives, and many other similar applications where high
speed, high efficiency is needed.
Ultrafast, Soft Recovery Diode
HEXFREDTM
HFA08PB120
Absolute Maximum Ratings
-55 to +150
W
A
°C
5/12/97
VR = 1200V
VF(typ.)* = 2.4V
IF(AV) = 8.0A
Qrr (typ.)= 140nC
IRRM(typ.) = 4.5A
trr(typ.) = 28ns
di(rec)M/dt (typ.)* = 85A/µs
* 125°C
TO-247AC
(Modified)


Similar Part No. - HFA08PB120S

ManufacturerPart #DatasheetDescription
logo
International Rectifier
HFA08PB120 IRF-HFA08PB120 Datasheet
174Kb / 7P
   Ultrafast, Soft Recovery Diode
logo
Vishay Siliconix
HFA08PB120 VISHAY-HFA08PB120 Datasheet
129Kb / 7P
   Ultrafast Soft Recovery Diode, 8 A
Revision: 30-Jul-08
HFA08PB120 VISHAY-HFA08PB120 Datasheet
128Kb / 7P
   Ultrafast Soft Recovery Diode, 8 A
Revision: 25-Jul-08
logo
International Rectifier
HFA08PB120PBF IRF-HFA08PB120PBF Datasheet
188Kb / 6P
   Ultrafast, SoftRecoveryDiode
logo
Vishay Siliconix
HFA08PB120PBF VISHAY-HFA08PB120PBF Datasheet
129Kb / 7P
   Ultrafast Soft Recovery Diode, 8 A
Revision: 30-Jul-08
More results

Similar Description - HFA08PB120S

ManufacturerPart #DatasheetDescription
logo
International Rectifier
HFA25TB60 IRF-HFA25TB60 Datasheet
263Kb / 6P
   Ultrafast, Soft Recovery Diode
HFA80NC40C IRF-HFA80NC40C Datasheet
192Kb / 5P
   Ultrafast, Soft Recovery Diode
150EBU04 IRF-150EBU04 Datasheet
150Kb / 6P
   Ultrafast Soft Recovery Diode
80EBU04 IRF-80EBU04 Datasheet
147Kb / 7P
   Ultrafast Soft Recovery Diode
HFA120MD40C IRF-HFA120MD40C Datasheet
298Kb / 5P
   Ultrafast, Soft Recovery Diode
HFA15TB60 IRF-HFA15TB60 Datasheet
205Kb / 6P
   Ultrafast, Soft Recovery Diode
HFA70NH60 IRF-HFA70NH60 Datasheet
325Kb / 5P
   Ultrafast, Soft Recovery Diode
HFA40HF120C IRF-HFA40HF120C_15 Datasheet
142Kb / 5P
   Ultrafast, Soft Recovery Diode
HFA45HI60C IRF-HFA45HI60C_15 Datasheet
137Kb / 3P
   Ultrafast, Soft Recovery Diode
HFB50HC20C IRF-HFB50HC20C_15 Datasheet
137Kb / 5P
   Ultrafast, Soft Recovery Diode
HFA140NJ60D IRF-HFA140NJ60D Datasheet
319Kb / 5P
   Ultrafast, Soft Recovery Diode
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com