Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Z86D99 Datasheet(PDF) 11 Page - Zilog, Inc.

Part # Z86D99
Description  Low-Voltage Micro controllers with ADC
Download  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86D99 Datasheet(HTML) 11 Page - Zilog, Inc.

Back Button Z86D99 Datasheet HTML 7Page - Zilog, Inc. Z86D99 Datasheet HTML 8Page - Zilog, Inc. Z86D99 Datasheet HTML 9Page - Zilog, Inc. Z86D99 Datasheet HTML 10Page - Zilog, Inc. Z86D99 Datasheet HTML 11Page - Zilog, Inc. Z86D99 Datasheet HTML 12Page - Zilog, Inc. Z86D99 Datasheet HTML 13Page - Zilog, Inc. Z86D99 Datasheet HTML 14Page - Zilog, Inc. Z86D99 Datasheet HTML 15Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 102 page
background image
Z86D990/Z86D991 OTP and Z86L99X ROM
Low-Voltage Microcontrollers with ADC
PS003807-1002
P
R
E
L
I
M
I
N
A
R
Y
4
Functional Block Diagram
Figure 1 shows the functional block diagram for the microcontrollers.
Figure 1. Functional Block Diagram
Register File
256 x 8-bit
Z8 Core
VDD_padring***
VDD_CORE
Program
Memory
††
256 Bytes
Two Analog
Comparators
16-Bit C/T
(Modulation)
MUX
8-Bit A/D†
ADC0/P44
ADC1/P45
ADC2/P46
ADC3/P47
Port 2
Port 6
**
Port 5
Port 4
7
0
7
0
7
0
7
0
Power Filter
8
Expanded
Register File
8
8-Bit C/T
(General)
8-Bit C/T
(Carrier)
VRef–
VRef+
Machine
Timing
and
Instruction
Control
XTAL 1
XTAL 2
*Controlled Current Output
*
Controlled
Current
Output
P43
P53
CREF2
CREF1
P50
P52
CIN2
CIN1
P51
**P6 is only in the Z86L990/Z86D990.
†ADC is only in the Z86L990/Z86D990.
††Program memory is as follows:
Z86D990
32K OTP
Z86D991
32K OTP
Z86L990
16K ROM
Z86L991
16K ROM
***In the 28-pin package, VDD_padring and VDD_CORE
are bonded together.


Similar Part No. - Z86D99

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z86D99 ZILOG-Z86D99 Datasheet
1Mb / 91P
   Low-Voltage Microcontrollers
Z86D990HZ008SC ZILOG-Z86D990HZ008SC Datasheet
1Mb / 91P
   Low-Voltage Microcontrollers
Z86D990PZ008SC ZILOG-Z86D990PZ008SC Datasheet
1Mb / 91P
   Low-Voltage Microcontrollers
Z86D991PZ008SC ZILOG-Z86D991PZ008SC Datasheet
1Mb / 91P
   Low-Voltage Microcontrollers
Z86D991SZ008SC ZILOG-Z86D991SZ008SC Datasheet
1Mb / 91P
   Low-Voltage Microcontrollers
More results

Similar Description - Z86D99

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4261 LINER-LTC4261 Datasheet
370Kb / 32P
   Negative Voltage Hot Swap Controllers with ADC and I2C Monitoring
LTC4261 LINER-LTC4261_15 Datasheet
341Kb / 34P
   Negative Voltage Hot Swap Controllers with ADC and I2C Monitoring
LTC4261-2 LINER-LTC4261-2_15 Datasheet
341Kb / 34P
   Negative Voltage Hot Swap Controllers with ADC and I2C Monitoring
logo
ON Semiconductor
NCP1582 ONSEMI-NCP1582 Datasheet
155Kb / 16P
   Low Voltage Synchronous Buck Controllers
July, 2006 ??Rev. 2
logo
Freescale Semiconductor...
MC68HC11A1CFNE3 FREESCALE-MC68HC11A1CFNE3 Datasheet
3Mb / 52P
   8-Bit Micro controllers
logo
Maxim Integrated Produc...
MAX8737 MAXIM-MAX8737 Datasheet
749Kb / 15P
   Dual, Low-Voltage Linear Regulator Controllers with External MOSFETs
Rev 0; 5/05
logo
Linear Technology
LTC4214-2 LINER-LTC4214-2_15 Datasheet
282Kb / 32P
   Negative Low Voltage Hot Swap Controllers
LTC4214-1 LINER-LTC4214-1_15 Datasheet
282Kb / 32P
   Negative Low Voltage Hot Swap Controllers
LTC4214-1 LINER-LTC4214-1 Datasheet
273Kb / 32P
   Negative Low Voltage Hot Swap Controllers
logo
Supertex, Inc
HV9105 SUTEX-HV9105 Datasheet
320Kb / 7P
   High-Voltage Switchmode Controllers with MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com