Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN7196 Datasheet(PDF) 7 Page - Panasonic Semiconductor

Part # AN7196
Description  Dual 15 W BTL power IC for car audio
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AN7196 Datasheet(HTML) 7 Page - Panasonic Semiconductor

Back Button AN7196 Datasheet HTML 3Page - Panasonic Semiconductor AN7196 Datasheet HTML 4Page - Panasonic Semiconductor AN7196 Datasheet HTML 5Page - Panasonic Semiconductor AN7196 Datasheet HTML 6Page - Panasonic Semiconductor AN7196 Datasheet HTML 7Page - Panasonic Semiconductor AN7196 Datasheet HTML 8Page - Panasonic Semiconductor AN7196 Datasheet HTML 9Page - Panasonic Semiconductor AN7196 Datasheet HTML 10Page - Panasonic Semiconductor AN7196 Datasheet HTML 11Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
ICs for Audio Common Use
AN7196Z
7
s Technical Information
[1] PD  Ta curves of HZIP015-P-0745A
PD  Ta
120
113.6
100
80
59.5
60
40.3
40
30.5
20.5
11.3
1.8
0
0
25
50
75
100
125
150
20
Infinity heat sink
1
°C/W heat sink
2
°C/W heat sink
3
°C/W heat sink
5
°C/W heat sink
10
°C/W heat sink
Without heat sink
Ambient temperature T
a (°C)
Rth (j−c) = 1.1°C/W
Rth (j−a) = 68.3°C/W
[2] Application note
1. Standby function
1) The power can be turned on or off by
making pin 5 (standby terminal) high
or low.
2) The standby terminal has threshold
voltage of approx. 2.1 V, however, it
has temperature dependency of
approx.
− 6 mV/°C. The recommended
range of use is shown in table 1.
3)
The internal circuit of standby terminal is as shown in figure 1. When the standby terminal is high, the current
approximately expressed by the following equation will flow into the circuit.
ISTB =
VSTB−2.7 V
[mA]
10 k
Figure 1
4) A power supply with no ripple component should be used for the control voltage of standby terminal .
3.5 k
Ω 3.5 kΩ 3.5 kΩ 3.5 kΩ
10 k
5 V
0 V
5
RF
Sub
VSTB
Constant
current source
Protection
circuit
Terminal state
Terminal voltage
Power
Open
0 V
Standby state
Low
0 V to 1.0 V
Standby state
High
Higher than 3 V
Operating state
Table 1


Similar Part No. - AN7196

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN7196 PANASONIC-AN7196 Datasheet
50Kb / 5P
   Dual 15 W BTL power IC for car audio
AN7196K PANASONIC-AN7196K Datasheet
50Kb / 5P
   Dual 15 W BTL power IC for car audio
More results

Similar Description - AN7196

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN7195K PANASONIC-AN7195K Datasheet
102Kb / 12P
   Dual 15 W BTL power IC for car audio
AN7195Z PANASONIC-AN7195Z Datasheet
100Kb / 12P
   Dual 15 W BTL power IC for car audio
AN7196K PANASONIC-AN7196K Datasheet
50Kb / 5P
   Dual 15 W BTL power IC for car audio
AN7199Z PANASONIC-AN7199Z Datasheet
131Kb / 17P
   Dual 20 W BTL power IC for car audio
AN7198Z PANASONIC-AN7198Z Datasheet
148Kb / 20P
   Dual 20 W BTL Power IC for Car Audio
AN7551Z PANASONIC-AN7551Z Datasheet
100Kb / 11P
   Power IC for BTL car audio
AN7561Z PANASONIC-AN7561Z Datasheet
100Kb / 11P
   BTL output power IC for car audio
AN7555NZ PANASONIC-AN7555NZ Datasheet
56Kb / 5P
   BTL output power IC for car audio
AN7555Z PANASONIC-AN7555Z Datasheet
59Kb / 5P
   BTL output power IC for car audio
AN7560Z PANASONIC-AN7560Z Datasheet
109Kb / 10P
   BTL output power IC for car audio
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com