Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZLR16300P2008G Datasheet(PDF) 3 Page - Zilog, Inc.

Part # ZLR16300P2008G
Description  Z8 Low Voltage ROM MCUs with Infrared Timers
Download  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

ZLR16300P2008G Datasheet(HTML) 3 Page - Zilog, Inc.

  ZLR16300P2008G Datasheet HTML 1Page - Zilog, Inc. ZLR16300P2008G Datasheet HTML 2Page - Zilog, Inc. ZLR16300P2008G Datasheet HTML 3Page - Zilog, Inc. ZLR16300P2008G Datasheet HTML 4Page - Zilog, Inc. ZLR16300P2008G Datasheet HTML 5Page - Zilog, Inc. ZLR16300P2008G Datasheet HTML 6Page - Zilog, Inc. ZLR16300P2008G Datasheet HTML 7Page - Zilog, Inc. ZLR16300P2008G Datasheet HTML 8Page - Zilog, Inc. ZLR16300P2008G Datasheet HTML 9Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 94 page
background image
CrimzonTM ZLR16300
Product Specification
PS021413-1205
iii
Revision History
Each instance in Table 1 reflects a change to this document from its previous revi-
sion. To see more detail, click the appropriate link in the table.
Table 1. Revision History of this Document
Date
Revision
Level
Description
Page#
December
2004
07
Changed low power consumption and current usage for STOP and HALT
modes, removed mask option note, and added characterization data to
Table 7.
1, 2, 8
Removed Preliminary designation
All
January
2005
08
Changed low power consumption value to 5mW. Changed STOP and
HALT mode current values to 1.3
μA and 0.5mA respectively. Changed
VCC Low Voltage Protection typical rating to 1.8V.
1, 12
April 2005 09
Clarified Port 1 reserved address status by removing Port 1 in Figure 1
and adding a note in Figure 12. Reference CR5843.
3, 21
June 2005 10
Added 1K and 2K parts.
All
August
2005
11
Added caution to
Input/Output Ports on page 12. Updated Ordering
Information on page 80.
September
2005
12
Updated
Ordering Information on page 80.
December
2005
13
Updated the Section
Input output port
and Clock.
12, 47


Similar Part No. - ZLR16300P2008G

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
ZLR16300P2008G MAXIM-ZLR16300P2008G Datasheet
590Kb / 92P
   Low-Voltage ROM MCUs with Infrared Timers
Rev 0; 5/09
More results

Similar Description - ZLR16300P2008G

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
ZLR16300 MAXIM-ZLR16300 Datasheet
590Kb / 92P
   Low-Voltage ROM MCUs with Infrared Timers
Rev 0; 5/09
logo
Zilog, Inc.
ZLR32300 ZILOG-ZLR32300 Datasheet
1Mb / 98P
   Z8 Low-Voltage ROM MCU with Infrared Timers
logo
Maxim Integrated Produc...
ZLR32300 MAXIM-ZLR32300 Datasheet
618Kb / 103P
   Low-Voltage ROM MCU with Infrared Timers
Rev 0; 5/09
logo
Zilog, Inc.
Z86C21 ZILOG-Z86C21 Datasheet
413Kb / 35P
   8K ROM Z8 CMOS MICROCONTROLLER
Z86C66 ZILOG-Z86C66 Datasheet
279Kb / 10P
   CMOS Z8 16K ROM Microcontroller
Z86C63 ZILOG-Z86C63 Datasheet
143Kb / 17P
   CMOS Z8 32K ROM MICROCONTROLLER
logo
STMicroelectronics
ST6215L STMICROELECTRONICS-ST6215L Datasheet
84Kb / 10P
   LOW VOLTAGE 8-BIT ROM MCUs WITH A/D CONVERTER AND 28 PINS
ST6200L STMICROELECTRONICS-ST6200L Datasheet
85Kb / 10P
   LOW VOLTAGE 8-BIT ROM MCUs WITH A/D CONVERTER,AND 16 PINS
ST6208L STMICROELECTRONICS-ST6208L Datasheet
86Kb / 10P
   LOW VOLTAGE 8-BIT ROM MCUs WITH A/D CONVERTER AND 20 PINS
logo
Zilog, Inc.
Z8FMC16100 ZILOG-Z8FMC16100 Datasheet
4Mb / 402P
   Z8 Encore-R Motor Control Flash MCUs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com