Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Z0220516SSCR4292T Datasheet(PDF) 7 Page - Zilog, Inc.

Part # Z0220516SSCR4292T
Description  MODEM CONTROLLER IDEAL FOR LOW POWER CONSUMPTION, SMALL SIZE REQUIREMENTS
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z0220516SSCR4292T Datasheet(HTML) 7 Page - Zilog, Inc.

Back Button Z0220516SSCR4292T Datasheet HTML 3Page - Zilog, Inc. Z0220516SSCR4292T Datasheet HTML 4Page - Zilog, Inc. Z0220516SSCR4292T Datasheet HTML 5Page - Zilog, Inc. Z0220516SSCR4292T Datasheet HTML 6Page - Zilog, Inc. Z0220516SSCR4292T Datasheet HTML 7Page - Zilog, Inc. Z0220516SSCR4292T Datasheet HTML 8Page - Zilog, Inc. Z0220516SSCR4292T Datasheet HTML 9Page - Zilog, Inc. Z0220516SSCR4292T Datasheet HTML 10Page - Zilog, Inc. Z0220516SSCR4292T Datasheet HTML 11Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
Z02205
ZiLOG
Modem Controller
PS001000-MOD0599
5
STANDARD TEST CONDITIONS
The characteristics listed below apply for standard test con-
ditions as noted. All voltages are referenced to GND. Pos-
itive current flows into the referenced pin (Figure 3).
CAPACITANCE
TA = 25°C, VCC = GND = 0V, f = 1.0 MHz, Unmeasured pins to GND
DC ELECTRICAL CHARACTERISTICS
Figure 3. Test Load Diagram
From Output
Under Test
150 pF
I
Parameter
Min
Max
Input capacitance
0
12 pF
Output capacitance
0
12 pF
I/O capacitance
0
12 pF
VCC
TA = 0° C to +70°C
Sym
Parameter
Note [3]
Min
Max
Typical [1]
@ 25°C
Units
Conditions
Notes
VCH
Clock Input High
Voltage
5.5V
0.7 VCC
VCC+0.3
2.6
V
Driven by
External Clock
Generator
VCL
Clock Input Low
Voltage
5.5V
GND–0.3
0.2 VCC
2.1
V
Driven by External
Clock Generator
VIH
Input High
Voltage
5.5V
0.7 VCC
VCC+0.3
2.6
V
VIL
Input Low
Voltage
5.5V
GND–0.3
0.2 VCC
1.6
V
VOH1
Output High
Voltage
5.5V
VCC–0.4
4.8
V
IOH = –2.0 mA
8
VOL1
Output Low
Voltage
5.5V
0.4
0.1
V
IOL = +4.0 mA
8
VOL2
Output Low
Voltage
5.5V
1.2
0.4
V
IOL = +12 mA
8
VOFFSET
Comparator
Input Offset
Voltage
5.5V
25
10
mV
10
IIL
Input Leakage
5.5V
–1
2
0.004
µA
VIN = 0V, VCC
IOL
Output Leakage
5.5V
–1
1
0.004
µA
VIN = 0V, VCC


Similar Part No. - Z0220516SSCR4292T

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z02205 ZILOG-Z02205 Datasheet
19Kb / 3P
   MODEM EVALUATION KIT
More results

Similar Description - Z0220516SSCR4292T

ManufacturerPart #DatasheetDescription
logo
HuaXinAn Electronics CO...
JZC-22F2A HUAXINAN-JZC-22F2A Datasheet
687Kb / 1P
   Small size, light weight .Low coil power consumption
JZC-22F2C HUAXINAN-JZC-22F2C Datasheet
687Kb / 1P
   Small size, light weight .Low coil power consumption
JZC-22F3A HUAXINAN-JZC-22F3A Datasheet
687Kb / 1P
   Small size, light weight .Low coil power consumption
JZC-22FA HUAXINAN-JZC-22FA Datasheet
687Kb / 1P
   Small size, light weight .Low coil power consumption
JZC-22FC HUAXINAN-JZC-22FC Datasheet
687Kb / 1P
   Small size, light weight .Low coil power consumption
JZC-22F3C HUAXINAN-JZC-22F3C Datasheet
687Kb / 1P
   Small size, light weight .Low coil power consumption
JZC-22F2B HUAXINAN-JZC-22F2B Datasheet
687Kb / 1P
   Small size, light weight .Low coil power consumption
JZC-22F3B HUAXINAN-JZC-22F3B Datasheet
687Kb / 1P
   Small size, light weight .Low coil power consumption
JZC-22FB HUAXINAN-JZC-22FB Datasheet
687Kb / 1P
   Small size, light weight .Low coil power consumption
logo
DB Lectro Inc
JZC-7F DBLECTRO-JZC-7F Datasheet
321Kb / 2P
   Small size, light weight, Low price. Low coil power consumption
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com