Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AIC1653CVBG Datasheet(PDF) 1 Page - Analog Intergrations Corporation

Part # AIC1653CVBG
Description  Micropower Inverting DC/DC Converter in SOT-23-5
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC1653CVBG Datasheet(HTML) 1 Page - Analog Intergrations Corporation

  AIC1653CVBG Datasheet HTML 1Page - Analog Intergrations Corporation AIC1653CVBG Datasheet HTML 2Page - Analog Intergrations Corporation AIC1653CVBG Datasheet HTML 3Page - Analog Intergrations Corporation AIC1653CVBG Datasheet HTML 4Page - Analog Intergrations Corporation AIC1653CVBG Datasheet HTML 5Page - Analog Intergrations Corporation AIC1653CVBG Datasheet HTML 6Page - Analog Intergrations Corporation AIC1653CVBG Datasheet HTML 7Page - Analog Intergrations Corporation AIC1653CVBG Datasheet HTML 8Page - Analog Intergrations Corporation AIC1653CVBG Datasheet HTML 9Page - Analog Intergrations Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
AIC1653
Micropower Inverting DC/DC Converter in SOT-23-5
Analog Integrations Corporation
4F, 9 Industry E. 9th Rd, Science-Based Industrial Park, Hsinchu, Taiwan
DS-1653-02 122203
TEL: 886-3-5772500
FAX: 886-3-5772510
www.analog.com.tw
1
FEATURES
Low Quiescent Current:
15
µA in Active Mode
<1
µA in Shutdown Mode
Operates with VIN as Low as 1.8V
Uses Small Surface Mount Components
High Output Voltage: Up to -28V
Low profile 5-Lead SOT-23-5 Package
APPLICATIONS
LCD Bias
Hand-Held Computers
Battery Backup
Digital Still Cameras
DESCRIPTION
The AIC1653 is a micropower inverting DC/DC
converter in 5-lead SOT-23 package. It is designed
for power systems with a 100mA current limit and
an input voltage ranging from 1.8V to 10V. Besides,
AIC1653 features a quiescent current of only 15
µA
at no load, which further reduces to 0.5µA when
shutdown. The schemes of current limited and
fixed off-time control conserve operating current,
resulting in high efficiency over a broad range of
load current. In addition, the 30V switch of
AIC1653 allows high voltage outputs up to -28V,
which is easily generated without the use of costly
transformers. The AIC1653’s low off-time of 400ns
permits the use of tiny, low profile inductors and
capacitors to minimize footprint and cost in
space-conscious portable applications.
TYPICAL APPLICATION CIRCUIT
L1
22
µH
C3
0.22
µF
L2
22
µH
D1
C1
4.7
µF
VIN
2.5V~5V
R1
150k
R2
39K
C2
4.7
µF
VOUT
-6V/14mA
VIN
5
SHDN
4
GND
2
SW
1
NFB 3
AIC1653
RB521S-30
L1,L2: TOKO D312F 22
µH
D1: Rohm RB521S-30
C1,C2,C3: TAIYO YUDEN Ceramic capacitors


Similar Part No. - AIC1653CVBG

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1650 AIC-AIC1650 Datasheet
206Kb / 6P
   3-Cell, High-Efficiency, Inverting DC/DC Converter
AIC1650CN AIC-AIC1650CN Datasheet
206Kb / 6P
   3-Cell, High-Efficiency, Inverting DC/DC Converter
AIC1650CS AIC-AIC1650CS Datasheet
206Kb / 6P
   3-Cell, High-Efficiency, Inverting DC/DC Converter
AIC1652 AIC-AIC1652 Datasheet
57Kb / 6P
   MICROPOWER INVERTING DC/DC CONVERTER
AIC1652CN AIC-AIC1652CN Datasheet
57Kb / 6P
   MICROPOWER INVERTING DC/DC CONVERTER
More results

Similar Description - AIC1653CVBG

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1617 LINER-LT1617 Datasheet
143Kb / 8P
   Micropower Inverting DC/DC Converters in SOT-23
LT1617 LINER-LT1617_15 Datasheet
148Kb / 8P
   Micropower Inverting DC/DC Converters in SOT-23
LT1617-1 LINER-LT1617-1_15 Datasheet
148Kb / 8P
   Micropower Inverting DC/DC Converters in SOT-23
logo
Global Mixed-mode Techn...
G5122 GMT-G5122 Datasheet
182Kb / 6P
   Micro-power Inverting DC/DC Converters in SOT-23-5
logo
Semtech Corporation
SC1652 SEMTECH-SC1652 Datasheet
81Kb / 4P
   MICROPOWER INVERTING DC-DC CONVERTER
logo
Analog Microelectronics
AME5150 AME-AME5150 Datasheet
111Kb / 14P
   Micropower Inverting DC/DC Converter
logo
Analog Intergrations Co...
AIC1652 AIC-AIC1652 Datasheet
57Kb / 6P
   MICROPOWER INVERTING DC/DC CONVERTER
logo
National Semiconductor ...
LM3674 NSC-LM3674 Datasheet
1Mb / 15P
   2MHz, 600mA Step-Down DC-DC Converter in SOT 23-5
logo
Linear Technology
LT1613 LINER-LT1613_15 Datasheet
300Kb / 12P
   1.4MHz, Single Cell DC/DC Converter in 5-Lead SOT-23
logo
Texas Instruments
LM3674 TI1-LM3674_14 Datasheet
4Mb / 22P
[Old version datasheet]   2MHz, 600mA Step-Down DC-DC Converter in SOT 23-5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com