Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HDLX-3461 Datasheet(PDF) 2 Page - Agilent(Hewlett-Packard)

Part # HDLX-3461
Description  Four Character 6.9 mm (0.27 inch) Smart 5 x 7 Alphanumeric Displays
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HDLX-3461 Datasheet(HTML) 2 Page - Agilent(Hewlett-Packard)

  HDLX-3461 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HDLX-3461 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HDLX-3461 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HDLX-3461 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HDLX-3461 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HDLX-3461 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HDLX-3461 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HDLX-3461 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HDLX-3461 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
Absolute Maximum Ratings
Supply Voltage, V
DD to Ground
[1] ...................................... -0.5 V to 7.0 V
Input Voltage, Any Pin to Ground .......................... -0.5 V to V
DD + 0.5 V
Free Air Operating Temperature Range, T
A ..................... -40°C to +85°C
Storage Temperature, T
S ................................................. -40°C to +85°C
CMOS IC Junction Temperature, T
J (IC) .................................... +150°C
Relative Humidity (non-condensing) at 65
°C.................................... 85%
Wave Solder Temperature,
1.59 mm (0.063 in.) below Body .............................. 250
°C for 3 secs
ESD Protection, R = 1.5 k
Ω, C = 100 pF .............. V
Z = 1 kV (each pin)
Note:
1. Maximum Voltage is with no LEDs illuminated.
Package Dimensions
32.77
(1.290)
8.26
(0.325)
10.03
(0.395)
20.07
(0.790)
6.86
(0.270)
4.45
(0.175)
0.51
(0.020)
TYP.
8.64
(0.340)
2.54
(0.100)
TYP.
4.06
(0.160)
10.16
(0.400)
2.41
(0.095)
TYP.
0.38
(0.015)
15.24
(0.600)
0.25
(0.010)
TYP.
NOTES:
1. UNLESS OTHERWISE SPECIFIED, THE TOLERANCE ON ALL
DIMENSIONS IS ± 0.254 mm (± 0.010).
2. ALL DIMENSIONS ARE IN MILLIMETERS (INCHES).
PIN 1 IDENTIFIER
PIN NO.
FUNCTION
PIN NO.
FUNCTION
1
2
3
4
5
6
7
8
9
10
11
NO CONNECT
NO CONNECT
CE1
CE2
CLR
VDD
A0
A1
WR
CU
CUE
12
13
14
15
16
17
18
19
20
21
22
GROUND
NO CONNECT
BL
NO CONNECT
D0
D1
D2
D3
D4
D5
D6


Similar Part No. - HDLX-3461

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HDLX-3416 AVAGO-HDLX-3416 Datasheet
292Kb / 12P
   Four Character 6.9 mm (0.27 inch) Smart 5 x 7 Alphanumeric Displays
More results

Similar Description - HDLX-3461

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HDLO-3416 AVAGO-HDLO-3416_12 Datasheet
292Kb / 12P
   Four Character 6.9 mm (0.27 inch) Smart 5 x 7 Alphanumeric Displays
HDLX-3416 AVAGO-HDLX-3416 Datasheet
292Kb / 12P
   Four Character 6.9 mm (0.27 inch) Smart 5 x 7 Alphanumeric Displays
logo
Agilent(Hewlett-Packard...
HDSP-2490 HP-HDSP-2490 Datasheet
276Kb / 5P
   FOUR CHARACTER 6.9mm (0.27 INCH) 5 x 7 ALPHANUMERIC DISPLAYS
HDLX-2416 HP-HDLX-2416 Datasheet
337Kb / 12P
   Four Character 5.0 mm (0.2 inch) Smart 5 x 7 Alphanumeric Displays
HDSP-2000 HP-HDSP-2000 Datasheet
491Kb / 5P
   FOUR CHARACTER 3.8 mm (0.15 INCH) 5 x 7 ALPHANUMERIC DISPLAYS
HDSP-2301 HP-HDSP-2301 Datasheet
513Kb / 44P
   Four Character 5.0 mm (0.20 inch) 5 x 7 Alphanumeric Displays
HDLS-1414 HP-HDLS-1414 Datasheet
105Kb / 10P
   Four Character Smart Alphanumeric Displays
HPDL-1414 HP-HPDL-1414 Datasheet
327Kb / 12P
   Four Character Smart Alphanumeric Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDLX-1414 AVAGO-HDLX-1414_12 Datasheet
277Kb / 9P
   Four Character Smart Alphanumeric Displays
logo
Agilent(Hewlett-Packard...
HPDL-1414 HP-HPDL-1414_00 Datasheet
193Kb / 8P
   Four Character Smart Alphanumeric Displays
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com