Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPT57605 Datasheet(PDF) 6 Page - Texas Instruments

Part # MPT57605
Description  256-OUTPUT TFT GATE DRIVER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MPT57605 Datasheet(HTML) 6 Page - Texas Instruments

  MPT57605 Datasheet HTML 1Page - Texas Instruments MPT57605 Datasheet HTML 2Page - Texas Instruments MPT57605 Datasheet HTML 3Page - Texas Instruments MPT57605 Datasheet HTML 4Page - Texas Instruments MPT57605 Datasheet HTML 5Page - Texas Instruments MPT57605 Datasheet HTML 6Page - Texas Instruments MPT57605 Datasheet HTML 7Page - Texas Instruments MPT57605 Datasheet HTML 8Page - Texas Instruments MPT57605 Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
MPT57605
256-OUTPUT TFT GATE DRIVER
SGLS116A – JANUARY 2001 – REVISED MAY 2001
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
absolute maximum ratings (referenced to VSS = 0 V)
Supply voltage‡§,VDD
– 0.3 to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
VEE
– 20 to 0.3 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
VL
VEE – 0.3 to VEE + 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
VCOM – VEE
– 0.3 to 40 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage, VIN
– 0.3 to VDD + 0.3 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature, TSTR
– 55
°C to 125°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
‡ Unless otherwise indicated, all voltages are with reference to VSS.
§ Power up in the following order: VDD → VEE → input signal → VCOM. Power down by reversing the sequence.
recommended operating conditions (referenced to VSS = 0 V)
MIN
TYP
MAX
UNIT
Supply voltage, VDD
3.0
3.3
3.6
V
Supply voltage, VCOM
10
25
V
Supply voltage, VEE
– 15
– 5
V
Supply voltage, VL – VEE
0
6
V
Supply voltage, VCOM – VEE
17
35
V
Low-level input voltage, VIL
VSS
0.1
× VDD
V
High-level input voltage, VIH
0.9
× VDD
VDD
V
Clock frequency, fCPV
100
kHz
Operating free-air temperature, TA
– 55
125
°C
electrical characteristics over full range of recommended operating conditions, VSS = 0 V (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOL
Low-level output voltage (STV1, STV2)
IOL = 40 µA
VSS
VSS + 0.4
V
VOH
High-level output voltage (STV1, STV2)
IOH = – 40 µA
VDD – 0.4
VDD
V
ROL
Low-level output resistance (OUT1–OUT256)
VOUT = VL + 0.2 V
1000
ROH
High-level output resistance (OUT1–OUT256)
VOUT = VCOM – 0.2 V
1000
II
Input current
All input terminals
– 5
5
µA
IDD
Continuous current dissipation
See Notes 1 and 2
500
µA
ICOM
Continuous current dissipation
See Notes 1 and 2
100
µA
NOTES:
1. Current consumption by a 1/768-duty liquid-crystal display.
2. Condition: The outputs are no load. The inputs are VIH = VDD, VIL = VSS, fCPV = 50 kHz, fSTV = 104.2 Hz, and OE1-3 = VIL.


Similar Part No. - MPT57605

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MPT57604 TI1-MPT57604 Datasheet
128Kb / 10P
[Old version datasheet]   192/200-OUTPUT TFT GATE DRIVER
More results

Similar Description - MPT57605

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PD16700 RENESAS-PD16700_15 Datasheet
212Kb / 14P
   256-OUTPUT TFT-LCD GATE DRIVER
logo
NEC
UPD16700 NEC-UPD16700 Datasheet
76Kb / 7P
   256-OUTPUT TFT-LCD GATE DRIVER
logo
Sharp Corporation
LH1694 SHARP-LH1694 Datasheet
123Kb / 10P
   256-output TFT-LCD Gate Driver IC
logo
NEC
UPD16705 NEC-UPD16705 Datasheet
70Kb / 12P
   263/256-OUTPUT TFT-LCD GATE DRIVER
logo
Renesas Technology Corp
PD16707 RENESAS-PD16707_15 Datasheet
262Kb / 23P
   263/256-OUTPUT TFT-LCD GATE DRIVER
PD16707A RENESAS-PD16707A_15 Datasheet
281Kb / 15P
   263/256-OUTPUT TFT-LCD GATE DRIVER
PD16705 RENESAS-PD16705_15 Datasheet
207Kb / 14P
   263/256-OUTPUT TFT-LCD GATE DRIVER
logo
Samsung semiconductor
KS0647 SAMSUNG-KS0647 Datasheet
101Kb / 15P
   256 CHANNEL TFT-LCD GATE DRIVER
KS0649 SAMSUNG-KS0649 Datasheet
101Kb / 15P
   256 CHANNEL TFT-LCD GATE DRIVER
S6C0649 SAMSUNG-S6C0649 Datasheet
118Kb / 14P
   256 CHANNEL TFT-LCD GATE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com