Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S1D13506 Datasheet(PDF) 6 Page - Epson Company

Part # S1D13506
Description  S1D13506 Color LCD/CRT/TV Controller
Download  696 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPSON [Epson Company]
Direct Link  http://www.epsondevice.com
Logo EPSON - Epson Company

S1D13506 Datasheet(HTML) 6 Page - Epson Company

Back Button S1D13506 Datasheet HTML 2Page - Epson Company S1D13506 Datasheet HTML 3Page - Epson Company S1D13506 Datasheet HTML 4Page - Epson Company S1D13506 Datasheet HTML 5Page - Epson Company S1D13506 Datasheet HTML 6Page - Epson Company S1D13506 Datasheet HTML 7Page - Epson Company S1D13506 Datasheet HTML 8Page - Epson Company S1D13506 Datasheet HTML 9Page - Epson Company S1D13506 Datasheet HTML 10Page - Epson Company Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 696 page
background image
X25B-C-001-05
2
GRAPHICS
S1D13506
s DESCRIPTION
.
Memory Interface
16-bit EDO-DRAM or FPM-DRAM interface.
Addressable as a single linear address space.
CPU Interface
Supports the following interfaces:
EPSON E0C33
NEC MIPS VR41xx
Hitachi SH-4/SH-3
PC Card (PCMCIA)
ISA bus
Philips MIPS PR31500/PR31700
Motorola M68xxx
StrongARM (PC Card)
Motorola MPC821
Toshiba MIPS TX39xx
MPU with programmable READY
CPU Write buffer.
Display Support
LCD Panels: 4/8/16-bit passive LCD interface.
9/12-bit TFT/D-TFD.
18-bit TFT/D-TFD to a depth of 64K colors.
CRT:
Embedded RAMDAC for direct analog CRT.
TV:
Composite/S-Video TV output.
NTSC/PAL support.
Flicker filter.
Luminance filter.
Chrominance filter.
Maximum resolution of 800x600 at 16 bpp.
Power Down Modes
Software initiated power save mode.
LCD Power Sequencing.
Digital Video Camera Interface
Built-in WINNOV Videum® Cam digital camera interface.
Display Modes
4/8/16 bit-per-pixel (bpp) support on LCD, CRT andTV.
Up to 64 shades of gray on monochrome LCD panels using
FRM and Dithering.
Up to 64K colors on passive LCD, active matrix TFT/D-TFD,
CRT and TV in 16 bpp modes.
SwivelView™: 90°, 180°, 270° hardware rotation of displayed
image.
EPSON Independent Simultaneous Display (EISD): displays
different images on different displays.
Virtual Display Support: displays images larger than the panel
size through the use of panning and scrolling.
Hardware Cursor or full screen Ink Layer.
Acceleration
2D Engine including the following BitBLTs:
Write BLT
Move BLT
Solid Fill
Pattern Fill
Transparent Write BLT Transparent Move BLT
Read BLT
Color Expansion
Move BLT with Color Expansion
Operating Voltage
2.7 volts to 5.5 volts.
Package
128-pin QFP15.
CONTACT YOUR SALES REPRESENTATIVE FOR THESE COMPREHENSIVE DESIGN TOOLS
• S1D13506 Technical Manual • QNXPhoton Display Driver
• S5U13506 Evaluation
Boards
•VXWorksUGL and WindML
Display Drivers
• CPU Independent Software
Utilities
• WindowsCE Display Driver
Japan
Seiko Epson Corporation
Electronic Devices Marketing Division
421-8, Hino, Hino-shi
Tokyo 191-8501, Japan
Tel: 042-587-5812
Fax: 042-587-5564
http://www.epson.co.jp
Taiwan
Epson Taiwan Technology
& Trading Ltd.
10F, No. 287
Nanking East Road
Sec. 3, Taipei, Taiwan
Tel: 02-2717-7360
Fax: 02-2712-9164
Singapore
Epson Singapore Pte., Ltd.
No. 1
Temasek Avenue #36-00
Millenia Tower
Singapore, 039192
Tel: 337-7911
Fax: 334-2716
Europe
Epson Europe Electronics GmbH
Riesstrasse 15
80992 Munich, Germany
Tel: 089-14005-0
Fax: 089-14005-110
North America
Epson Electronics America, Inc.
150 River Oaks Parkway
San Jose, CA 95134, USA
Tel: (408) 922-0200
Fax: (408) 922-0238
http://www.eea.epson.com
Hong Kong
Epson Hong Kong Ltd.
20/F., Harbour Centre
25 Harbour Road
Wanchai, Hong Kong
Tel: 2585-4600
Fax: 2827-4346
Copyright ©1998, 2001 Epson Research and Development, Inc. All rights reserved.
VDC
Information in this document is subject to change without notice. You may download and use this document, but only for your own use in evaluating Seiko Epson/EPSON products. You
may not modify the document. Epson Research and Development, Inc. disclaims any representation that the contents of this document are accurate or current. The Programs/Technologies
described in this document may contain material protected under U.S. and/or International Patent laws.
EPSON is a registered trademark of Seiko Epson Corporation. Microsoft, Windows, and the Windows Embedded Partner Logo are registered trademarks of Microsoft Corporation. Videum
is a registered trademark of WINNOV.


Similar Part No. - S1D13506

ManufacturerPart #DatasheetDescription
logo
Epson Company
S1D13506F00A EPSON-S1D13506F00A Datasheet
535Kb / 94P
   LCD Controller ICs
More results

Similar Description - S1D13506

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB87P2020 FUJITSU-MB87P2020 Datasheet
3Mb / 356P
   Colour LCD/CRT/TV Controller
logo
Epson Company
SED1354 EPSON-SED1354 Datasheet
2Mb / 472P
   Color Graphics LCD/CRT Controller
logo
Toshiba Semiconductor
T7779 TOSHIBA-T7779 Datasheet
1Mb / 49P
   CRT/LCD CONTROLLER LSI
logo
Mitsubishi Electric Sem...
AD57 MITSUBISHI-AD57 Datasheet
1Mb / 62P
   CRT/LCD Controller Module
logo
Texas Instruments
FPD80200 TI1-FPD80200_13 Datasheet
48Kb / 4P
[Old version datasheet]   LCD TV TFT-LCD Timing Controller
logo
Epson Company
SED1355 EPSON-SED1355 Datasheet
2Mb / 510P
   SED1355 Embedded RAMDAC LCD/CRT Controller
S1D13505 EPSON-S1D13505 Datasheet
4Mb / 565P
   S1D13505 Embedded RANMAC LCD/CRT Controller
logo
Sharp Corporation
LQ6AW31K SHARP-LQ6AW31K Datasheet
16Kb / 1P
   Color TFT-LCD Module(LCD TV/Car Navigation)
LQ064A5CG01 SHARP-LQ064A5CG01 Datasheet
112Kb / 1P
   Color TFT-LCD Module(LCD TV/Car Navigation)
logo
STMicroelectronics
FLI8531 STMICROELECTRONICS-FLI8531 Datasheet
115Kb / 7P
   Entry level LCD TV controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com