Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D161DT12PI Datasheet(PDF) 9 Page - Advanced Micro Devices

Part # D161DT12PI
Description  16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

D161DT12PI Datasheet(HTML) 9 Page - Advanced Micro Devices

Back Button D161DT12PI Datasheet HTML 5Page - Advanced Micro Devices D161DT12PI Datasheet HTML 6Page - Advanced Micro Devices D161DT12PI Datasheet HTML 7Page - Advanced Micro Devices D161DT12PI Datasheet HTML 8Page - Advanced Micro Devices D161DT12PI Datasheet HTML 9Page - Advanced Micro Devices D161DT12PI Datasheet HTML 10Page - Advanced Micro Devices D161DT12PI Datasheet HTML 11Page - Advanced Micro Devices D161DT12PI Datasheet HTML 12Page - Advanced Micro Devices D161DT12PI Datasheet HTML 13Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 57 page
background image
May 26, 2004
Am29DL16xD
9
Special Package Handling Instructions
Special handling is required for Flash Memory prod-
ucts in molded packages (BGA, TSOP, SO, PLCC,
PDIP). The package and/or data integrity may be com-
prom is ed if the pac k age body is ex pos ed to
temperatures above 150
°C for prolonged periods of
time.
A1
B1
C1
D1
E1
F1
G1
H1
A2
B2
C2
D2
E2
F2
G2
H2
A3
B3
C3
D3
E3
F3
G3
H3
A4
B4
C4
D4
E4
F4
G4
H4
A5
B5
C5
D5
E5
F5
G5
H5
A6
B6
C6
D6
E6
F6
G6
H6
DQ15/A-1
VSS
BYTE#
A16
A15
A14
A12
A13
DQ13
DQ6
DQ14
DQ7
A11
A10
A8
A9
VCC
DQ4
DQ12
DQ5
A19
NC
RESET#
WE#
DQ11
DQ3
DQ10
DQ2
NC
A18
WP#/ACC
RY/BY#
DQ9
DQ1
DQ8
DQ0
A5
A6
A17
A7
OE#
VSS
CE#
A0
A1
A2
A4
A3
48-Ball Very Thin Profile Fine-pitch BGA
Top View, Balls Facing Down


Similar Part No. - D161DT12PI

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
D161DT12PI AMD-D161DT12PI Datasheet
1Mb / 57P
   16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
More results

Similar Description - D161DT12PI

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM29DL16XD AMD-AM29DL16XD_06 Datasheet
1Mb / 57P
   16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
AM29DL16XC AMD-AM29DL16XC Datasheet
688Kb / 51P
   16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
AM29DL322C AMD-AM29DL322C Datasheet
691Kb / 52P
   32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
AM29DL322D AMD-AM29DL322D Datasheet
1Mb / 54P
   32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
logo
SPANSION
AM29DL32XG SPANSION-AM29DL32XG_06 Datasheet
1Mb / 58P
   32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
logo
Advanced Micro Devices
AM29DL320G AMD-AM29DL320G Datasheet
1Mb / 58P
   32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
AM29DL32XG AMD-AM29DL32XG Datasheet
1,019Kb / 58P
   32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
AM29DL322D AMD-AM29DL322D_05 Datasheet
1Mb / 56P
   32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
logo
SPANSION
AM49DL640BH SPANSION-AM49DL640BH Datasheet
1Mb / 63P
   64 Megabit (8 M x 8-Bit/4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
logo
Advanced Micro Devices
AM29DL800B AMD-AM29DL800B Datasheet
580Kb / 43P
   8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com