Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AAT1101-T1-T Datasheet(PDF) 6 Page - Advanced Analogic Technologies

Part # AAT1101-T1-T
Description  TRIPLE OUTPUT TFT LCD PWM CONTROLLER
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT1101-T1-T Datasheet(HTML) 6 Page - Advanced Analogic Technologies

Back Button AAT1101-T1-T Datasheet HTML 2Page - Advanced Analogic Technologies AAT1101-T1-T Datasheet HTML 3Page - Advanced Analogic Technologies AAT1101-T1-T Datasheet HTML 4Page - Advanced Analogic Technologies AAT1101-T1-T Datasheet HTML 5Page - Advanced Analogic Technologies AAT1101-T1-T Datasheet HTML 6Page - Advanced Analogic Technologies AAT1101-T1-T Datasheet HTML 7Page - Advanced Analogic Technologies AAT1101-T1-T Datasheet HTML 8Page - Advanced Analogic Technologies AAT1101-T1-T Datasheet HTML 9Page - Advanced Analogic Technologies AAT1101-T1-T Datasheet HTML 10Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
Advanced Analog Technology, Inc.
台灣類比科技股份有限公司
Advanced Analog Technology, Inc.
Page 6 of 23
V 1.0
AAT1101 Series
Electrical Characteristics,
DD
V
= 3.3V (Unless Otherwise Specified) (Cont.)
Power Ready Output
Parameter
Test Condition
Min
Typ
Max Unit
Power Ready Threshold
Voltage
PRTH
V
C
T = 25
oC
1.18
1.28
1.38
V
Power Ready Source Current
PRTH
I
2
.
5
0
.
4
8
.
2
µA
Power-Up Sequence Delay
Parameter
Test Condition
Min
Typ
Max Unit
Under Voltage-Power Ready
PR
t
PR
t=
(
)5
10
2
3
×
.
PRDS
C
-
PR
t
-
s
Under Voltage-CH1 Output
PR
t
-
PR
t
-
s
CH1 Output-CH2 Output
1
CH
t
1
CH
t=
(
)
25
19531
.
SCP
C
-
1
CH
t
-
s
CH2 Output-CH3 Output
2
CH
t
-
0.8
1
CH
t
-
s
CH3 Output-CHC Set High
3
CH
t
-
0.8
1
CH
t
-
s
CH3 Output-
SCP Ready to Protect
3
CH
t
-
0.8
1
CH
t
-
s
SCP Enable Time
SCP
t
-
32
1
CH
t
-
s


Similar Part No. - AAT1101-T1-T

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT1100 ANALOGICTECH-AAT1100 Datasheet
473Kb / 15P
   TRIPLE-CHANNEL PWM CONTROLLER
AAT1100-T1 ANALOGICTECH-AAT1100-T1 Datasheet
473Kb / 15P
   TRIPLE-CHANNEL PWM CONTROLLER
AAT1100-T1-T ANALOGICTECH-AAT1100-T1-T Datasheet
473Kb / 15P
   TRIPLE-CHANNEL PWM CONTROLLER
logo
Advanced Analog Technol...
AAT1102 AAT-AAT1102 Datasheet
609Kb / 18P
   ADVANCED PWM DC-DC CONVERTER WITH INTERNAL SWITCH AND SOFT-START
AAT1102 AAT-AAT1102 Datasheet
620Kb / 18P
   ADVANCED PWM DC-DC CONVERTER WITH INTERNAL SWITCH AND SOFT-START
More results

Similar Description - AAT1101-T1-T

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1947 LINER-LT1947 Datasheet
177Kb / 8P
   Adjustable Output TFT-LCD Triple Switching Regulator
LT1947 LINER-LT1947_15 Datasheet
201Kb / 12P
   Adjustable Output TFT-LCD Triple Switching Regulator
logo
Torex Semiconductor
XC9516 TOREX-XC9516 Datasheet
1Mb / 26P
   Triple Output Power Supply for TFT-LCD
logo
Linear Technology
LT1947 LINER-LT1947_1 Datasheet
195Kb / 12P
   Adjustable Output TFT-LCD Triple Switching Regulator
logo
Maxim Integrated Produc...
MAX1748-MAX8726 MAXIM-MAX1748-MAX8726 Datasheet
640Kb / 16P
   Triple-Output TFT-LCD DC-DC Converters
Rev 0; 10/04
MAX1748 MAXIM-MAX1748 Datasheet
277Kb / 16P
   Triple-Output TFT LCD DC-DC Converter
19-1740; Rev 0; 6/00
logo
Eutech Microelectronics...
EUP2618 EUTECH-EUP2618 Datasheet
406Kb / 13P
   Triple Adjustable Output TFT-LCD DC-DC Converters
logo
Renesas Technology Corp
ISL68226 RENESAS-ISL68226 Datasheet
1Mb / 96P
   Digital Triple Output, 8-Phase PWM Controller
Oct.1.20
ISL68221 RENESAS-ISL68221 Datasheet
1Mb / 98P
   Digital Triple Output, 3-Phase PWM Controller
Oct.1.20
ISL68224 RENESAS-ISL68224 Datasheet
1Mb / 97P
   Digital Triple Output, 6-Phase PWM Controller
Oct.1.20
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com