Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCRT-FCA Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # BCRT-FCA
Description  BCRT Bus Controller/Remote Terminal/Monitor
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

BCRT-FCA Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button BCRT-FCA Datasheet HTML 6Page - List of Unclassifed Manufacturers BCRT-FCA Datasheet HTML 7Page - List of Unclassifed Manufacturers BCRT-FCA Datasheet HTML 8Page - List of Unclassifed Manufacturers BCRT-FCA Datasheet HTML 9Page - List of Unclassifed Manufacturers BCRT-FCA Datasheet HTML 10Page - List of Unclassifed Manufacturers BCRT-FCA Datasheet HTML 11Page - List of Unclassifed Manufacturers BCRT-FCA Datasheet HTML 12Page - List of Unclassifed Manufacturers BCRT-FCA Datasheet HTML 13Page - List of Unclassifed Manufacturers BCRT-FCA Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 52 page
background image
RTI-10
The following are examples of sequences used to enter
remote terminal addresses into the RTI.
Example 1.
Hardware-Controlled Remote Terminal
Address (parity check disabled):
STATE 0, 2, or 3 (i.e., 00, 10, or 11)
TALEN - asserted (i.e., logic low)
TA(4:0) - valid RTA
Example 2.
Software-Controlled Remote Terminal
Address (parity check disabled):
EXT TEST and EXT TST CH SEL A/B
in STATE 0, 2, or 3 (i.e., 00, 10, or 11)
CTRL - logic zero
CS - logic zero
RD/WR - logic zero
ADDR IN (0) - logic zero
TALEN - logic one
TA(4:0) - valid RTA
Example 3.
Software Controlled Remote Terminal
Address (parity check enabled):
EXT TEST and EXT TST CH SEL A/B
in STATE 1 (i.e., 01)
CTRL - logic zero
CS - logic zero
RD/WR - logic zero
ADDR IN (0) - logic zero
PARITY - input must provide odd
parity
for the TA(4:0) bus
TA(4:0) - valid RTA
For examples 1 and 2, enabling the parity check circuit
(STATE 1) after the remote terminal address is stored results
in a parity check of the data loaded into the Remote Terminal
Address Register.
1.6 Internal Self-Test
Setting bit 6 of the Control Register to a logic one enables
the internal self-test. Disable Channels A and B at this time
to prevent bus activity during self-test by setting bits 0 and
1 of the Control Register to a logic zero. Normal operation
is inhibited when internal self-test is enabled. The RTI’s
self-test capability is based on the fact that the MIL-STD-
1553B status word sync pulse is identical to the command
word sync pulse. Thus, if the status word from the encoder
is fed back to the decoder, the RTI will recognize the
incoming status word as a command word and thus cause
the RTI to transmit another status word. After the host
invokes self-test, the RTI self-test logic forces a status word
transmission even though the RTI has not received a
command word. The status word is sent to decoder A or B
depending on the channel the host selected for self-test. The
host controls the self-test by periodically changing the bit
patterns in the status word being transmitted. Writing to the
Control Register bits 2, 3, 4, and 8 changes the status word.
Monitor the self-test by sampling either the System Register
or the external status pins (i.e. Command Strobe
(COMSTR), Transmit (XMIT), Receive (RCV)). For a more
detailed explanation of internal self-test, consult the UTMC
publication RTI Internal Self-Test Routine.
1.7 Power-up Master Reset
Reset the RTI by invoking either a hardware or software
master reset after power-up to place the device in a known
state. The master reset clears the decoder and encoder
registers, the command recognition logic, the control and
error logic (which includes the Status, Control and System
Registers), the data transfer logic, and the memory address
control logic. After reset, configure the device for operation
via a Control Register write.
Table 2. Parity Checking
STATE #
EXT TEST
EXT TST CH SEL A/B
Function of TALEN/PARITY
0
0
0
Terminal Address Latch Enable. Active low
signal used to latch TA(4:0) into RTI. Internal
parity checker disabled.
1
0
1
Parity. Internal remote terminal address parity
checker enabled. TALEN/PARITY pin func-
tions as parity bit for TA(4:0) bus. Proper oper-
ation requires odd parity.
2
1
0
Terminal Address Latch Enable. Do not assert
EXT TST during reset, otherwise self-test is
invoked.
3
1
1
Terminal Address Latch Enable. Do not assert
EXT TST during reset, otherwise self-test is
invoked.


Similar Part No. - BCRT-FCA

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BCR VISHAY-BCR Datasheet
102Kb / 3P
   Thin Film, Back-Contact Resistor
Revision: 12-Mar-08
BCR VISHAY-BCR Datasheet
76Kb / 3P
   Thin Film, Back-Contact Resistor
01-Jan-2022
logo
Renesas Technology Corp
BCR08AM RENESAS-BCR08AM Datasheet
93Kb / 6P
   LOW POWER USE PLANAR PASSIVATION TYPE
BCR08AM RENESAS-BCR08AM Datasheet
94Kb / 6P
   MITSUBISHI SEMICONDUCTOR
BCR08AM-12 RENESAS-BCR08AM-12 Datasheet
134Kb / 7P
   Triac Low Power Use
More results

Similar Description - BCRT-FCA

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
CT2561 AEROFLEX-CT2561 Datasheet
103Kb / 9P
   CT2561 Bus Controller, Remote Terminal and BUS Monitor FOR MIL-STD-1553B
CT2565 AEROFLEX-CT2565 Datasheet
356Kb / 31P
   CT2565 Bus Controller, Remote Terminal and BUS Monitor FOR MIL-STD-1553B
logo
Dynex Semiconductor
MA3690 DYNEX-MA3690 Datasheet
426Kb / 41P
   1553B Bus Controller/Remote Terminal
logo
Aeroflex Circuit Techno...
CT19901 AEROFLEX-CT19901 Datasheet
232Kb / 29P
   MIL-STD-1553B Remote Terminal, Bus Controller, or Passive Monitor Hybrid with Status Word Control
CT1995 AEROFLEX-CT1995 Datasheet
277Kb / 25P
   MIL-STD-1553B Remote Terminal, Bus Controller, or Passive Monitor Hybrid with Status Word Control
logo
ON Semiconductor
ADT7476A ONSEMI-ADT7476A_16 Datasheet
541Kb / 69P
   Remote Thermal Controller and Voltage Monitor
February, 2016 ??Rev. 7
ADT7490 ONSEMI-ADT7490_16 Datasheet
763Kb / 75P
   Remote Thermal Monitor and Fan Controller
January, 2016 ??Rev. 6
ADT7467 ONSEMI-ADT7467_12 Datasheet
754Kb / 72P
   Remote Thermal Monitor and Fan Controller
May, 2012 ??Rev. 4
NCT7491 ONSEMI-NCT7491_16 Datasheet
791Kb / 80P
   Remote Thermal Monitor and Fan Controller
June, 2016 ??Rev. 3
ADT7463 ONSEMI-ADT7463_13 Datasheet
732Kb / 50P
   Remote Thermal Controller and Voltage Monitor
May, 2013 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com