Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCRT-APA Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # BCRT-APA
Description  BCRT Bus Controller/Remote Terminal/Monitor
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

BCRT-APA Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button BCRT-APA Datasheet HTML 7Page - List of Unclassifed Manufacturers BCRT-APA Datasheet HTML 8Page - List of Unclassifed Manufacturers BCRT-APA Datasheet HTML 9Page - List of Unclassifed Manufacturers BCRT-APA Datasheet HTML 10Page - List of Unclassifed Manufacturers BCRT-APA Datasheet HTML 11Page - List of Unclassifed Manufacturers BCRT-APA Datasheet HTML 12Page - List of Unclassifed Manufacturers BCRT-APA Datasheet HTML 13Page - List of Unclassifed Manufacturers BCRT-APA Datasheet HTML 14Page - List of Unclassifed Manufacturers BCRT-APA Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 52 page
background image
RTI-11
Perform a hardware reset by asserting the MRST input pin
for a minimum of 500ns. During reset negate the EXT TEST
pin (i.e., logic low); assertion of the EXT TEST pin forces
the RTI to enter the external self-test mode of operation.
Software reset the RTI by simultaneously applying a logic
zero to input pins CS, RD/WR, and CTRL while the least
significant bit of the address input bus is a logic one (ADDR
IN (0)=0).
1.8 Encoder and Decoder
The RTI interfaces directly to a bus transmitter/receiver via
the RTI Manchester II encoder/decoder. The UT1553B RTI
receives the command word from the MIL-STD-1553B bus
and processes it either by the primary or secondary decoder.
Each decode checks for the proper sync pulse and
Manchester waveform, edge skew, correct number of bits,
and parity. If the command is a receive command, the RTI
processes each incoming data word for correct word count
and contiguous data. If an invalid message error is detected,
the message error pin is asserted, the RTI ceases processing
the remainder (if any) of the message, and it then suppresses
status word transmission. Upon command validation
recognition, the external status outputs are enabled.
Reception of illegal commands does not suppress status
word transmission.
A timer precludes transmission greater than 730ms by the
assertion of fail-safe timer (TIMERON). This timer is reset
upon receipt of another valid command.
1.9 Illegal Command Decoding
The host has the option of asserting the ILL COMM pin to
illegalize a received command word. On receipt of an illegal
command, the RTI sets the message error bit in the status
word, sets the Message Error output, and sets the message
error latch in the System Register.
Use the following RTI outputs to externally decode an
illegal command, Mode Code or Subaddress indicator (MC/
SA), Mode Code or Subaddress bus MCSA(4:0), Command
Strobe (COMSTR), Broadcast (BRDCST), etc. (See figure
6 pages 11-12).
To illegalize a transmit command the ILL COMM pin is
asserted 3.3ms after STATUS goes to a logic one. Assertion
of the ILL COMM pin within 3.3ms allows the RTI to
respond with the Message Error bit of the outgoing status
word at a logic one.
For an illegal receive command, the ILL COMM pin is
asserted within 18.2ms after the COMSTR transitions to a
logic zero in order to suppress data words from being stored
(suppress DMARQ assertions). In addition, the ILL COMM
pin must be at a logic one throughout the reception of the
message until STATUS is asserted.
If the illegal command is mode code 2, 4, 5, 6, 7, or 18,
assert the ILL COMM pin within 664ns after Command
Strobe (COMSTR) transitions to logic zero. Asserting the
ILL COMM pin within the 664 nanoseconds inhibits the
mode code function.
The above timing conditions also apply when the host
externally decodes an illegal broadcast command. The host
must remove the illegal command condition so that the next
command is not falsely decoded as illegal. These
requirements are easily met if the COMSTR output is used
to qualify the ILL COMM input to the RTI.
P
COMMAND WORD
CS
DS
DATA WORD
P
P
STATUS WORD
SS
DS
DATA WORD
P
BIPHASE IN
BIPHASE OUT
RCV
COMSTR
STATUS
Figure 6a. Illegal Receive Command Decoding
ILL COMM
18.2
µs
Note:
1. Illegalcommandcondition;statuswordMessageErrorbitsettologicone,RTIMESERRpinsettoalogicone, RTIStatusRegisterMessage
Error bit set to logic one.
DMA Activity Suppressed


Similar Part No. - BCRT-APA

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BCR VISHAY-BCR Datasheet
102Kb / 3P
   Thin Film, Back-Contact Resistor
Revision: 12-Mar-08
BCR VISHAY-BCR Datasheet
76Kb / 3P
   Thin Film, Back-Contact Resistor
01-Jan-2022
logo
Renesas Technology Corp
BCR08AM RENESAS-BCR08AM Datasheet
93Kb / 6P
   LOW POWER USE PLANAR PASSIVATION TYPE
BCR08AM RENESAS-BCR08AM Datasheet
94Kb / 6P
   MITSUBISHI SEMICONDUCTOR
BCR08AM-12 RENESAS-BCR08AM-12 Datasheet
134Kb / 7P
   Triac Low Power Use
More results

Similar Description - BCRT-APA

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
CT2561 AEROFLEX-CT2561 Datasheet
103Kb / 9P
   CT2561 Bus Controller, Remote Terminal and BUS Monitor FOR MIL-STD-1553B
CT2565 AEROFLEX-CT2565 Datasheet
356Kb / 31P
   CT2565 Bus Controller, Remote Terminal and BUS Monitor FOR MIL-STD-1553B
logo
Dynex Semiconductor
MA3690 DYNEX-MA3690 Datasheet
426Kb / 41P
   1553B Bus Controller/Remote Terminal
logo
Aeroflex Circuit Techno...
CT19901 AEROFLEX-CT19901 Datasheet
232Kb / 29P
   MIL-STD-1553B Remote Terminal, Bus Controller, or Passive Monitor Hybrid with Status Word Control
CT1995 AEROFLEX-CT1995 Datasheet
277Kb / 25P
   MIL-STD-1553B Remote Terminal, Bus Controller, or Passive Monitor Hybrid with Status Word Control
logo
ON Semiconductor
ADT7476A ONSEMI-ADT7476A_16 Datasheet
541Kb / 69P
   Remote Thermal Controller and Voltage Monitor
February, 2016 ??Rev. 7
ADT7490 ONSEMI-ADT7490_16 Datasheet
763Kb / 75P
   Remote Thermal Monitor and Fan Controller
January, 2016 ??Rev. 6
ADT7467 ONSEMI-ADT7467_12 Datasheet
754Kb / 72P
   Remote Thermal Monitor and Fan Controller
May, 2012 ??Rev. 4
NCT7491 ONSEMI-NCT7491_16 Datasheet
791Kb / 80P
   Remote Thermal Monitor and Fan Controller
June, 2016 ??Rev. 3
ADT7463 ONSEMI-ADT7463_13 Datasheet
732Kb / 50P
   Remote Thermal Controller and Voltage Monitor
May, 2013 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com