Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AAT1203 Datasheet(PDF) 2 Page - Advanced Analog Technology, Inc.

Part # AAT1203
Description  250-mA MULTI-INPUT LOW-DROPOUT REGULATOR WITH V-AUX SWITCH
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAT [Advanced Analog Technology, Inc.]
Direct Link  http://www.aatech.com.tw
Logo AAT - Advanced Analog Technology, Inc.

AAT1203 Datasheet(HTML) 2 Page - Advanced Analog Technology, Inc.

  AAT1203 Datasheet HTML 1Page - Advanced Analog Technology, Inc. AAT1203 Datasheet HTML 2Page - Advanced Analog Technology, Inc. AAT1203 Datasheet HTML 3Page - Advanced Analog Technology, Inc. AAT1203 Datasheet HTML 4Page - Advanced Analog Technology, Inc. AAT1203 Datasheet HTML 5Page - Advanced Analog Technology, Inc. AAT1203 Datasheet HTML 6Page - Advanced Analog Technology, Inc. AAT1203 Datasheet HTML 7Page - Advanced Analog Technology, Inc. AAT1203 Datasheet HTML 8Page - Advanced Analog Technology, Inc. AAT1203 Datasheet HTML 9Page - Advanced Analog Technology, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Advanced Analog Technology, Inc.
台灣類比科技股份有限公司
Advanced Analog Technology, Inc.
Page 2 of 16
V 1.
0
AAT1203
Function Table
INPUT VOLTAGE STATUS
(V)
INPUT SELECTED
OUTPUT
(V)
OUTPUT
(I)(mA)
VCC50
VSB50
AUX33
VCC50/VSB50/AUX33
OUT33
Iout33
0
0
0
None
0
0
0
0
3.3
AUX33
3.3
250
0
5
0
VSB50
3.3
250
0
5
3.3
VSB50
3.3
250
5
0
0
VCC50
3.3
250
5
0
3.3
VCC50
3.3
250
5
5
0
VCC50
3.3
250
5
5
3.3
VCC50
3.3
250
Pin Description
TERMINAL
NAME
TERMINAL NO.
I/O
DESCRIPTION
VSB50
1
I
5V Standby Supply Input
VCC50
2
I
5V Main Supply Input
OUT33
3
O
3.3V Regulated Output
AUX33
4
I
3.3V Auxiliary Supply Input
GND
5
I
Ground
GND
6
I
Ground
GND
7
I
Ground
GND
8
I
Ground
Absolute Maximum Ratings
• Main Supply Voltage,
()
50
VCC
V
…………….…….………………………………
5
.
0
V~7V
• Standby Supply Voltage,
()
50
VSB
V
……………….………………………………..
5
.
0
V~7V
• Auxiliary Supply Voltage,
()
33
AUX
V
…………….……………………….………..
5
.
0
V~7V
• Output Current Limit, ()
LIMIT
I
………………………………….………………….1.5A
• Continuous Power Dissipation,
d
P (see Note 1)…………….………………….1.1W
• Electrostatic Discharge Susceptibility, Human Body Mode………………….…….2kV
• Operating Ambient Temperature Range,
C
T ……………….……………..……….0℃ to +70℃
• Storage Temperature Range,
storage
T
…………….…………….……………… 45
to +125℃
• Operating Junction Temperature Range,
J
T …………….……………………….. 5
℃ to +130℃
• Lead Temperature (Soldering for 10 seconds),
()
LEAD
T
………………….…...260℃


Similar Part No. - AAT1203

ManufacturerPart #DatasheetDescription
logo
Advanced Analog Technol...
AAT1201 AAT-AAT1201 Datasheet
363Kb / 21P
   250-mA MULTI-INPUT LOW-DROPOUT REGULATOR WITH DUAL-OUTPUT POWER MANAGEMENT
AAT1201-S AAT-AAT1201-S Datasheet
363Kb / 21P
   250-mA MULTI-INPUT LOW-DROPOUT REGULATOR WITH DUAL-OUTPUT POWER MANAGEMENT
AAT1201-S-T AAT-AAT1201-S-T Datasheet
363Kb / 21P
   250-mA MULTI-INPUT LOW-DROPOUT REGULATOR WITH DUAL-OUTPUT POWER MANAGEMENT
AAT1202 AAT-AAT1202 Datasheet
399Kb / 18P
   250-mA MULTI-INPUT LOW-DROPOUT REGULATOR WITH DUAL -OUTPUT POWER MANAGEMENT
logo
Advanced Analogic Techn...
AAT1204 ANALOGICTECH-AAT1204 Datasheet
213Kb / 13P
   400-mA MULTI-INPUT LOW-DROPOUT REGULATOR WITH VAUX SWITCH
More results

Similar Description - AAT1203

ManufacturerPart #DatasheetDescription
logo
Advanced Analog Technol...
AAT1204 AAT-AAT1204 Datasheet
213Kb / 13P
   400-mA MULTI-INPUT LOW-DROPOUT REGULATOR WITH VAUX SWITCH
logo
Advanced Analogic Techn...
AAT1204 ANALOGICTECH-AAT1204 Datasheet
213Kb / 13P
   400-mA MULTI-INPUT LOW-DROPOUT REGULATOR WITH VAUX SWITCH
logo
Advanced Analog Technol...
AAT1201 AAT-AAT1201 Datasheet
363Kb / 21P
   250-mA MULTI-INPUT LOW-DROPOUT REGULATOR WITH DUAL-OUTPUT POWER MANAGEMENT
AAT1202 AAT-AAT1202 Datasheet
399Kb / 18P
   250-mA MULTI-INPUT LOW-DROPOUT REGULATOR WITH DUAL -OUTPUT POWER MANAGEMENT
logo
Texas Instruments
TPS732 TI1-TPS732 Datasheet
1Mb / 39P
[Old version datasheet]   250-mA Low-Dropout Regulator
logo
Unisonic Technologies
M2950 UTC-M2950 Datasheet
148Kb / 7P
   250 mA LOW-DROPOUT VOLTAGE REGULATOR
logo
Vishay Siliconix
SIP21110 VISHAY-SIP21110 Datasheet
452Kb / 12P
   250-mA Adjustable, Low Dropout Regulator
Rev. C, 08-Jun-09
logo
Toshiba Semiconductor
TA58L05S TOSHIBA-TA58L05S Datasheet
230Kb / 12P
   250 mA Low Dropout Voltage Regulator
TA58L05F TOSHIBA-TA58L05F Datasheet
221Kb / 12P
   250 mA Low Dropout Voltage Regulator
logo
ON Semiconductor
CS8481 ONSEMI-CS8481 Datasheet
50Kb / 6P
   3.3 V/250 mA, 5.0 V/100 mA Micropower Low Dropout Regulator with ENABLE
January, 2004 ??Rev. 9
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com