Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AAT8636-S3-T Datasheet(PDF) 1 Page - Advanced Analog Technology, Inc.

Part # AAT8636-S3-T
Description  ONE-CELL LI-ION BATTERY PROTECTION IC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAT [Advanced Analog Technology, Inc.]
Direct Link  http://www.aatech.com.tw
Logo AAT - Advanced Analog Technology, Inc.

AAT8636-S3-T Datasheet(HTML) 1 Page - Advanced Analog Technology, Inc.

  AAT8636-S3-T Datasheet HTML 1Page - Advanced Analog Technology, Inc. AAT8636-S3-T Datasheet HTML 2Page - Advanced Analog Technology, Inc. AAT8636-S3-T Datasheet HTML 3Page - Advanced Analog Technology, Inc. AAT8636-S3-T Datasheet HTML 4Page - Advanced Analog Technology, Inc. AAT8636-S3-T Datasheet HTML 5Page - Advanced Analog Technology, Inc. AAT8636-S3-T Datasheet HTML 6Page - Advanced Analog Technology, Inc. AAT8636-S3-T Datasheet HTML 7Page - Advanced Analog Technology, Inc. AAT8636-S3-T Datasheet HTML 8Page - Advanced Analog Technology, Inc. AAT8636-S3-T Datasheet HTML 9Page - Advanced Analog Technology, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Advanced Analog Technology, Inc.
台灣類比科技股份有限公司
Advanced Analog Technology, Inc.
Page 1 of 16
V 1.0
AAT8636 Series
Details are subject to change without notice
ONE-CELL LI-ION BATTERY PROTECTION IC
FEATURES
Ideal for One-Cell Rechargeable Li-Ion Battery
Pack.
Low Current Consumption
A
0
.
3
µ …………..Supply Current (Typical)
A
1
.
0
µ …………..Standby Current
• High Withstand Voltage
Absolute Maximum Ratings..22V (
VN
V
DD
)
High Accuracy Voltage Detection
Over Charge Detector…………...
mV
20
±
Over Discharge Detector……….
%
5
.
2
±
Over Current and Short Circuit Protection
Wide Operating Temperature Range
C
40o
to
C
85o
Ultra Small Package……..SOT26
PIN CONFIGURATION
OUT
D
VN
OUT
C
GND
ext
C
DD
V
GENERAL DESCRIPTION
The AAT8636 series are protection ICs designed
to safeguard one-cell rechargeable Li-Ion battery
pack against over charge, over discharge, over
current, and short circuit. The AAT8636 series
use advanced high voltage CMOS process to
provide high accuracy voltage detection and low
current consumption.
The AAT8636 series incorporate a reference unit
and three voltage detectors. During the charging
process, when the cell voltage (
DD
V
) is charged to
a value higher than the over charge threshold
voltage (
1
C
V ), the over charge detector (COM1)
will switch the output pin (
OUT
C
) to a low level
within a delay time (
1
C
t
), and thus turning off the
MOSFET connected to the charging path. The
OUT
C
pin may change to high level again when
the
DD
V
voltage falls below “
HYS
1
C
V
V
”, or
when
DD
V
falls below
1
C
V
while the charger is
disconnected from the battery pack.
During the discharging process, when the
DD
V
drops to a value lower than the over-discharge
threshold voltage (
1
D
V
), the over-discharge
detector (COM2) will switch
OUT
D
to low level
within a delay time (
1
D
t
), and thus turning off the
MOSFET connecting to the discharging path. In
the mean time, the AAT8636 series will enter a
low current standby mode. Once into standby
mode, the systems can only be released from


Similar Part No. - AAT8636-S3-T

ManufacturerPart #DatasheetDescription
logo
Advanced Analog Technol...
AAT8635 AAT-AAT8635 Datasheet
168Kb / 17P
   ONE-CELL LI-ION BATTERY PROTECTION IC
AAT8635-S3 AAT-AAT8635-S3 Datasheet
168Kb / 17P
   ONE-CELL LI-ION BATTERY PROTECTION IC
AAT8635-S3-T AAT-AAT8635-S3-T Datasheet
168Kb / 17P
   ONE-CELL LI-ION BATTERY PROTECTION IC
More results

Similar Description - AAT8636-S3-T

ManufacturerPart #DatasheetDescription
logo
Advanced Analog Technol...
AAT8635 AAT-AAT8635 Datasheet
168Kb / 17P
   ONE-CELL LI-ION BATTERY PROTECTION IC
AAT8640 AAT-AAT8640 Datasheet
609Kb / 25P
   ONE-CELL LI-ION BATTERY PROTECTION IC
AAT8641 AAT-AAT8641 Datasheet
626Kb / 25P
   ONE-CELL LI-ION BATTERY PROTECTION IC
AAT8660 AAT-AAT8660 Datasheet
555Kb / 25P
   ONE-CELL LI-ION BATTERY PROTECTION IC
AAT8661 AAT-AAT8661 Datasheet
567Kb / 25P
   ONE-CELL LI-ION BATTERY PROTECTION IC
logo
List of Unclassifed Man...
AAT8660 ETC-AAT8660 Datasheet
586Kb / 24P
   ONE-CELL LI-ION BATTERY PROTECTION IC
logo
E-CMOS Corporation
EC9526 E-CMOS-EC9526 Datasheet
505Kb / 7P
   One-cell Li-ion/Li-polymer battery protection IC
logo
Mitsumi Electronics, Co...
MM3638 MITSUMI-MM3638 Datasheet
50Kb / 4P
   One-cell li-ion/li-polymer battery protection IC
MM3511 MITSUMI-MM3511 Datasheet
46Kb / 3P
   One-cell li-ion/li-polymer battery protection IC
logo
Shenzhen Huazhimei Semi...
HM5434 HMSEMI-HM5434 Datasheet
1Mb / 11P
   One Cell Li-ion and Li-poly Battery Protection IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com