Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AAT8661C Datasheet(PDF) 1 Page - Advanced Analog Technology, Inc.

Part # AAT8661C
Description  ONE-CELL LI-ION BATTERY PROTECTION IC
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAT [Advanced Analog Technology, Inc.]
Direct Link  http://www.aatech.com.tw
Logo AAT - Advanced Analog Technology, Inc.

AAT8661C Datasheet(HTML) 1 Page - Advanced Analog Technology, Inc.

  AAT8661C Datasheet HTML 1Page - Advanced Analog Technology, Inc. AAT8661C Datasheet HTML 2Page - Advanced Analog Technology, Inc. AAT8661C Datasheet HTML 3Page - Advanced Analog Technology, Inc. AAT8661C Datasheet HTML 4Page - Advanced Analog Technology, Inc. AAT8661C Datasheet HTML 5Page - Advanced Analog Technology, Inc. AAT8661C Datasheet HTML 6Page - Advanced Analog Technology, Inc. AAT8661C Datasheet HTML 7Page - Advanced Analog Technology, Inc. AAT8661C Datasheet HTML 8Page - Advanced Analog Technology, Inc. AAT8661C Datasheet HTML 9Page - Advanced Analog Technology, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
Advanced Analog Technology, Inc.
台灣類比科技股份有限公司
Advanced Analog Technology, Inc.
Page 1 of 25
V2.0
AAT8661 Series
Product information presented is current as of publication date. Details are subject to change without notice.
ONE-CELL LI-ION BATTERY PROTECTION IC
FEATURES
Ideal for One-Cell Rechargeable Li-Ion
Battery Packs
High Accuracy Voltage Detection
Low Current Consumption:
A
3
μ Supply Current (Typical)
A
1
.
0
μ Shutdown Current
3-Level Over Current Detection:
Over-Current Level 1 /Over Current Level 2
/ Short Circuit
Wide
Operating
Temperature
Range:
C
85
to
C
40
ο
ο
Small SOT26 Package
PIN CONFIGURATION
NULL
out
D
VN
out
C
GND
DD
V
GENERAL DESCRIPTION
The AAT8661 series are designed to protect
one-cell rechargeable Li-Ion battery pack against
over-charge, over-discharge, over-current and
short circuit. They use CMOS process to provide
high accuracy voltage detection and low current
consumption.
Each of the AAT8661 devices incorporates
voltage comparators, bandgap reference voltage
generator, signal delay circuit, short circuit
detector, and digital control circuit.
In the charge process, when the battery voltage is
charged to a value greater than
1
C
V (Over-Charge
Threshold Voltage), the output of
out
C
pin
switches to the low level, i.e., the VN pin level.
The output of
out
C
pin will switch to high level
when the battery voltage falls lower than VC2
(Over-Charge Release Voltage), or when the
charger is disconnected from the battery pack and
the battery voltage level ranges between VC1 and
VC2.
During the discharge process, when the battery
voltage drops to a value lower than
1
D
V
(Over-Discharge Threshold Voltage), the output
of
out
D
pin switches to low level immediately
after the internal delay time elapses. The output
of
out
D
pin will switch to high level when the
battery voltage is at a level higher than
2
D
V
(Over-Discharge Release Voltage).
Over current level 1 voltage (
1
OC
V
) is used to


Similar Part No. - AAT8661C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AAT8660 ETC-AAT8660 Datasheet
586Kb / 24P
   ONE-CELL LI-ION BATTERY PROTECTION IC
logo
Advanced Analog Technol...
AAT8660 AAT-AAT8660 Datasheet
555Kb / 25P
   ONE-CELL LI-ION BATTERY PROTECTION IC
logo
List of Unclassifed Man...
AAT8660A ETC-AAT8660A Datasheet
586Kb / 24P
   ONE-CELL LI-ION BATTERY PROTECTION IC
logo
Advanced Analog Technol...
AAT8660A AAT-AAT8660A Datasheet
555Kb / 25P
   ONE-CELL LI-ION BATTERY PROTECTION IC
logo
List of Unclassifed Man...
AAT8660B ETC-AAT8660B Datasheet
586Kb / 24P
   ONE-CELL LI-ION BATTERY PROTECTION IC
More results

Similar Description - AAT8661C

ManufacturerPart #DatasheetDescription
logo
Advanced Analog Technol...
AAT8635 AAT-AAT8635 Datasheet
168Kb / 17P
   ONE-CELL LI-ION BATTERY PROTECTION IC
AAT8640 AAT-AAT8640 Datasheet
609Kb / 25P
   ONE-CELL LI-ION BATTERY PROTECTION IC
AAT8641 AAT-AAT8641 Datasheet
626Kb / 25P
   ONE-CELL LI-ION BATTERY PROTECTION IC
AAT8660 AAT-AAT8660 Datasheet
555Kb / 25P
   ONE-CELL LI-ION BATTERY PROTECTION IC
logo
List of Unclassifed Man...
AAT8660 ETC-AAT8660 Datasheet
586Kb / 24P
   ONE-CELL LI-ION BATTERY PROTECTION IC
logo
Advanced Analog Technol...
AAT8636 AAT-AAT8636 Datasheet
162Kb / 16P
   ONE-CELL LI-ION BATTERY PROTECTION IC
logo
E-CMOS Corporation
EC9526 E-CMOS-EC9526 Datasheet
505Kb / 7P
   One-cell Li-ion/Li-polymer battery protection IC
logo
Mitsumi Electronics, Co...
MM3638 MITSUMI-MM3638 Datasheet
50Kb / 4P
   One-cell li-ion/li-polymer battery protection IC
MM3511 MITSUMI-MM3511 Datasheet
46Kb / 3P
   One-cell li-ion/li-polymer battery protection IC
logo
Shenzhen Huazhimei Semi...
HM5434 HMSEMI-HM5434 Datasheet
1Mb / 11P
   One Cell Li-ion and Li-poly Battery Protection IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com