Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB3886 Datasheet(PDF) 5 Page - Fujitsu Component Limited.

Part # MB3886
Description  2-Channel DC/DC Converter IC with Overcurrent Protection Symmetrical-Phase Type
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB3886 Datasheet(HTML) 5 Page - Fujitsu Component Limited.

  MB3886 Datasheet HTML 1Page - Fujitsu Component Limited. MB3886 Datasheet HTML 2Page - Fujitsu Component Limited. MB3886 Datasheet HTML 3Page - Fujitsu Component Limited. MB3886 Datasheet HTML 4Page - Fujitsu Component Limited. MB3886 Datasheet HTML 5Page - Fujitsu Component Limited. MB3886 Datasheet HTML 6Page - Fujitsu Component Limited. MB3886 Datasheet HTML 7Page - Fujitsu Component Limited. MB3886 Datasheet HTML 8Page - Fujitsu Component Limited. MB3886 Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
MB3886
5
s ABSOLUTE MAXIMUM RATINGS
* : The packages are mounted on the dual-sided epoxy board (10 cm
× 10 cm) .
WARNING: Semiconductor devices can be permanently damaged by application of stress (voltage, current,
temperature, etc.) in excess of absolute maximum ratings. Do not exceed these ratings.
Parameter
Symbol
Conditions
Rating
Unit
Min
Max
Power-supply voltage
VCC

20
V
Boot voltage
VCB
CB terminal
25
V
Output current
IO
120
mA
Peak output current
IOP
Duty
≤ 5%
(t
= 1 / fOSC × Duty)
800
mA
Power dissipation
PD
Ta
≤ +25 °C
770*
mW
Storage temperature
Tstg
−55
+125
°C


Similar Part No. - MB3886

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB3881 FUJITSU-MB3881 Datasheet
509Kb / 40P
   8-ch DC/DC Converter IC with Synchronous Rectifier for Voltage Step-up and Step-down
MB3881PFF FUJITSU-MB3881PFF Datasheet
509Kb / 40P
   8-ch DC/DC Converter IC with Synchronous Rectifier for Voltage Step-up and Step-down
MB3882 FUJITSU-MB3882 Datasheet
254Kb / 30P
   2-channel DC/DC Converter IC with Synchronous Rectifier
MB3882PFV FUJITSU-MB3882PFV Datasheet
254Kb / 30P
   2-channel DC/DC Converter IC with Synchronous Rectifier
MB3883 FUJITSU-MB3883 Datasheet
473Kb / 39P
   6-ch DC/DC Converter IC With Synchronous Rectification for voltage step-up and step-down
More results

Similar Description - MB3886

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB3889 FUJITSU-MB3889 Datasheet
361Kb / 35P
   2-Channel DC/DC Converter IC with Overcurrent Protection Symmetrical-Phase Type
MB39A106 FUJITSU-MB39A106 Datasheet
572Kb / 46P
   2-Channel DC/DC Converter IC with Overcurrent Protection Symmetrical-Phase Type
MB39A104 FUJITSU-MB39A104_06 Datasheet
519Kb / 38P
   2-ch DC/DC Converter IC with Overcurrent Protection
MB39A104 FUJITSU-MB39A104_08 Datasheet
393Kb / 40P
   2-ch DC/DC Converter IC with Overcurrent Protection
MB3882 FUJITSU-MB3882 Datasheet
254Kb / 30P
   2-channel DC/DC Converter IC with Synchronous Rectifier
MB39A104 FUJITSU-MB39A104 Datasheet
380Kb / 36P
   2-ch DC/DC Converter IC
logo
Rohm
BM2P052F ROHM-BM2P052F Datasheet
1Mb / 24P
   PWM type DC/DC converter IC
BM2P053F ROHM-BM2P053F Datasheet
1Mb / 23P
   PWM type DC/DC converter IC
BM2P054F ROHM-BM2P054F Datasheet
1Mb / 23P
   PWM type DC/DC converter IC
logo
Fujitsu Component Limit...
MB3821 FUJITSU-MB3821 Datasheet
273Kb / 24P
   2-ch DC/DC Converter IC With Synchronous Rectifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com