Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB3886PFV Datasheet(PDF) 9 Page - Fujitsu Component Limited.

Part # MB3886PFV
Description  2-Channel DC/DC Converter IC with Overcurrent Protection Symmetrical-Phase Type
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB3886PFV Datasheet(HTML) 9 Page - Fujitsu Component Limited.

Back Button MB3886PFV Datasheet HTML 5Page - Fujitsu Component Limited. MB3886PFV Datasheet HTML 6Page - Fujitsu Component Limited. MB3886PFV Datasheet HTML 7Page - Fujitsu Component Limited. MB3886PFV Datasheet HTML 8Page - Fujitsu Component Limited. MB3886PFV Datasheet HTML 9Page - Fujitsu Component Limited. MB3886PFV Datasheet HTML 10Page - Fujitsu Component Limited. MB3886PFV Datasheet HTML 11Page - Fujitsu Component Limited. MB3886PFV Datasheet HTML 12Page - Fujitsu Component Limited. MB3886PFV Datasheet HTML 13Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
MB3886
9
(Continued)
(VCC
= 12 V, VB = 0 mA, VREF = 0 mA, Ta = +25 °C)
Parameter
Sym-
bol
Pin
No.
Conditions
Values
Unit
Min
Typ
Max
14. Output
Block [Drive]
Diode voltage
VD
13, 18 VB
= 10 mA
0.9
1.1
V
Dead time
tD
11, 14
20, 17
OUT1
= OUT2 = OPEN,
VS
= 0 V
30
100
170
ns
15. Channel
control Block
[CTL]
Output ON
condition
VON
2, 29 Output ON state
2
VREF
V
Output OFF
condition
VOFF
2, 29 Output OFF state
0
0.8
V
Input current
ICTL
2, 29
−14
−10
−6
µA
16. General
Power-supply
current
ICC
26

15
23
mA


Similar Part No. - MB3886PFV

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB3881 FUJITSU-MB3881 Datasheet
509Kb / 40P
   8-ch DC/DC Converter IC with Synchronous Rectifier for Voltage Step-up and Step-down
MB3881PFF FUJITSU-MB3881PFF Datasheet
509Kb / 40P
   8-ch DC/DC Converter IC with Synchronous Rectifier for Voltage Step-up and Step-down
MB3882 FUJITSU-MB3882 Datasheet
254Kb / 30P
   2-channel DC/DC Converter IC with Synchronous Rectifier
MB3882PFV FUJITSU-MB3882PFV Datasheet
254Kb / 30P
   2-channel DC/DC Converter IC with Synchronous Rectifier
MB3883 FUJITSU-MB3883 Datasheet
473Kb / 39P
   6-ch DC/DC Converter IC With Synchronous Rectification for voltage step-up and step-down
More results

Similar Description - MB3886PFV

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB3889 FUJITSU-MB3889 Datasheet
361Kb / 35P
   2-Channel DC/DC Converter IC with Overcurrent Protection Symmetrical-Phase Type
MB39A106 FUJITSU-MB39A106 Datasheet
572Kb / 46P
   2-Channel DC/DC Converter IC with Overcurrent Protection Symmetrical-Phase Type
MB39A104 FUJITSU-MB39A104_06 Datasheet
519Kb / 38P
   2-ch DC/DC Converter IC with Overcurrent Protection
MB39A104 FUJITSU-MB39A104_08 Datasheet
393Kb / 40P
   2-ch DC/DC Converter IC with Overcurrent Protection
MB3882 FUJITSU-MB3882 Datasheet
254Kb / 30P
   2-channel DC/DC Converter IC with Synchronous Rectifier
MB39A104 FUJITSU-MB39A104 Datasheet
380Kb / 36P
   2-ch DC/DC Converter IC
logo
Rohm
BM2P052F ROHM-BM2P052F Datasheet
1Mb / 24P
   PWM type DC/DC converter IC
BM2P053F ROHM-BM2P053F Datasheet
1Mb / 23P
   PWM type DC/DC converter IC
BM2P054F ROHM-BM2P054F Datasheet
1Mb / 23P
   PWM type DC/DC converter IC
logo
Fujitsu Component Limit...
MB3821 FUJITSU-MB3821 Datasheet
273Kb / 24P
   2-ch DC/DC Converter IC With Synchronous Rectifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com