Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCMLB-50R-500-T2H-D-QI Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # HCMLB-50R-500-T2H-D-QI
Description  High enerhy absorption cylinder, double acting/single rod type
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

HCMLB-50R-500-T2H-D-QI Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  HCMLB-50R-500-T2H-D-QI Datasheet HTML 1Page - List of Unclassifed Manufacturers HCMLB-50R-500-T2H-D-QI Datasheet HTML 2Page - List of Unclassifed Manufacturers HCMLB-50R-500-T2H-D-QI Datasheet HTML 3Page - List of Unclassifed Manufacturers HCMLB-50R-500-T2H-D-QI Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SCP * 2
CMK2
CMA2
SCM
SCA2
SCS
CKV2
CAT
MDC2
MVC
SMD2
SSD
FC *
JSB3
UCAC
LCS
LCY
STR2
UCA2
STK
USSD
USC
MFC
GLC
SHC
CAC3
HCM
HCA
MRL2
SRL2
SRG
SRM
SRT
SRB2
CAV2/
COV * 2
MSD/
MSDG
ULKP/
ULK
JSK2/
JSM2
STS/
STL
SSD
(large)
JSC3
(medium)
JSC3
(large)
1419
HCM Series
Specifications
-
-
Descriptions
Applications
Power voltage
Load voltage
Load current
Light
Reed 2 wire
Programmable controller
-
DC10 to 30V
5 to 20mA (Note 1)
DC12/24V
5 to 50mA
AC110V
7 to 20mA
DC5/12/24V
50mA or less
AC110V
20mA or less
Programmable controller,
relay
DC10 to 28V
DC30V or less
Programmable controller,
relay
Programmable controller, relay IC circuit
(without indicator light), serial connection
Proximity 2 wire
Proximity 3 wire
T2H/T2V/T2JH/T2JV T2YH/T2YV
T3H/T3V
T3YH/T3YV
T0H/T0V
T5H/T5V
-
LED (ON lighting)
LED (ON lighting)
LED (ON lighting)
Red/green LED (ON lighting)
Red/green LED (ON lighting)
100mA or less 50mA or less
• Strong magnetic field
Descriptions
Applications
Light
Load voltage
Load current
Internal voltage drop
Leakage current
Programmable controller
Red/green LED (ON lighting)
DC24V
±10%
5 to 20mA
6V or less
1.0mA or less
Proximity switch
T2YD
• With preventive maintenance output
Descriptions
Applications
Programmable controller
-
DC10 to 30V
DC5 to 20mA
DC20mA or less
Programmable controller
-
DC10 to 30V
DC5 to 20mA
DC5 to 20mA or less
Programmable controller,
relay
DC10 to 28V
DC30V or less
DC50mA or less
DC50mA or less
Programmable controller,
relay
DC10 to 28V
DC30V or less
DC50mA or less
DC50mA or less
T2YFH/V
T3YFH/V
T2YMH/V
T3YMH/V
Red/green LED (ON lighting)
DC30V or less
Yellow LED (ON lighting)
Note 1: Max. load current : 20mA above is the value at 25
°C. When ambient temperature around a switch is higher than 25 °C, the value is lower than 20mA. (5 to 10mA at 60 °C).
Current voltage
Load voltage
Load current
Load voltage
Load current
Preventive
maintenance
output
Proximity 3 wire
Proximity 4 wire
Proximity 3 wire
Proximity 4 wire
Switch specifications
• One color/bi-color indicator
Installation position
adjustment
Preventive maintenance
output


Similar Part No. - HCMLB-50R-500-T2H-D-QI

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
HCM HAMMOND-HCM Datasheet
47Kb / 1P
   Etrie de retenue horizontal
logo
Mitsubishi Electric Sem...
HCM-1002-H MITSUBISHI-HCM-1002-H Datasheet
128Kb / 7P
   HIGH VOLTAGE IGBT MODULE TARGET SPECIFICATION
logo
Lanner All Rights Reser...
HCM-1030 LANNER-HCM-1030 Datasheet
397Kb / 1P
   100 GbE Switch Blade with Broadcom StrataXGS Tomahawk BCM56960
V6-2022,4,14
HCM-1030E LANNER-HCM-1030E Datasheet
397Kb / 1P
   100 GbE Switch Blade with Broadcom StrataXGS Tomahawk BCM56960
V6-2022,4,14
logo
Eaton All Rights Reserv...
HCM0503 EATON-HCM0503 Datasheet
296Kb / 7P
   High current power inductors
More results

Similar Description - HCMLB-50R-500-T2H-D-QI

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CA2W ETC1-CA2W Datasheet
225Kb / 5P
   Air Cylinder/Double Acting Double Rod
logo
Festo Corporation.
DPZ-10-25-P-A-KF FESTO-DPZ-10-25-P-A-KF Datasheet
96Kb / 1P
   Dual piston rod cylinder
DPZ-10-25-P-A-KF-S2 FESTO-DPZ-10-25-P-A-KF-S2 Datasheet
89Kb / 1P
   Dual piston rod cylinder
DPZ-10-25-P-A-S2 FESTO-DPZ-10-25-P-A-S2 Datasheet
88Kb / 1P
   Dual piston rod cylinder
DPZ-10-50-P-A-S2 FESTO-DPZ-10-50-P-A-S2 Datasheet
89Kb / 1P
   Dual piston rod cylinder
DPZ-16-10-P-A-S2 FESTO-DPZ-16-10-P-A-S2 Datasheet
89Kb / 1P
   Dual piston rod cylinder
DPZ-16-25-P-A-S2 FESTO-DPZ-16-25-P-A-S2 Datasheet
89Kb / 1P
   Dual piston rod cylinder
DPZ-16-50-P-A-KF-S2 FESTO-DPZ-16-50-P-A-KF-S2 Datasheet
89Kb / 1P
   Dual piston rod cylinder
DPZ-20-10-P-A-KF-S2 FESTO-DPZ-20-10-P-A-KF-S2 Datasheet
88Kb / 1P
   Dual piston rod cylinder
DPZ-25-10-P-A-KF-S2 FESTO-DPZ-25-10-P-A-KF-S2 Datasheet
89Kb / 1P
   Dual piston rod cylinder
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com