Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT72V73250DA Datasheet(PDF) 4 Page - Integrated Device Technology

Part # IDT72V73250DA
Description  3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 8,192 x 8,192
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72V73250DA Datasheet(HTML) 4 Page - Integrated Device Technology

  IDT72V73250DA Datasheet HTML 1Page - Integrated Device Technology IDT72V73250DA Datasheet HTML 2Page - Integrated Device Technology IDT72V73250DA Datasheet HTML 3Page - Integrated Device Technology IDT72V73250DA Datasheet HTML 4Page - Integrated Device Technology IDT72V73250DA Datasheet HTML 5Page - Integrated Device Technology IDT72V73250DA Datasheet HTML 6Page - Integrated Device Technology IDT72V73250DA Datasheet HTML 7Page - Integrated Device Technology IDT72V73250DA Datasheet HTML 8Page - Integrated Device Technology IDT72V73250DA Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
4
INDUSTRIAL TEMPERATURERANGE
IDT72V73250 3.3V TIME SLOT INTERCHANGE
DIGITAL SWITCH 8,192 x 8,192
PIN DESCRIPTION
SYMBOL
NAME
I/O
DESCRIPTION
A0-14
Address 0 to 14
I
These address lines access all internal memories.
C32i
Clock
I
Serial clock for shifting data in/out on the serial data stream. This input accepts a 32.768 MHz clock.
CS
Chip Select
I
This active LOW input is used by a microprocessor to activate the microprocessor port of IDT72V73250.
D0-15
Data Bus 0-15
I/O
These pins are the data bits of the microprocessor port.
DS
Data Strobe
I
This active LOW input works in conjunction with
CS to enable the read and write operations and sets the
data bus lines (D0-D15).
DTA
Data Transfer
O
Indicates that a data bus transfer is complete. When the bus cycle ends, this pin drives HIGH and then goes
Acknowledgment
high-impedance, allowing for faster bus cycles with a weaker pull-up resistor. A pull-up resistor is required
to hold a HIGH level when the pin is in high-impedance.
FE
Frame Evaluation
I
This input can be used to measure delay in the data path by comparing the frame pulse, F32i, with this input.
F32i
Frame Pulse
I
This input accepts and automatically identifies frame synchronization signals formatted according to
ST-BUS®and GCI specifications.
GND
Ground
Ground Rail
ODE
Output Drive Enable
I
This is the output enable control for the TX serial outputs. When the ODE input is LOW and the Output Stand
By bit of the Control Register is LOW, all TX outputs are in a high-impedance state. If this input is HIGH, the TX
output drivers are enabled. However, each channel may still be put into a high-impedance state by using the
per-channel control bits in the Connection Memory.
RESET
Device Reset
I
This input puts the IDT72V73250 into a reset state that clears the device internal counters, registers and
brings TX0-15 and D0-D15 into a high-impedance state. The
RESET pin must be held LOW for a minimum
of 20ns to properly reset the device.
R/
W
Read/Write
I
This input controls the direction of the data bus lines (D0-D15) during a microprocessor access.
RX0-15
DataStream
I
Serial data input stream. These streams have a data rate of 32.768 Mb/s.
Input 0 to 15
TCK
Test Clock
I
Provides the clock to the JTAG test logic.
TDI
Test Serial Data In
I
JTAG serial test instructions and data are shifted in on this pin. This pin is pulled HIGH by an internal pull-up
when not driven.
TDO
Test Serial Data Out
O
JTAG serial data is output on this pin on the falling edge of TCK. This pin is held in high-impedance state
when JTAG scan is not enabled.
TMS
Test Mode Select
I
JTAG signal that controls the state transitions of the TAP controller. This pin is pulled HIGH by an internal
pull-up when not driven.
TRST
TestReset
I
Asynchronously initializes the JTAG TAP controller by putting it in the Test-Logic-Reset state. This pin is
pulled by an internal pull-up when not driven. This pin should be pulsed LOW on power-up, or held LOW,
to ensure that the IDT72V73250 is in the normal functional mode.
TX0-7
TX Output 0 to 7
O
Serial data output stream. These streams have a data rate of 32.768 Mb/s.
(Three-StateOutputs)
TX8-15/
TX Output 8 to 15/
O
When all 16 output streams are selected via Control Register, these pins are the output streams TX8 to TX15
OEI0-7
Output Enable
and operate at 32.768Mb/s. When output enable function is selected, these pins reflect the active or high-
Indication0-7
impedance status for the corresponding output stream Output Enable Indication 0-7.
(Three-StateOutputs)
VCC
VCC
+3.3 Volt Power Supply.


Similar Part No. - IDT72V73250DA

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT72V73250DAG RENESAS-IDT72V73250DAG Datasheet
420Kb / 25P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 8,192 x 8,192
JUNE 2004
More results

Similar Description - IDT72V73250DA

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT72V71650 RENESAS-IDT72V71650 Datasheet
460Kb / 29P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 8,192 x 8,192
JUNE 2004
IDT72V73250 RENESAS-IDT72V73250 Datasheet
420Kb / 25P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 8,192 x 8,192
JUNE 2004
IDT72V70200 RENESAS-IDT72V70200 Datasheet
503Kb / 25P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH
AUGUST 2001
logo
Integrated Device Techn...
IDT72V90823 IDT-IDT72V90823 Datasheet
180Kb / 27P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH
IDT72V70840 IDT-IDT72V70840 Datasheet
132Kb / 21P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH
logo
Renesas Technology Corp
IDT72V70190 RENESAS-IDT72V70190 Datasheet
463Kb / 21P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH
DECEMBER 2004
IDT72V70180 RENESAS-IDT72V70180 Datasheet
425Kb / 21P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH
MARCH 2003
IDT72V73260 RENESAS-IDT72V73260 Datasheet
311Kb / 27P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 16,384 X 16,384
JUNE 2004
logo
Integrated Device Techn...
IDT72V70190 IDT-IDT72V70190 Datasheet
145Kb / 20P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 256 x 256
IDT72V70840 IDT-IDT72V70840_08 Datasheet
163Kb / 20P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 4,096 x 4,096
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com