Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P87LPC779FDH Datasheet(PDF) 10 Page - NXP Semiconductors

Part # P87LPC779FDH
Description  CMOS single-chip 8-bit 80C51 microcontroller with 128-byte data RAM, 8 kB OTP
Download  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P87LPC779FDH Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button P87LPC779FDH Datasheet HTML 6Page - NXP Semiconductors P87LPC779FDH Datasheet HTML 7Page - NXP Semiconductors P87LPC779FDH Datasheet HTML 8Page - NXP Semiconductors P87LPC779FDH Datasheet HTML 9Page - NXP Semiconductors P87LPC779FDH Datasheet HTML 10Page - NXP Semiconductors P87LPC779FDH Datasheet HTML 11Page - NXP Semiconductors P87LPC779FDH Datasheet HTML 12Page - NXP Semiconductors P87LPC779FDH Datasheet HTML 13Page - NXP Semiconductors P87LPC779FDH Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 74 page
background image
xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxx x x x xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xx xx
xxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxx x x
xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxx
xxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxx xxx
Bit address
BF
BE
BD
BC
BB
BA
B9
B8
IP0*
Interrupt priority 0
B8h
-
PWD
PBO
PS
PT1
PX1
PT0
PX0
00H
IP0H
Interrupt priority 0 HIGH
B7h
-
PWDH
PBOH
PSH
PT1H
PX1H
PT0H
PX0H
00H
Bit address
FF
FE
FD
FC
FB
FA
F9
F8
IP1*
Interrupt priority 1
F8h
PTI
-
PC1
PAD
-
PC2
PKB
PI2
00H
IP1H
Interrupt priority 1 HIGH
F7h
PTIH
-
PC1H
PADH
-
PC2H
PKBH
PI2H
00H
KBI
Keyboard Interrupt
86h
00H
Bit address
87
86
85
84
83
82
81
80
P0*
Port 0
80h
T1
CMP1
CMPREF
CIN1A
CIN1B
CIN2A
CIN2B
CMP2
[1]
Bit address
97
96
95
94
93
92
91
90
P1*
Port 1
90h
DAC0
DAC1
RST
INT1
INT0
T0
RxD
TxD
[1]
Bit address
A7
A6
A5
A4
A3
A2
A1
A0
P2*
Port 2
A0h
-
-
-
-
-
-
X1
X2
[1]
P0M1
Port 0 output mode 1
84h
(P0M1.7)
(P0M1.6)
(P0M1.5)
(P0M1.4)
(P0M1.3)
(P0M1.2)
(P0M1.1)
(P0M1.0)
00H
P0M2
Port 0 output mode 2
85h
(P0M2.7)
(P0M2.6)
(P0M2.5)
(P0M2.4)
(P0M2.3)
(P0M2.2)
(P0M2.1)
(P0M2.0)
00H
P1M1
Port 1 output mode 1
91h
(P1M1.7)
(P1M1.6)
-
(P1M1.4)
-
-
(P1M1.1)
(P1M1.0)
00H
P1M2
Port 1 output mode 2
92h
(P1M2.7)
(P1M2.6)
-
(P1M2.4)
-
-
(P1M2.1)
(P1M2.0)
00H
P2M1
Port 2 output mode 1
A4h
P2S
P1S
P0S
ENCLK
ENT1
ENT0
(P2M1.1)
(P2M1.0)
00H
P2M2
Port 2 output mode 2
A5h
-
-
-
-
-
-
(P2M2.1)
(P2M2.0)
00H
PCON
Power control register
87h
SMOD1
SMOD0
BOF
POF
GF1
GF0
PD
IDL
[2]
Bit address
D7
D6
D5
D4
D3
D2
D1
D0
PSW*
Program status word
D0h
CY
AC
F0
RS1
RS0
OV
F1
P
00H
PT0AD
Port 0 digital input disable
F6h
00H
Bit address
9F
9E
9D
9C
9B
9A
99
98
SCON*
Serial port control
98h
SM0
SM1
SM2
REN
TB8
RB8
TI
RI
00H
SBUF
Serial port data buffer register
99h
xxh
SADDR
Serial port address register
A9h
00H
SADEN
Serial port address enable
B9h
00H
Table 3:
Special function registers…continued
* indicates SFRs that are bit addressable.
Name
Description
SFR
addr.
Bit functions and addresses
Reset
value
MSB
LSB
Hex


Similar Part No. - P87LPC779FDH

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
P87LPC778 PHILIPS-P87LPC778 Datasheet
360Kb / 79P
   CMOS single-chip 8-bit 80C51 microcontroller 128-byte data RAM, 8 kB OTP
Rev. 01-31 March 2004
P87LPC778FDH PHILIPS-P87LPC778FDH Datasheet
360Kb / 79P
   CMOS single-chip 8-bit 80C51 microcontroller 128-byte data RAM, 8 kB OTP
Rev. 01-31 March 2004
More results

Similar Description - P87LPC779FDH

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
P87LPC778 PHILIPS-P87LPC778 Datasheet
360Kb / 79P
   CMOS single-chip 8-bit 80C51 microcontroller 128-byte data RAM, 8 kB OTP
Rev. 01-31 March 2004
logo
Sanyo Semicon Device
LC87F72C8A SANYO-LC87F72C8A Datasheet
717Kb / 24P
   8-Bit Single Chip Microcontroller with 128 KB Flash Memory and 2048-Byte RAM On Chip
logo
NXP Semiconductors
P89LPC932 PHILIPS-P89LPC932 Datasheet
291Kb / 60P
   8-bit microcontroller with accelerated two-clock 80C51 core 8 kB Flash with 512-byte data EEPROM and 768-byte RAM
Rev. 04-06 January 2004
P87C51MB2_MC2 PHILIPS-P87C51MB2_MC2 Datasheet
970Kb / 36P
   80C51 8-bit microcontroller family with extended memory 64 kB/96 kB OTP with 2 kB/3 kB RAM
Rev. 03-13 November 2003
P89LPC930 PHILIPS-P89LPC930 Datasheet
260Kb / 55P
   8-bit microcontrollers with two-clock 80C51 core 4 kB/8 kB 3 V Flash with 256-byte data RAM
Rev. 05-15 December 2004
P89LPC930 NXP-P89LPC930 Datasheet
277Kb / 55P
   8-bit microcontrollers with two-clock 80C51 core 4 kB/8 kB 3 V Flash with 256-byte data RAM
Rev. 05 - 15 December 2004
P89LPC912 NXP-P89LPC912 Datasheet
326Kb / 66P
   8-bit microcontrollers with two-clock 80C51 core, 1 kB 3 V flash with 128-byte RAM
Rev. 05-28 September 2007
P89LPC906 PHILIPS-P89LPC906 Datasheet
243Kb / 51P
   8-bit microcontrollers with two-clock 80C51 core 1 kB 3 V Flash with 128-byte RAM
Rev. 05-17 December 2004
P89LPC901 PHILIPS-P89LPC901 Datasheet
1Mb / 55P
   8-bit microcontrollers with two-clock 80C51 core 1 kB 3 V Flash with 128-byte RAM
Rev. 04-21 November 2003
logo
Sanyo Semicon Device
LC87F66C8A SANYO-LC87F66C8A Datasheet
768Kb / 23P
   8-Bit Single Chip Microcontroller with 64 KB FEPROM and 2048-Byte RAM On Chip?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com