Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3300A Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # 3300A
Description  Monolithic Common Drain N-Channel 2.5V Specified PowerTrench
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

3300A Datasheet(HTML) 3 Page - Fairchild Semiconductor

  3300A Datasheet HTML 1Page - Fairchild Semiconductor 3300A Datasheet HTML 2Page - Fairchild Semiconductor 3300A Datasheet HTML 3Page - Fairchild Semiconductor 3300A Datasheet HTML 4Page - Fairchild Semiconductor 3300A Datasheet HTML 5Page - Fairchild Semiconductor 3300A Datasheet HTML 6Page - Fairchild Semiconductor 3300A Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
FDMC3300NZA RevB
www.fairchildsemi.com
3
Typical Characteristics T
J = 25°C unless otherwise noted
Figure 1.
01
23
45
0
10
20
30
40
VDS, DRAIN-SOURCE VOLTAGE (V)
PULSE DURATION =300µS
DUTY CYCLE =2.0% MAX
VGS= 4.5V
3.5V
3.0V
2.5V
2.0V
Waveforms in
Descending order:
On Region Characteristics
Figure 2.
4
8
12
16
20
24
28
32
36
40
0.8
1.0
1.2
1.4
1.6
1.8
2.0
ID, DRAIN CURRENT (A)
V
GS= 2.0V
2.5V
3.0V
3.5V
4.0V
4.5V
On-Resistance Variation with Drain
Current and Gate Voltage
Figure 3.
-80
-40
0
40
80
120
160
0.6
0.8
1.0
1.2
1.4
1.6
PULSE DURATION =300µS
DUTY CYCLE =2.0% MAX
I
D = 8A
V
GS = 4.5V
TJ, JUNCTION TEMPERATURE (°C)
On Resistance Variation with
Temperature
Figure 4.
024
6
8
10
0.01
0.02
0.03
0.04
0.05
0.06
ID=4A
PULSE DURATION=300µs
DUTY CYCLE=2.0% MAX
TJ = 25°C
TJ = 125°C
VGS, GATE TO SOURCE VOLTAGE (V)
On-Resistance Variation with
Gate-to-Source Votlage
Figure 5.
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
0
10
20
30
40
PULSE DURATION=300µs
DUTY CYCLE=2.0% MAX
TJ = - 55°C
TJ = 25°C
TJ = 125°C
VDS = 5V
VGS, GATE TO SOURCE VOLTAGE (V)
Transfer Characteristics
Figure 6.
0.00.2
0.40.60.81.0
1.21.4
1E-4
1E-3
0.01
0.1
1
10
100
TJ=-55°C
TJ=25°C
V
SD, BODY DIODE FORWARD VOLTAGE(V)
TJ=125°C
VGS=0V
Body Diode Forward Voltage Variation
With Source Current and Temperature


Similar Part No. - 3300A

ManufacturerPart #DatasheetDescription
logo
ebm-papst
3300 EBMPAPST-3300 Datasheet
345Kb / 3P
   DC axial fans
logo
Heyco.
3300 HEYCO-3300 Datasheet
100Kb / 1P
   Hinged Cable Holders
logo
Vishay Siliconix
3300-108 VISHAY-3300-108 Datasheet
59Kb / 3P
   Plasma Panel Display Modules
18-Jul-08
logo
KR Electronics, Inc.
3300-200 KR-3300-200 Datasheet
71Kb / 3P
   2300 MHz Bandpass Filter
logo
ETAL Group
3300-IG2 ETAL-3300-IG2 Datasheet
229Kb / 4P
   Control systems, instrumentation, medical equipment, machine tools, robotics
More results

Similar Description - 3300A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDZ2553N FAIRCHILD-FDZ2553N Datasheet
199Kb / 6P
   Monolithic Common Drain N-Channel 2.5V Specified PowerTrench
FDM2452NZ FAIRCHILD-FDM2452NZ Datasheet
137Kb / 6P
   Monolithic Common Drain N-Channel 2.5V Specified PowerTrench MOSFET
FDMW2512NZ FAIRCHILD-FDMW2512NZ Datasheet
135Kb / 6P
   Monolithic Common Drain N-Channel 2.5V Specified PowerTrench MOSFET
FDM2509NZ FAIRCHILD-FDM2509NZ Datasheet
194Kb / 6P
   Monolithic Common Drain N-Channel 2.5V Specified PowerTrench MOSFET
FDM3300NZ FAIRCHILD-FDM3300NZ Datasheet
460Kb / 8P
   Monolithic Common Drain N-Channel 2.5V Specified PowerTrench MOSFET
FDZ2554P FAIRCHILD-FDZ2554P Datasheet
183Kb / 6P
   Monolithic Common Drain P-Channel 2.5V Specified PowerTrench
FDZ2553NZ FAIRCHILD-FDZ2553NZ Datasheet
155Kb / 6P
   Monolithic Common Drain N-Channel 2.5V Specified PowerTrench BGA MOSFET
FDW2509NZ FAIRCHILD-FDW2509NZ Datasheet
105Kb / 5P
   Common Drain N-Channel 2.5V Specified PowerTrench MOSFET
FDW2516NZ FAIRCHILD-FDW2516NZ Datasheet
135Kb / 5P
   Common Drain N-Channel 2.5V specified PowerTrench MOSFET
FDW2507NZ FAIRCHILD-FDW2507NZ Datasheet
130Kb / 5P
   Common Drain N-Channel 2.5V specified PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com