Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T6819-TBQ Datasheet(PDF) 4 Page - ATMEL Corporation

Part # T6819-TBQ
Description  Dual Triple DMOS Output Driver with Serial Input Control
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T6819-TBQ Datasheet(HTML) 4 Page - ATMEL Corporation

  T6819-TBQ Datasheet HTML 1Page - ATMEL Corporation T6819-TBQ Datasheet HTML 2Page - ATMEL Corporation T6819-TBQ Datasheet HTML 3Page - ATMEL Corporation T6819-TBQ Datasheet HTML 4Page - ATMEL Corporation T6819-TBQ Datasheet HTML 5Page - ATMEL Corporation T6819-TBQ Datasheet HTML 6Page - ATMEL Corporation T6819-TBQ Datasheet HTML 7Page - ATMEL Corporation T6819-TBQ Datasheet HTML 8Page - ATMEL Corporation T6819-TBQ Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
T6819/T6829 [Preliminary]
4531B–BCD–11/03
Functional Description
Serial Interface
Data transfer starts with the falling edge of the CS signal. Data must appear at DI syn-
chronized to CLK and are accepted on the falling edge of the CLK signal. LSB (bit 0,
SRR) has to be transferred first. Execution of new input data is enabled on the rising
edge of the CS signal. When CS is high, pin DO is in tristate condition. This output is
enabled on the falling edge of CS. Output data will change their state with the rising
edge of CLK and stay stable until the next rising edge of CLK appears. LSB (bit 0, TP) is
transferred first.
Figure 3. Data Transfer
Table 1. Input Data Protocol
SRR
LS1
HS1
LS2
HS2
LS3
HS3
PL1
PH1
PL2
PH2
PL3
PH3
OLD
OCS
SI
CS
DI
CLK
DO
TP
S1L
S1H
S2L
S2H
S3L
S3H
n. u.
n. u.
n. u.
n. u.
n. u.
n. u.
OVL
INH
PSF
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
Bit
Input Register
Function
0SRR
Status register reset (high = reset; the bits PSF and OVL in the
output data register are set to low)
1
LS1
Controls output LS1 (high = switch output LS1 on)
2
HS1
Controls output HS1 (high = switch output HS1 on)
3
LS2
See LS1
4
HS2
See HS1
5
LS3
See LS1
6
HS3
See HS1
7
PL1
Output LS1 additionally controlled by PWM Input
8
PH1
Output HS1 additionally controlled by PWM Input
9
PL2
See PL1
10
PH2
See PH1
11
PL3
See PL1
12
PH3
See PH1
13
OLD
Open load detection (low = on)
14
OCS
Overcurrent shutdown (high = overcurrent shutdown is active)
15
SI
Software inhibit; low = standby, high = normal operation
(data transfer is not affected by standby function because the
digital part is still powered)


Similar Part No. - T6819-TBQ

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
T6819-TBQY ATMEL-T6819-TBQY Datasheet
333Kb / 16P
   Dual Triple DMOS Output Driver with Serial Input Control
More results

Similar Description - T6819-TBQ

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
T6817 ATMEL-T6817 Datasheet
184Kb / 15P
   Dual Triple DMOS Output Driver with Serial Input Control
T6819 ATMEL-T6819_05 Datasheet
333Kb / 16P
   Dual Triple DMOS Output Driver with Serial Input Control
T6817 ATMEL-T6817_09 Datasheet
398Kb / 16P
   Dual Triple DMOS Output Driver with Serial Input Control
ATA6829 ATMEL-ATA6829_09 Datasheet
640Kb / 16P
   Dual Triple DMOS Output Driver with Serial Input Control
T6817 ATMEL-T6817_05 Datasheet
310Kb / 16P
   Dual Triple DMOS Output Driver with Serial Input Control
T6817 ATMEL-T6817_07 Datasheet
353Kb / 16P
   Dual Triple DMOS Output Driver with Serial Input Control
T6818 ATMEL-T6818_05 Datasheet
319Kb / 16P
   Triple Halfbridge DMOS Output Driver with Serial Input Control
T6818 ATMEL-T6818 Datasheet
469Kb / 16P
   Triple Halfbridge DMOS OUTPUT DRIVER WITH SERIAL INPUT CONTROL
ATA6826 ATMEL-ATA6826 Datasheet
262Kb / 15P
   Triple Halfbridge DMOS Output Driver with Serial Input Control
ATA6826 ATMEL-ATA6826_07 Datasheet
359Kb / 15P
   Triple Half-bridge DMOS Output Driver with Serial Input Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com