Electronic Components Datasheet Search
Selected language     English  ▼


AN7337N Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part No. AN7337N
Description  7-Element Graphic Equalizer IC for Hi-Fi
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PANASONIC [Panasonic Semiconductor]
Homepage  http://www.panasonic.com/industrial/
Logo 

   
 1 page
background image
ICs for Audio Common Use
s Overview
The AN7337N is a graphic equalizer IC for high perfor-
mance Hi-Fi developed for deck. It incorporates output
buffer circuit and 7 resonance buffer circuits, can set res-
onance frequency by external capacitor.
s Features
Low noise : Vno = 4µVrms typ.
Low distortion : THD = 0.002% typ. (at VO = 1Vrms)
High output power : VO
(max.) = 9.5Vrms typ. (at. THD =
0.1%)
Wide operating supply voltage range : VCC (opr.) = ±4 ~
±18V
AN7337N
7-Element Graphic Equalizer IC for Hi-Fi
1
2
3
4
5
6
7
8
9
10
3 ~15˚
20
19
18
17
16
15
14
13
12
11
6.35
±0.3
3.85
±0.25 3.0±0.25
0.6
±0.25
7.62
±0.25
0.25
+ 0.1
– 0.05
20-Lead DIP Package (DIP020-P-0300A)
Unit : mm
20
19
18
17
16
15
14
13
12
11
1
2
3
4
5
6
7
8
9
10
+
+
+
+
+
+
+
–VCC
GND
+VCC
Output Buffer
Resonance
Section7
Resonance
Section6
Resonance
Section5
Resonance
Section4
Resonance
Section3
Resonance
Section2
Resonance
Section1
+
s Block Diagram




Html Pages

1  2  3  4 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
AN7337NS7-element graphic equalizer IC for Hi-Fi audio equipment 1 2 3 Panasonic Semiconductor
LC7565FLT Driver for Display of Graphic Equalizer 1 2 3 4 5 MoreSanyo Semicon Device
LC7520GRAPHIC EQUALIZER VOLUME CONTROLLER FOR HOME STEREO MUSIC CENTER USE 1 2 Sanyo Semicon Device
M62431FP7-ELEMENT GRAPHIC EQUALIZER WITH MICROCOMPUTER INTERFACE 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
LC7522ELECTORONIC VOLUME CONTROL FOR GRAPHIC EQUALIZER 1 2 3 4 5 Sanyo Semicon Device
BA3840KVPreset graphic equalizer for headphone stereos 1 2 3 4 5 MoreRohm
NJU73057-BAND EVR FOR GRAPHIC EQUALIZER 1 2 3 4 5 MoreNew Japan Radio
AN7356NSCRecording and playback equalizer amp. IC for Hi-Fi cassette deck 1 2 3 4 5 MorePanasonic Semiconductor
PCF8579LCD column driver for dot matrix graphic displays 1 2 3 4 5 MoreNXP Semiconductors

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl