Electronic Components Datasheet Search
Selected language     English  â–¼


AN7337N Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part No. AN7337N
Description  7-Element Graphic Equalizer IC for Hi-Fi
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PANASONIC [Panasonic Semiconductor]
Homepage  http://www.panasonic.com/industrial/
Logo 

   
 2 page
background image
AN7337N
ICs for Audio Common Use
s Absolute Maximum Ratings (Ta= 25ËšC)
VCC
ICC
PD
Topr
Tstg
Supply Voltage
Supply Current
Power Dissipation
Operating Ambient Temperature
Storage Temperature
V
mA
mW
ËšC
ËšC
Parameter
Symbol
Rating
Unit
±18
±50
1,000
–20 ~ + 75
–55 ~ +150
Parameter
Symbol
Range
Operating Supply Voltage Range
VCC
±4V ~ ±18V
s Recommended Operating Range (Ta = 25ËšC)
Parameter
Symbol
Condition
min.
typ.
max.
Unit
Total Circuit Current
Voltage Gain FLAT
Voltage Gain BOOST
Voltage Gain CUT
Total Harmonic Distortion
Max. Output Voltage
Output Noise Voltage
Output Noise Voltage
ICC
GV (FLAT)
GV (Boost)
GV (CUT)
THD
VO (max.)
Vno
Vno (max.)
Vin= 0mV
f= 1kHz, Vin= –10dBm
FLAT VO = 0dB,
Vin= –10dBm
FLAT VO = 0dB,
Vin= –10dBm
f= 1kHz, VO = 1Vrms
f= 1kHz, THD= 0.1%
Input Short, DIN/AUDIO
Input Short, ALL Boost
12
– 0.3
12
–12
0.002
9.5
4
31
16
0
14
–10.4
0.03
35
100
mA
dB
dB
dB
%
Vrms
µVrms
µVrms
8
– 0.6
10.4
–14
8
s Electrical Characteristics (VCC =
±15V, Ta = 25˚C)
VO = 1Vrms
Ta = 25ËšC
THD – VCC
0.1
0.05
0.03
0.02
0.01
0.005
0.003
0.002
0.001
Supply Voltage VCC (V)
15
0
5
10
30
25
20
VCC –Vno
Input Short
DIN/AUDIO
Total Flat
Vno – VCC
10
8
6
4
2
0
Supply Voltage VCC (V)
12
0
4
8
24
20
16
THD – VO
1
0.3
0.1
0.03
0.01
0.003
Output Voltage VO (dBV)
–20
0
40
20
VCC =
±15V
f = 1kHz
Ta = 25ËšC
CUT
Boost
FLAT
s Characteristics Curve




Html Pages

1  2  3  4 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
AN7337NS7-element graphic equalizer IC for Hi-Fi audio equipment 1 2 3 Panasonic Semiconductor
LC7565FLT Driver for Display of Graphic Equalizer 1 2 3 4 5 MoreSanyo Semicon Device
LC7520GRAPHIC EQUALIZER VOLUME CONTROLLER FOR HOME STEREO MUSIC CENTER USE 1 2 Sanyo Semicon Device
M62431FP7-ELEMENT GRAPHIC EQUALIZER WITH MICROCOMPUTER INTERFACE 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
LC7522ELECTORONIC VOLUME CONTROL FOR GRAPHIC EQUALIZER 1 2 3 4 5 Sanyo Semicon Device
BA3840KVPreset graphic equalizer for headphone stereos 1 2 3 4 5 MoreRohm
NJU73057-BAND EVR FOR GRAPHIC EQUALIZER 1 2 3 4 5 MoreNew Japan Radio
AN7356NSCRecording and playback equalizer amp. IC for Hi-Fi cassette deck 1 2 3 4 5 MorePanasonic Semiconductor
PCF8579LCD column driver for dot matrix graphic displays 1 2 3 4 5 MoreNXP Semiconductors

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl