Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TA0192A Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # TA0192A
Description  SAW FILTER 426.1 MHz SMD 5.0 SQ
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

TA0192A Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  TA0192A Datasheet HTML 1Page - List of Unclassifed Manufacturers TA0192A Datasheet HTML 2Page - List of Unclassifed Manufacturers TA0192A Datasheet HTML 3Page - List of Unclassifed Manufacturers TA0192A Datasheet HTML 4Page - List of Unclassifed Manufacturers TA0192A Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
1
TAI-SAW TECHNOLOGY CO., LTD.
No. 3, Industrial 2nd Rd., Ping-Chen Industrial District,
Taoyuan, 324, Taiwan, R.O.C.
TEL: 886-3-4690038
FAX: 886-3-4697532
E-mail: tstsales@mail.taisaw.com
Web: www.taisaw.com
SAW Filter 426.1 MHz
MODEL NO.: TA0192A
REV. NO.:1
A.
MAXIMUM RATING:
1.
Input Power Level: 10 dBm
2.
DC voltage: 0 V
3.
Operating Temperature: -10
°C to +60°C
4.
Storage Temperature: -20
°C to +75°C
B.
ELECTRICAL CHARACTERISTICS:
Characteristics
Min.
Typ.
Max.
Center frequency
Fc
(dB)
-
426.1
-
Insertion loss
(within 426.012 ~ 426.150 MHz)
IL
(dB)
-
2.5
3.5
Ripple Deviation (p-p)
(within 426.012 ~ 426.150 MHz)
(dB)
-
0.1
1.5
Absolute Attenuation
Within 382.012 ~ 384.150 MHz
(dB)
50.0
68.0
-
Within 468.012 ~ 470.150 MHz
(dB)
(Plus Image Frequency)
50.0
68.0
-
Source impedance
Zs
(
Ω)
-
53-j29.44
-
Load impedance
ZL
(
Ω)
-
53-j29.44
-
Note1. The standard definitions is in JIS C 6703
Note2.
ZIN=53-j29.44
ZOUT =53 -j29.44
Source impedance
50Ω
Load impedance
50Ω


Similar Part No. - TA0192A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TA0192A TAI-SAW-TA0192A Datasheet
247Kb / 6P
   SAW Filter 426.1 MHz SMD 5X5 mm
logo
Golledge Electronics Lt...
TA0192A GOLLEDGE-TA0192A Datasheet
91Kb / 4P
   SAW Filter 426.1MHz
More results

Similar Description - TA0192A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TA0192A TAI-SAW-TA0192A Datasheet
247Kb / 6P
   SAW Filter 426.1 MHz SMD 5X5 mm
TA0763A TAI-SAW-TA0763A Datasheet
222Kb / 7P
   SAW FILTER 1842.5 MHz SMD 3.0 SQ
TA947FG TAI-SAW-TA947FG Datasheet
383Kb / 7P
   SAW Filter 947.5 MHz SMD 3.0 SQ for GSM
TA0175A TAI-SAW-TA0175A Datasheet
430Kb / 6P
   SAW Filter 1960MHz SMD 3.0 mm SQ
TB1126A TAI-SAW-TB1126A Datasheet
146Kb / 7P
   980 MHz 80MHz BW SMD 5.0 x 5.0 mm SAW IF Filter
TB1125A TAI-SAW-TB1125A Datasheet
147Kb / 7P
   739 MHz 78MHz BW SMD 5.0 x 5.0 mm SAW IF Filter
TA1715A TAI-SAW-TA1715A Datasheet
183Kb / 7P
   169.4 MHz 0.2MHz BW SMD 5.0 x 5.0 mm SAW RF Filter
logo
Oscilent Corporation
827-IF140.0M-48A OSCILENT-827-IF140.0M-48A Datasheet
141Kb / 5P
   140HMz IF SAW Filter 5.0 MHz Bandwidth
logo
Abracon Corporation
AFS-152-902.5MHZ-T ABRACON-AFS-152-902.5MHZ-T Datasheet
300Kb / 1P
   SMD 902.5 MHz SAW FILTER
11.15.06
AFS315E ABRACON-AFS315E Datasheet
97Kb / 1P
   SMD 315.0 MHz SAW FILTER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com