Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N478 Datasheet(PDF) 3 Page - Advanced Semiconductor

Part # 2N478
Description  SILICON TRANSISTORS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASI [Advanced Semiconductor]
Direct Link  http://www.advancedsemiconductor.com
Logo ASI - Advanced Semiconductor

2N478 Datasheet(HTML) 3 Page - Advanced Semiconductor

  2N478 Datasheet HTML 1Page - Advanced Semiconductor 2N478 Datasheet HTML 2Page - Advanced Semiconductor 2N478 Datasheet HTML 3Page - Advanced Semiconductor 2N478 Datasheet HTML 4Page - Advanced Semiconductor 2N478 Datasheet HTML 5Page - Advanced Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image


Similar Part No. - 2N478

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2N40 UTC-2N40 Datasheet
178Kb / 6P
   2 Amps, 400 Volts N-CHANNEL POWER MOSFET
2N40 UTC-2N40 Datasheet
175Kb / 5P
   2A, 400V N-CHANNEL POWER MOSFET
logo
Seme LAB
2N4000 SEME-LAB-2N4000 Datasheet
11Kb / 1P
   Bipolar NPN Device in a Hermetically sealed TO39 Metal Package
logo
Central Semiconductor C...
2N4000 CENTRAL-2N4000 Datasheet
22Kb / 1P
   Small Signal Transistors
logo
New Jersey Semi-Conduct...
2N4000 NJSEMI-2N4000 Datasheet
124Kb / 1P
   NPN SWITCHING TRANSISTORS
More results

Similar Description - 2N478

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2N4424 ETC-2N4424 Datasheet
94Kb / 3P
   SILICON TRANSISTORS
logo
New Jersey Semi-Conduct...
GES5401 NJSEMI-GES5401 Datasheet
117Kb / 2P
   Silicon Transistors
GES5814 NJSEMI-GES5814 Datasheet
156Kb / 2P
   Silicon Transistors
2N3854 NJSEMI-2N3854 Datasheet
137Kb / 1P
   SILICON TRANSISTORS
2N5307 NJSEMI-2N5307 Datasheet
132Kb / 1P
   SILICON TRANSISTORS
2N5777 NJSEMI-2N5777 Datasheet
134Kb / 2P
   SILICON TRANSISTORS
logo
Renesas Technology Corp
2SC3623 RENESAS-2SC3623 Datasheet
271Kb / 6P
   SILICON TRANSISTORS
2002
2SD1616 RENESAS-2SD1616 Datasheet
235Kb / 6P
   SILICON TRANSISTORS
2002
logo
New Jersey Semi-Conduct...
2N4424 NJSEMI-2N4424 Datasheet
121Kb / 1P
   SILICON TRANSISTORS
2N3402 NJSEMI-2N3402 Datasheet
149Kb / 1P
   SILICON TRANSISTORS
logo
Renesas Technology Corp
2SA1376 RENESAS-2SA1376 Datasheet
242Kb / 8P
   SILICON TRANSISTORS
2002
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com