Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSC23CV23268D-XXBS4 Datasheet(PDF) 8 Page - OKI electronic componets

Part # MSC23CV23268D-XXBS4
Description  2,097,152-word x 32-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE WITH EDO
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSC23CV23268D-XXBS4 Datasheet(HTML) 8 Page - OKI electronic componets

  MSC23CV23268D-XXBS4 Datasheet HTML 1Page - OKI electronic componets MSC23CV23268D-XXBS4 Datasheet HTML 2Page - OKI electronic componets MSC23CV23268D-XXBS4 Datasheet HTML 3Page - OKI electronic componets MSC23CV23268D-XXBS4 Datasheet HTML 4Page - OKI electronic componets MSC23CV23268D-XXBS4 Datasheet HTML 5Page - OKI electronic componets MSC23CV23268D-XXBS4 Datasheet HTML 6Page - OKI electronic componets MSC23CV23268D-XXBS4 Datasheet HTML 7Page - OKI electronic componets MSC23CV23268D-XXBS4 Datasheet HTML 8Page - OKI electronic componets MSC23CV23268D-XXBS4 Datasheet HTML 9Page - OKI electronic componets  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Semiconductor
MSC23CV23268D
AC Characteristics (2/2)
(VCC = 3.3V ± 0.3V, Ta = 0°C to +70°C ) Note: 1, 2, 3
-60
-70
Parameter
Symbol
Min.
Max.
Min.
Max.
Unit
Note
Write Command Set-up Time
tWCS
0-
0-
ns
Write Command Hold Time
tWCH
10
-
13
-
ns
Write Command Pulse Width
tWP
10
-
10
-
ns
/WE Pulse Width (DQ Disable)
tWPE
10
-
10
-
ns
Write Command to /RAS Lead Time
tRWL
10
-
13
-
ns
Write Command to /CAS Lead Time
tCWL
10
-
13
-
ns
Data-in Set-up Time
tDS
0-
0-
ns
Data-in Hold Time
tDH
10
-
13
-
ns
/CAS Active Delay Time from /RAS Precharge
tRPC
5-
5-
ns
/RAS to /CAS Set-up Time
(/CAS before /RAS)
tCSR
5-
5-
ns
/RAS to /CAS Hold Time
(/CAS before /RAS)
tCHR
10
-
10
-
ns


Similar Part No. - MSC23CV23268D-XXBS4

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSC23CV23218D-60BS4 OKI-MSC23CV23218D-60BS4 Datasheet
79Kb / 9P
   2,097,152-word x 32-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE
MSC23CV23218D-70BS4 OKI-MSC23CV23218D-70BS4 Datasheet
79Kb / 9P
   2,097,152-word x 32-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE
MSC23CV23218D-XXBS4 OKI-MSC23CV23218D-XXBS4 Datasheet
79Kb / 9P
   2,097,152-word x 32-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE
MSC23CV23257A OKI-MSC23CV23257A Datasheet
64Kb / 10P
   2,097,152-Word x 32-Bit DRAM MODULE : FAST PAGE MODE TYPE WITH EDO
MSC23CV23257A-XXBS4 OKI-MSC23CV23257A-XXBS4 Datasheet
64Kb / 10P
   2,097,152-Word x 32-Bit DRAM MODULE : FAST PAGE MODE TYPE WITH EDO
More results

Similar Description - MSC23CV23268D-XXBS4

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSC2323258D OKI-MSC2323258D Datasheet
44Kb / 9P
   2,097,152-word x 32-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE WITH EDO
MSC23CV23257D-XXBS4 OKI-MSC23CV23257D-XXBS4 Datasheet
80Kb / 9P
   2,097,152-word x 32-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE WITH EDO
MSC23232D-XXBS4 OKI-MSC23232D-XXBS4 Datasheet
78Kb / 9P
   2,097,152-word x 32-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE WITH EDO
MSC23V26457TD-XXBS8 OKI-MSC23V26457TD-XXBS8 Datasheet
93Kb / 10P
   2,097,152-Word x 64-Bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE WITH EDO
MSC23V26468TD-XXBS8 OKI-MSC23V26468TD-XXBS8 Datasheet
93Kb / 10P
   2,097,152-Word x 64-Bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE WITH EDO
MSC23CV26457D-XXBS8 OKI-MSC23CV26457D-XXBS8 Datasheet
92Kb / 10P
   2,097,152-word x 64-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE WITH EDO
MSC23V27257TD-XXBS9 OKI-MSC23V27257TD-XXBS9 Datasheet
93Kb / 10P
   2,097,152-Word x 72-Bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE WITH EDO
MSC23CV23218D-XXBS4 OKI-MSC23CV23218D-XXBS4 Datasheet
79Kb / 9P
   2,097,152-word x 32-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE
MSC23B2321D OKI-MSC23B2321D Datasheet
43Kb / 9P
   2,097,152-word x 32-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE
MSC23232D-XXBS16 OKI-MSC23232D-XXBS16 Datasheet
82Kb / 9P
   2,097,152-word x 32-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com