Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSC23Q836D-XXBS18 Datasheet(PDF) 1 Page - OKI electronic componets

Part # MSC23Q836D-XXBS18
Description  8,388,608-word x 36-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSC23Q836D-XXBS18 Datasheet(HTML) 1 Page - OKI electronic componets

  MSC23Q836D-XXBS18 Datasheet HTML 1Page - OKI electronic componets MSC23Q836D-XXBS18 Datasheet HTML 2Page - OKI electronic componets MSC23Q836D-XXBS18 Datasheet HTML 3Page - OKI electronic componets MSC23Q836D-XXBS18 Datasheet HTML 4Page - OKI electronic componets MSC23Q836D-XXBS18 Datasheet HTML 5Page - OKI electronic componets MSC23Q836D-XXBS18 Datasheet HTML 6Page - OKI electronic componets MSC23Q836D-XXBS18 Datasheet HTML 7Page - OKI electronic componets MSC23Q836D-XXBS18 Datasheet HTML 8Page - OKI electronic componets MSC23Q836D-XXBS18 Datasheet HTML 9Page - OKI electronic componets  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Semiconductor
This version: Mar. 6. 2000
MSC23Q836D-xxBS18/DS18
8,388,608-word x 36-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE
1/9
DESCRIPTION
The MSC23Q836D-xxBS18/DS18 is an 8,388,608-word x 36-bit CMOS dynamic random access memory module
which is composed of sixteen 16Mb DRAMs (4Mx4) in SOJ packages and two 16Mb DRAMs (4/CAS 4Mx4) in SOJ
packages mounted with eighteen decoupling capacitors. This is a 72-pin single in-line memory module. This module
supports any application where high density and large capacity of storage memory are required.
FEATURES
• 8,388,608-word x 36-bit organization
• 72-pin Single In-Line Memory Module
MSC23Q836D-xxBS18 : Gold tab
MSC23Q836D-xxDS18 : Solder tab
• Single 5V power supply, ±10% tolerance
• Input
: TTL compatible
• Output
: TTL compatible, 3-state
• Refresh : 2048cycles/32ms
• Fast page mode capability
• /CAS before /RAS refresh, hidden refresh, /RAS only refresh capability
• Multi-bit test mode capability
PRODUCT FAMILY
Access Time (Max.)
Power Dissipation (Max.)
Family
tRAC
tAA
tCAC
Cycle Time
(Min.)
Operating
Standby
MSC23Q836D-60BS18/DS18
60ns
30ns
15ns
110ns
4703mW
MSC23Q836D-70BS18/DS18
70ns
35ns
20ns
130ns
4455mW
99mW


Similar Part No. - MSC23Q836D-XXBS18

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSC23Q83657D-60 OKI-MSC23Q83657D-60 Datasheet
82Kb / 9P
   8,388,608-word x 36-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE WITH EDO
MSC23Q83657D-60BS18 OKI-MSC23Q83657D-60BS18 Datasheet
82Kb / 9P
   8,388,608-word x 36-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE WITH EDO
MSC23Q83657D-60DS18 OKI-MSC23Q83657D-60DS18 Datasheet
82Kb / 9P
   8,388,608-word x 36-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE WITH EDO
MSC23Q83657D-70 OKI-MSC23Q83657D-70 Datasheet
82Kb / 9P
   8,388,608-word x 36-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE WITH EDO
MSC23Q83657D-70BS18 OKI-MSC23Q83657D-70BS18 Datasheet
82Kb / 9P
   8,388,608-word x 36-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE WITH EDO
More results

Similar Description - MSC23Q836D-XXBS18

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSC23837D-XXBS18 OKI-MSC23837D-XXBS18 Datasheet
89Kb / 9P
   8,388,608-word x 36-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE
MSC23836D OKI-MSC23836D Datasheet
52Kb / 9P
   8,388,608-word x 36-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE
MSC23836C OKI-MSC23836C Datasheet
51Kb / 9P
   8,388,608-word x 36-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE
MSC23836B OKI-MSC23836B Datasheet
234Kb / 9P
   8,388,608 Word By 36 Bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE
MSC2383657D-XXBS20 OKI-MSC2383657D-XXBS20 Datasheet
88Kb / 9P
   8,388,608-word x 36-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE WITH EDO
MSC23Q83657D-XXBS18 OKI-MSC23Q83657D-XXBS18 Datasheet
82Kb / 9P
   8,388,608-word x 36-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE WITH EDO
MSC23840D-XXBS20 OKI-MSC23840D-XXBS20 Datasheet
90Kb / 9P
   8,388,608-word x 40-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE
MSC23841D-XXBS20 OKI-MSC23841D-XXBS20 Datasheet
90Kb / 9P
   8,388,608-word x 40-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE
MSC23832D OKI-MSC23832D Datasheet
49Kb / 9P
   8,388,608-word x 32-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE
MSC23136D OKI-MSC23136D Datasheet
83Kb / 9P
   1,048,576-word x 36-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com