Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC088S022CIMT Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # ADC088S022CIMT
Description  8-Channel, 50 kSPS to 200 kSPS, 8-Bit A/D Converter
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC088S022CIMT Datasheet(HTML) 2 Page - National Semiconductor (TI)

  ADC088S022CIMT Datasheet HTML 1Page - National Semiconductor (TI) ADC088S022CIMT Datasheet HTML 2Page - National Semiconductor (TI) ADC088S022CIMT Datasheet HTML 3Page - National Semiconductor (TI) ADC088S022CIMT Datasheet HTML 4Page - National Semiconductor (TI) ADC088S022CIMT Datasheet HTML 5Page - National Semiconductor (TI) ADC088S022CIMT Datasheet HTML 6Page - National Semiconductor (TI) ADC088S022CIMT Datasheet HTML 7Page - National Semiconductor (TI) ADC088S022CIMT Datasheet HTML 8Page - National Semiconductor (TI) ADC088S022CIMT Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
Block Diagram
20166707
Pin Descriptions
Pin No.
Symbol
Description
ANALOG I/O
4 - 11
IN0 to IN7
Analog inputs. These signals can range from 0V to V
REF.
DIGITAL I/O
16
SCLK
Digital clock input. The guaranteed performance range of
frequencies for this input is 8 MHz to 16 MHz. This clock
directly controls the conversion and readout processes.
15
DOUT
Digital data output. The output samples are clocked out of this
pin on the falling edges of the SCLK pin.
14
DIN
Digital data input. The ADC088S022’s Control Register is
loaded through this pin on rising edges of the SCLK pin.
1CS
Chip select. On the falling edge of CS, a conversion process
begins. Conversions continue as long as CS is held low.
POWER SUPPLY
2V
A
Positive analog supply pin. This voltage is also used as the
reference voltage. This pin should be connected to a quiet
+2.7V to +5.25V source and bypassed to GND with 1 µF and
0.1 µF monolithic ceramic capacitors located within 1 cm of
the power pin.
13
V
D
Positive digital supply pin. This pin should be connected to a
+2.7V to V
A supply, and bypassed to GND with a 0.1 µF
monolithic ceramic capacitor located within 1 cm of the power
pin.
3
AGND
The ground return for the analog supply and signals.
12
DGND
The ground return for the digital supply and signals.
www.national.com
2


Similar Part No. - ADC088S022CIMT

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC088S022CIMT NSC-ADC088S022CIMT Datasheet
824Kb / 17P
   8-Channel, 50 kSPS to 200 kSPS, 8-Bit A/D Converter
logo
Texas Instruments
ADC088S022CIMT TI1-ADC088S022CIMT Datasheet
1Mb / 24P
[Old version datasheet]   8-Channel, 50 ksps to 200 ksps, 8-Bit A/D Converter
ADC088S022CIMT/NOPB TI1-ADC088S022CIMT/NOPB Datasheet
1Mb / 24P
[Old version datasheet]   8-Channel, 50 ksps to 200 ksps, 8-Bit A/D Converter
logo
National Semiconductor ...
ADC088S022CIMTX NSC-ADC088S022CIMTX Datasheet
824Kb / 17P
   8-Channel, 50 kSPS to 200 kSPS, 8-Bit A/D Converter
logo
Texas Instruments
ADC088S022CIMTX TI1-ADC088S022CIMTX Datasheet
1Mb / 24P
[Old version datasheet]   8-Channel, 50 ksps to 200 ksps, 8-Bit A/D Converter
More results

Similar Description - ADC088S022CIMT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC088S022 TI1-ADC088S022_14 Datasheet
1Mb / 24P
[Old version datasheet]   8-Channel, 50 ksps to 200 ksps, 8-Bit A/D Converter
logo
National Semiconductor ...
ADC088S022 NSC-ADC088S022_06 Datasheet
824Kb / 17P
   8-Channel, 50 kSPS to 200 kSPS, 8-Bit A/D Converter
logo
Texas Instruments
ADC128S022 TI1-ADC128S022_15 Datasheet
1Mb / 29P
[Old version datasheet]   8-Channel, 50 kSPS to 200 kSPS, 12-Bit A/D Converter
logo
National Semiconductor ...
ADC108S022 NSC-ADC108S022 Datasheet
842Kb / 17P
   8-Channel, 50 kSPS to 200 kSPS, 10-Bit A/D Converter
logo
Texas Instruments
ADC081S021 TI1-ADC081S021 Datasheet
1Mb / 29P
[Old version datasheet]   Single-Channel, 50-ksps to 200-ksps, 8-Bit A/D Converter
ADC128S022CIMT-NOPB TI1-ADC128S022CIMT-NOPB Datasheet
1Mb / 26P
[Old version datasheet]   8-Channel, 50 kSPS to 200 kSPS, 12-Bit A/D Converter
ADC108S022 TI1-ADC108S022_15 Datasheet
1Mb / 25P
[Old version datasheet]   8-Channel, 50 ksps to 200 ksps, 10-Bit A/D Converter
logo
National Semiconductor ...
ADC128S022 NSC-ADC128S022 Datasheet
848Kb / 18P
   8-Channel, 50 kSPS to 200 kSPS, 12-Bit A/D Converter
ADC088S052 NSC-ADC088S052 Datasheet
824Kb / 17P
   8-Channel, 200 kSPS to 500 kSPS, 8-Bit A/D Converter
logo
Texas Instruments
ADC082S021 TI1-ADC082S021_14 Datasheet
1Mb / 28P
[Old version datasheet]   ADC082S021 2 Channel, 50 ksps to 200 ksps, 8-Bit A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com