Electronic Components Datasheet Search
Selected language     English  ▼


AN7337 Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part No. AN7337
Description  7-element graphic equalizer IC for Hi-Fi audio equipment
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PANASONIC [Panasonic Semiconductor]
Homepage  http://www.panasonic.com/industrial/
Logo 

   
 3 page
background image
ICs for Audio Common Use
AN7337NS
3
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Resonance frequency
fO1
VIN = −10 dBm, VO = GV PEAK
47.3
57
73.6
Hz
Resonance frequency
fO2
VIN = −10 dBm, VO = GV PEAK
93.3
113
145
Hz
Resonance frequency
fO3
VIN = −10 dBm, VO = GV PEAK
285
347
444
Hz
Resonance frequency
fO4
VIN = −10 dBm, VO = GV PEAK
0.851
1.04
1.32
kHz
Resonance frequency
fO5
VIN = −10 dBm, VO = GV PEAK
1.98
2.41
3.08
kHz
Resonance frequency
fO6
VIN = −10 dBm, VO = GV PEAK
5.23
6.37
8.14
kHz
Resonance frequency
fO7
VIN = −10 dBm, VO = GV PEAK
12.4
15.1
19.3
kHz
s Electrical Characteristics at VCC = ±15 V, Ta = 25°C (continued)
• Design reference data
Note) The following characteristics are the reference values for design and not guaranteed values.
s Technical Information
• P
D  Ta curves of SOP020-P-0300B
PD  Ta
Ambient temperature T
a (°C)
0
0
25
50
75
100
125
700
900
800
600
500
300
400
200
100
When mounted on printed board
550
× 820 × t1.2 mm3
Independent IC




Html Pages

1  2  3 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
AN7337N7-Element Graphic Equalizer IC for Hi-Fi 1 2 3 4 Panasonic Semiconductor
MN6460AA/D Converter for Digital Audio Equipment 1 2 3 4 5 MorePanasonic Semiconductor
TDA9859Universal hi-fi audio processor for TV 1 2 3 4 5 MoreNXP Semiconductors
M62431FP7-ELEMENT GRAPHIC EQUALIZER WITH MICROCOMPUTER INTERFACE 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
MN6474AD/A Converter for Digital Audio Equipment 1 2 3 4 5 MorePanasonic Semiconductor
MN6475AD/A Converter for Digital Audio Equipment 1 2 3 4 5 MorePanasonic Semiconductor
AN7356NSCRecording and playback equalizer amp. IC for Hi-Fi cassette deck 1 2 3 4 5 MorePanasonic Semiconductor
LC7520GRAPHIC EQUALIZER VOLUME CONTROLLER FOR HOME STEREO MUSIC CENTER USE 1 2 Sanyo Semicon Device
LC7537NElectronic Volume Control System for Audio Equipment 1 2 3 4 5 MoreSanyo Semicon Device
TORX176FIBER OPTIC RECEIVING MODULE FOR DIGITAL AUDIO EQUIPMENT 1 2 3 4 5 MoreToshiba Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl