Electronic Components Datasheet Search
Selected language     English  ▼


AN7337 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part No. AN7337
Description  7-element graphic equalizer IC for Hi-Fi audio equipment
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PANASONIC [Panasonic Semiconductor]
Homepage  http://www.panasonic.com/industrial/
Logo 

   
 2 page
background image
AN7337NS
ICs for Audio Common Use
2
Pin No.
Description
11
In 6
12
NF 6
13
In 7
14
NF 7
15
Non-inverting input
16
Inverting input
17
Output
18
+ V
CC
19
GND
20
− V
CC
Pin No.
Description
1
In 1
2NF 1
3
In 2
4NF 2
5
In 3
6NF 3
7
In 4
8NF 4
9
In 5
10
NF 5
s Pin Descriptions
s Absolute Maximum Ratings
Parameter
Symbol
Rating
Unit
Supply voltage
VCC
± 18
V
Supply current
ICC
± 50
mA
Power dissipation *
2
PD
230
mW
Operating ambient temperature *
1
Topr
−20 to +75
°C
Storage temperature *
1
Tstg
−55 to +125
°C
Note) *1 : All items are at Ta = 25°C, except for the operating ambient temperature and storage temperature.
*2 : Referring to "s Technical Information" for power dissipation at Ta = 75°C, use the circuit under the conditions
of the VCC × ICC is not exceeding the PDmax.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Total circuit current
ICC
VIN = 0 mV
8
12
16
mA
Voltage gain FLAT
GV(FLAT) f = 1 kHz, VIN = −10 dBm
− 0.6 − 0.3
0
dB
Voltage gain BOOST
GV
FLAT VO = 0 dB, VIN = −10 dBm
10.4
12.0
14.0
dB
(BOOST)
Voltage gain CUT
GV(CUT) FLAT VO = 0 dB, VIN = −10 dBm −14.0 −12.0 −10.4
dB
Total harmonic distortion
THD
f
= 1 kHz, V
O = 1 V[rms]
0.002 0.03
%
Max. output voltage
VOM
f
= 1 kHz, THD = 0.1%
8.0
9.5
V[rms]
Output noise voltage
VNO
Input short circuit DIN AUDIO
−4
30 µV[rms]
Output noise voltage
VNOM
Input short circuit DIN AUDIO
31
100 µV[rms]
All Boost
s Electrical Characteristics at VCC = ±15 V, Ta = 25°C
s Recommended Operating Range
Parameter
Symbol
Range
Unit
Supply voltage
VCC
± 4.0 to ± 18.0
V




Html Pages

1  2  3 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
AN7337N7-Element Graphic Equalizer IC for Hi-Fi 1 2 3 4 Panasonic Semiconductor
MN6460AA/D Converter for Digital Audio Equipment 1 2 3 4 5 MorePanasonic Semiconductor
TDA9859Universal hi-fi audio processor for TV 1 2 3 4 5 MoreNXP Semiconductors
M62431FP7-ELEMENT GRAPHIC EQUALIZER WITH MICROCOMPUTER INTERFACE 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
MN6474AD/A Converter for Digital Audio Equipment 1 2 3 4 5 MorePanasonic Semiconductor
MN6475AD/A Converter for Digital Audio Equipment 1 2 3 4 5 MorePanasonic Semiconductor
AN7356NSCRecording and playback equalizer amp. IC for Hi-Fi cassette deck 1 2 3 4 5 MorePanasonic Semiconductor
LC7520GRAPHIC EQUALIZER VOLUME CONTROLLER FOR HOME STEREO MUSIC CENTER USE 1 2 Sanyo Semicon Device
LC7537NElectronic Volume Control System for Audio Equipment 1 2 3 4 5 MoreSanyo Semicon Device
TORX176FIBER OPTIC RECEIVING MODULE FOR DIGITAL AUDIO EQUIPMENT 1 2 3 4 5 MoreToshiba Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl