Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM39LV010-90M Datasheet(PDF) 2 Page - ELAN Microelectronics Corp

Part # EM39LV010-90M
Description  1M Bits (128Kx8) Flash Memory
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM39LV010-90M Datasheet(HTML) 2 Page - ELAN Microelectronics Corp

  EM39LV010-90M Datasheet HTML 1Page - ELAN Microelectronics Corp EM39LV010-90M Datasheet HTML 2Page - ELAN Microelectronics Corp EM39LV010-90M Datasheet HTML 3Page - ELAN Microelectronics Corp EM39LV010-90M Datasheet HTML 4Page - ELAN Microelectronics Corp EM39LV010-90M Datasheet HTML 5Page - ELAN Microelectronics Corp EM39LV010-90M Datasheet HTML 6Page - ELAN Microelectronics Corp EM39LV010-90M Datasheet HTML 7Page - ELAN Microelectronics Corp EM39LV010-90M Datasheet HTML 8Page - ELAN Microelectronics Corp EM39LV010-90M Datasheet HTML 9Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
EM39LV010
1M Bits (128Kx8) Flash Memory
SPECIFICATION
This specification is subject to change without further notice. (04.09.2004 V1.0)
Page 2 of 23
Functional Block Diagram
X-Decoder
Flash
Memory Array
Y-Decoder
I/O Buffers and Data Latches
Address Buffer &
Latches
Control Logic
Mem ory Address
CE#
OE#
WE#
DQ7-DQ0
Figure 0a: Functional Block Diagram
Pin Assignments
PLCC
14 15 16 17 18 19 20
30
31
32
1
2
3
4
DQ1 DQ2 VSS DQ3DQ4 DQ5 DQ6
A12 A15 A16 NC VDD WE#
NC
5
6
7
8
9
10
11
12
13
DQ0
A7
A6
A5
A4
A3
A2
A1
A0
21
22
23
24
25
26
27
28
29
A14
A13
A8
A9
A11
OE#
A10
CE#
DQ7
32-Lead PLCC
Top View
Figure 0b: 32-lead PLCC Pin Assignments


Similar Part No. - EM39LV010-90M

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EM39LV040 EMC-EM39LV040 Datasheet
275Kb / 21P
   4M (512Kx8) Bits Flash Memory
EM39LV040-45RFDC EMC-EM39LV040-45RFDC Datasheet
275Kb / 21P
   4M (512Kx8) Bits Flash Memory
EM39LV040-45RFDI EMC-EM39LV040-45RFDI Datasheet
275Kb / 21P
   4M (512Kx8) Bits Flash Memory
EM39LV040-45RFHC EMC-EM39LV040-45RFHC Datasheet
275Kb / 21P
   4M (512Kx8) Bits Flash Memory
EM39LV040-45RFHI EMC-EM39LV040-45RFHI Datasheet
275Kb / 21P
   4M (512Kx8) Bits Flash Memory
More results

Similar Description - EM39LV010-90M

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX29F100T MCNIX-MX29F100T Datasheet
706Kb / 47P
   1M-BIT [128Kx8/64Kx16] CMOS FLASH MEMORY
logo
List of Unclassifed Man...
T68K1M ETC2-T68K1M Datasheet
146Kb / 14P
   Low Power 1M (128Kx8)-Bits Static RAM
logo
Toshiba Semiconductor
TC58FVB160AF TOSHIBA-TC58FVB160AF Datasheet
539Kb / 41P
   16-MBIT (2M x 8 BITS / 1M x 16 BITS) CMOS FLASH MEMORY
TC58FVT800FT-85 TOSHIBA-TC58FVT800FT-85 Datasheet
1Mb / 28P
   8 MBIT (1M X 8 BITS / 512K X 16 BITS) CMOS FLASH MEMORY
logo
ELAN Microelectronics C...
EM39LV040 EMC-EM39LV040 Datasheet
275Kb / 21P
   4M (512Kx8) Bits Flash Memory
EM39LV800 EMC-EM39LV800 Datasheet
295Kb / 25P
   8M Bits (512Kx16) Flash Memory
EM39LV088 EMC-EM39LV088 Datasheet
271Kb / 22P
   8M Bits (1Mx8) Flash Memory
logo
Sharp Corporation
LHF08S50 SHARP-LHF08S50 Datasheet
1Mb / 34P
   8M Flash Memory 1M (x8)
LHF08CH2 SHARP-LHF08CH2 Datasheet
3Mb / 47P
   Flash Memory 8M (1M 횞8)
LHF08CH3 SHARP-LHF08CH3 Datasheet
3Mb / 49P
   Flash Memory 8M (1M 횞8)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com