Electronic Components Datasheet Search |
|
MSC23V47207TD-70BS18 Datasheet(PDF) 8 Page - OKI electronic componets |
|
MSC23V47207TD-70BS18 Datasheet(HTML) 8 Page - OKI electronic componets |
8 / 10 page Semiconductor MSC23V47207TD AC Characteristics (1/2) (VCC = 3.3V ±0.3V, Ta = 0°C to 70°C ) Note: 1, 2, 3, 11, 12 -50 -60 -70 Parameter Symbol Min. Max. Min. Max. Min. Max. Unit Note Random Read or Write Cycle Time tRC 90 - 110 - 130 - ns Read Modify Write Cycle Time tRWC 131 - 155 - 185 - ns Fast Page Mode Cycle Time tPC 35 - 40 - 45 - ns Fast Page Mode Read Modify Write Cycle Time tPRWC 76 - 85 - 100 - ns Access Time from /RAS tRAC -50 - 60 -70 ns 4, 5, 6 Access Time from /CAS tCAC -13 - 15 -20 ns 4, 5 Access Time from Column Address tAA -25 - 30 -35 ns 4, 6 Access Time from /CAS Precharge tCPA -30 - 35 -40 ns 4 Access Time from /OE tOEA -13 - 15 -20 ns 4 Output Low Impedance Time from /CAS tCLZ 0- 0- 0- ns 4 /CAS to Data Output Buffer Turn-off Delay Time tOFF 013 0 15 020 ns 7 /OE to Data Output Buffer Turn-off Delay Time tOEZ 013 0 15 020 ns 7 Transition Time tT 350 3 50 350 ns 3 Refresh Period tREF -32 - 32 -32 ms /RAS Precharge Time tRP 30 - 40 - 50 - ns /RAS Pulse Width tRAS 50 10K 60 10K 70 10K ns /RAS Pulse Width (Fast Page Mode) tRASP 50 100K 60 100K 70 100K ns /RAS Hold Time tRSH 13 - 15 - 20 - ns /RAS Hold Time referenced to /OE tROH 13 - 15 - 20 - ns /CAS Precharge Time (Fast Page Mode) tCP 7 - 10 - 10 - ns /CAS Pulse Width tCAS 13 10K 15 10K 20 10K ns /CAS Hold Time tCSH 50 - 60 - 70 - ns /CAS to /RAS Precharge Time tCRP 5- 5- 5- ns /RAS Hold Time from /CAS Precharge tRHCP 30 - 35 - 40 - ns /RAS to /CAS Delay Time tRCD 17 37 20 45 20 50 ns 5 /RAS to Column Address Delay Time tRAD 12 25 15 30 15 35 ns 6 Row Address Set-up Time tASR 0- 0- 0- ns Row Address Hold Time tRAH 7 - 10 - 10 - ns Column Address Set-up Time tASC 0- 0- 0- ns Column Address Hold Time tCAH 7 - 10 - 15 - ns Column Address to /RAS Lead Time tRAL 25 - 30 - 35 - ns Read Command Set-up Time tRCS 0- 0- 0- ns Read Command Hold Time tRCH 0- 0- 0- ns 8 Read Command Hold Time referenced to /RAS tRRH 0- 0- 0- ns 8 |
Similar Part No. - MSC23V47207TD-70BS18 |
|
Similar Description - MSC23V47207TD-70BS18 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |