Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSC23V47257TD-XXBS18 Datasheet(PDF) 9 Page - OKI electronic componets

Part # MSC23V47257TD-XXBS18
Description  4,194,304-Word x 72-Bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE WITH EDO
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSC23V47257TD-XXBS18 Datasheet(HTML) 9 Page - OKI electronic componets

Back Button MSC23V47257TD-XXBS18 Datasheet HTML 2Page - OKI electronic componets MSC23V47257TD-XXBS18 Datasheet HTML 3Page - OKI electronic componets MSC23V47257TD-XXBS18 Datasheet HTML 4Page - OKI electronic componets MSC23V47257TD-XXBS18 Datasheet HTML 5Page - OKI electronic componets MSC23V47257TD-XXBS18 Datasheet HTML 6Page - OKI electronic componets MSC23V47257TD-XXBS18 Datasheet HTML 7Page - OKI electronic componets MSC23V47257TD-XXBS18 Datasheet HTML 8Page - OKI electronic componets MSC23V47257TD-XXBS18 Datasheet HTML 9Page - OKI electronic componets MSC23V47257TD-XXBS18 Datasheet HTML 10Page - OKI electronic componets  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
Semiconductor
MSC23V47257TD
AC Characteristics (2/2)
(VCC = 3.3V ±0.3V, Ta = 0°C to 70°C ) Note: 1, 2, 3, 12, 13
-50
-60
-70
Parameter
Symbol
Min.
Max.
Min.
Max.
Min.
Max.
Unit
Note
Read Command Set-up Time
tRCS
0-
0-
0-
ns
Read Command Hold Time
tRCH
0-
0-
0-
ns
9
Read Command Hold Time referenced to /RAS
tRRH
0-
0-
0-
ns
9
Write Command Set-up Time
tWCS
0-
0-
0-
ns
10
Write Command Hold Time
tWCH
7
-
10
-
13
-
ns
Write Command Pulse Width
tWP
7
-
10
-
10
-
ns
/WE Pulse Width (DQ Disable)
tWPE
7
-
10
-
10
-
ns
/OE Command Hold Time
tOEH
7
-
10
-
13
-
ns
/OE Precharge Time
tOEP
7
-
10
-
10
-
ns
/OE Command Hold Time
tOCH
7
-
10
-
10
-
ns
Write Command to /RAS Lead Time
tRWL
7
-
10
-
13
-
ns
Write Command to /CAS Lead Time
tCWL
7
-
10
-
13
-
ns
Data-in Set-up Time
tDS
0-
0-
0-
ns
11
Data-in Hold Time
tDH
7
-
10
-
13
-
ns
11
/OE to Data-in Delay Time
tOED
13
-
15
-
20
-
ns
/CAS to /WE Delay Time
tCWD
30
-
34
-
44
-
ns
10
Column Address to /WE Delay Time
tAWD
42
-
49
-
59
-
ns
10
/RAS to /WE Delay Time
tRWD
67
-
79
-
94
-
ns
10
/CAS Precharge /WE Delay Time
tCPWD
47
-
54
-
64
-
ns
10
/CAS Active Delay Time from /RAS Precharge
tRPC
5-
5-
5-
ns
/RAS to /CAS Set-up Time (/CAS before /RAS)
tCSR
5-
5-
5-
ns
/RAS to /CAS Hold Time (/CAS before /RAS)
tCHR
10
-
10
-
10
-
ns
/WE to /RAS Precharge Time (/CAS before /RAS)
tWRP
10
-
10
-
10
-
ns
/WE Hold Time from /RAS (/CAS before /RAS)
tWRH
10
-
10
-
10
-
ns
/RAS to /WE Set-up Time (Test Mode)
tWTS
10
-
10
-
10
-
ns
/RAS to /WE Hold Time (Test Mode)
tWTH
10
-
10
-
10
-
ns


Similar Part No. - MSC23V47257TD-XXBS18

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSC23V47257TA OKI-MSC23V47257TA Datasheet
60Kb / 5P
   4,194,304-Word 쨈 72-Bit DRAM MODULE : FAST PAGE MODE TYPE WITH EDO
MSC23V47257TA-XXBS18 OKI-MSC23V47257TA-XXBS18 Datasheet
60Kb / 5P
   4,194,304-Word 쨈 72-Bit DRAM MODULE : FAST PAGE MODE TYPE WITH EDO
More results

Similar Description - MSC23V47257TD-XXBS18

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSC23V47207TD-XXBS18 OKI-MSC23V47207TD-XXBS18 Datasheet
92Kb / 10P
   4,194,304-Word x 72-Bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE
MSC2343257D OKI-MSC2343257D Datasheet
46Kb / 9P
   4,194,304-word x 32-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE WITH EDO
MSC23V43257D OKI-MSC23V43257D Datasheet
53Kb / 10P
   4,194,304-word x 32-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE WITH EDO
MSC23Q43657D-XXBS9 OKI-MSC23Q43657D-XXBS9 Datasheet
80Kb / 9P
   4,194,304-word x 36-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE WITH EDO
MSC2343657D-XXBS10 OKI-MSC2343657D-XXBS10 Datasheet
83Kb / 9P
   4,194,304-word x 36-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE WITH EDO
MSC23CV43257D-XXBS8 OKI-MSC23CV43257D-XXBS8 Datasheet
83Kb / 9P
   4,194,304-word x 32-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE WITH EDO
MSC23V46457TD-XXBS16 OKI-MSC23V46457TD-XXBS16 Datasheet
93Kb / 10P
   4,194,304-Word x 64-Bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE WITH EDO
MSM519205 OKI-MSM519205 Datasheet
675Kb / 18P
   4,194,304-Word X 2-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MD51V65165 OKI-MD51V65165 Datasheet
343Kb / 16P
   4,194,304-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM5116405C OKI-MSM5116405C Datasheet
679Kb / 18P
   4,194,304-Word x 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com