Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSC23V47257TD-XXBS18 Datasheet(PDF) 10 Page - OKI electronic componets

Part # MSC23V47257TD-XXBS18
Description  4,194,304-Word x 72-Bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE WITH EDO
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSC23V47257TD-XXBS18 Datasheet(HTML) 10 Page - OKI electronic componets

Back Button MSC23V47257TD-XXBS18 Datasheet HTML 2Page - OKI electronic componets MSC23V47257TD-XXBS18 Datasheet HTML 3Page - OKI electronic componets MSC23V47257TD-XXBS18 Datasheet HTML 4Page - OKI electronic componets MSC23V47257TD-XXBS18 Datasheet HTML 5Page - OKI electronic componets MSC23V47257TD-XXBS18 Datasheet HTML 6Page - OKI electronic componets MSC23V47257TD-XXBS18 Datasheet HTML 7Page - OKI electronic componets MSC23V47257TD-XXBS18 Datasheet HTML 8Page - OKI electronic componets MSC23V47257TD-XXBS18 Datasheet HTML 9Page - OKI electronic componets MSC23V47257TD-XXBS18 Datasheet HTML 10Page - OKI electronic componets  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
Semiconductor
MSC23V47257TD
Notes: 1. A start-up delay of 200
µs is required after power-up, followed by a minimum of eight initialization cycles
(/RAS only refresh or /CAS before /RAS refresh) before proper device operation is achieved.
2. The AC characteristics assume tT = 2ns.
3. VIH(Min.) and VIL(Max.) are reference levels for measuring input timing signals. Transition times (tT) are
measured between VIH and VIL.
4. This parameter is measured with a load circuit equivalent to 1 TTL load and 100pF.
The output timing reference levels are VOH = 2.0V and VOL = 0.8V.
5. Operation within the tRCD(Max.) limit ensures that tRAC(Max.) can be met.
tRCD(Max.) is specified as a reference point only. If tRCD is greater than the specified tRCD(Max.) limit, then
the access time is controlled by tCAC.
6. Operation within the tRAD(Max.) limit ensures that tRAC(Max.) can be met.
tRAD(Max.) is specified as a reference point only. If tRAD is greater than the specified tRAD(Max.) limit, then
the access time is controlled by tAA.
7. tCEZ(Max.), tREZ(Max.), tWEZ(Max.) and tOEZ(Max.) define the time at which the output achieves the open
circuit condition and are not referenced to output voltage levels.
8. tCEZ or tREZ must be satisfied for open circuit condition.
9. tRCH or tRRH must be satisfied for a read cycle.
10. tWCS, tCWD, tRWD, tAWD and tCPWD are not restrictive operating parameters. They are included in the data
sheet as electrical characteristics only. If tWCS
≥ t
WCS(Min.), then the cycle is an early write cycle and the
data out will remain open circuit (high impedance) throughout the entire cycle. If tCWD
≥ t
CW D(Min.), tRW D
≥ t
RW D(Min.), tAW D
≥ t
AW D(Min.) and tCPW D
≥ t
CPW D(Min.), then the cycle is a read modify write cycle and
data out will contain data read from the selected cell; if neither of the above sets of conditions is satisfied,
then the condition of the data out (at access time) is indeterminate.
11. These parameters are referenced to the /CAS leading edge in an early write cycle, and to the /WE
leading edge in an /OE control write cycle, or a read modify write cycle.
12. The test mode is initiated by performing a /WE and /CAS before /RAS refresh cycle. This mode is
latched and remains in effect until the exit cycle is generated. The test mode specified in this data sheet
is an 8-bit parallel test function. CA0, CA1 and CA10 are not used. In a read cycle, if all internal bits are
equal, the DQ pin will indicate a high level. If any internal bits are not equal, the DQ pin will indicate a low
levels. The test mode is cleared and the memory device returned to its normal operating state by
performing a /RAS only refresh cycle or a /CAS before /RAS refresh cycle.
13. In a test mode read cycle, the value of access time parameters is delayed for 5ns for the specified value.
These parameters should be specified in test mode cycle by adding the above value to the specified
value in this data sheet.


Similar Part No. - MSC23V47257TD-XXBS18

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSC23V47257TA OKI-MSC23V47257TA Datasheet
60Kb / 5P
   4,194,304-Word 쨈 72-Bit DRAM MODULE : FAST PAGE MODE TYPE WITH EDO
MSC23V47257TA-XXBS18 OKI-MSC23V47257TA-XXBS18 Datasheet
60Kb / 5P
   4,194,304-Word 쨈 72-Bit DRAM MODULE : FAST PAGE MODE TYPE WITH EDO
More results

Similar Description - MSC23V47257TD-XXBS18

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSC23V47207TD-XXBS18 OKI-MSC23V47207TD-XXBS18 Datasheet
92Kb / 10P
   4,194,304-Word x 72-Bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE
MSC2343257D OKI-MSC2343257D Datasheet
46Kb / 9P
   4,194,304-word x 32-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE WITH EDO
MSC23V43257D OKI-MSC23V43257D Datasheet
53Kb / 10P
   4,194,304-word x 32-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE WITH EDO
MSC23Q43657D-XXBS9 OKI-MSC23Q43657D-XXBS9 Datasheet
80Kb / 9P
   4,194,304-word x 36-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE WITH EDO
MSC2343657D-XXBS10 OKI-MSC2343657D-XXBS10 Datasheet
83Kb / 9P
   4,194,304-word x 36-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE WITH EDO
MSC23CV43257D-XXBS8 OKI-MSC23CV43257D-XXBS8 Datasheet
83Kb / 9P
   4,194,304-word x 32-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE WITH EDO
MSC23V46457TD-XXBS16 OKI-MSC23V46457TD-XXBS16 Datasheet
93Kb / 10P
   4,194,304-Word x 64-Bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE WITH EDO
MSM519205 OKI-MSM519205 Datasheet
675Kb / 18P
   4,194,304-Word X 2-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MD51V65165 OKI-MD51V65165 Datasheet
343Kb / 16P
   4,194,304-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM5116405C OKI-MSM5116405C Datasheet
679Kb / 18P
   4,194,304-Word x 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com