Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM39LV010-90L Datasheet(PDF) 1 Page - ELAN Microelectronics Corp

Part # EM39LV010-90L
Description  1M Bits (128Kx8) Flash Memory
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM39LV010-90L Datasheet(HTML) 1 Page - ELAN Microelectronics Corp

  EM39LV010-90L Datasheet HTML 1Page - ELAN Microelectronics Corp EM39LV010-90L Datasheet HTML 2Page - ELAN Microelectronics Corp EM39LV010-90L Datasheet HTML 3Page - ELAN Microelectronics Corp EM39LV010-90L Datasheet HTML 4Page - ELAN Microelectronics Corp EM39LV010-90L Datasheet HTML 5Page - ELAN Microelectronics Corp EM39LV010-90L Datasheet HTML 6Page - ELAN Microelectronics Corp EM39LV010-90L Datasheet HTML 7Page - ELAN Microelectronics Corp EM39LV010-90L Datasheet HTML 8Page - ELAN Microelectronics Corp EM39LV010-90L Datasheet HTML 9Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
EM39LV010
1M Bits (128Kx8) Flash Memory
SPECIFICATION
This specification is subject to change without further notice. (04.09.2004 V1.0)
Page 1 of 23
General Description
The EM39LV010 is a 1M bits Flash memory organized as 128K x 8 bits. The EM39LV010
uses 2.7-3.6V power supply for Program and Erase. Featuring high performance Flash
memory technology, the EM39LV010 provides a typical Byte-Program time of 11 µsec and a
typical Sector-Erase time of 40 ms. The device uses Toggle Bit or Data# Polling to detect the
completion of the Program or Erase operation. To protect against inadvertent write, the
device has on-chip hardware and software data protection schemes. The device offers
typical 100,000 cycles endurance and a greater than 10 years data retention. The
EM39LV010 conforms to JEDEC standard pin outs for x8 memories. The EM39LV010 is
offered in package types of 32-lead PLCC, 32-pin TSOP, 48-ball FBGA, and known good dice
(KGD). For KGD, please contact ELAN Microelectronics or its representatives for detailed
information (see Appendix at the bottom of this specification for Ordering Information).
The EM39LV010 devices are developed for applications that require memories with
convenient and economical updating of program, data or configuration, e.g., Networking cards,
Card Readers, Graphic cards, Digital TV, MP3, Wireless Phones, etc.
Features
Single Power Supply
Full voltage range from 2.7 to 3.6 volts
for both read and write operations
Sector-Erase Capability
Uniform 4Kbyte sectors
Read Access Time
Access time: 45, 70 and 90 ns
Power Consumption
Active current: 15 mA (Typical)
Standby current: 1
µA (Typical)
Erase/Program Features
Sector-Erase Time: 40 ms (Typical)
Chip-Erase Time: 40 ms (Typical)
Byte-Program Time: 11
µs (Typical)
Chip Rewrite Time: 1.5 seconds (Typical)
Automatic Write Timing
Internal VPP Generation
End-of-Program or End-of-Erase
Detection
Data# Polling
Toggle Bit
CMOS I/O Compatibility
JEDEC Standard
Pin-out and software command sets
compatible with single-power supply Flash
memory
High Reliability
Endurance cycles: 100K (Typical)
Data retention: 10 years
Package Option
32-lead PLCC
32-pin TSOP
48-pin FBGA


Similar Part No. - EM39LV010-90L

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EM39LV040 EMC-EM39LV040 Datasheet
275Kb / 21P
   4M (512Kx8) Bits Flash Memory
EM39LV040-45RFDC EMC-EM39LV040-45RFDC Datasheet
275Kb / 21P
   4M (512Kx8) Bits Flash Memory
EM39LV040-45RFDI EMC-EM39LV040-45RFDI Datasheet
275Kb / 21P
   4M (512Kx8) Bits Flash Memory
EM39LV040-45RFHC EMC-EM39LV040-45RFHC Datasheet
275Kb / 21P
   4M (512Kx8) Bits Flash Memory
EM39LV040-45RFHI EMC-EM39LV040-45RFHI Datasheet
275Kb / 21P
   4M (512Kx8) Bits Flash Memory
More results

Similar Description - EM39LV010-90L

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX29F100T MCNIX-MX29F100T Datasheet
706Kb / 47P
   1M-BIT [128Kx8/64Kx16] CMOS FLASH MEMORY
logo
List of Unclassifed Man...
T68K1M ETC2-T68K1M Datasheet
146Kb / 14P
   Low Power 1M (128Kx8)-Bits Static RAM
logo
Toshiba Semiconductor
TC58FVB160AF TOSHIBA-TC58FVB160AF Datasheet
539Kb / 41P
   16-MBIT (2M x 8 BITS / 1M x 16 BITS) CMOS FLASH MEMORY
TC58FVT800FT-85 TOSHIBA-TC58FVT800FT-85 Datasheet
1Mb / 28P
   8 MBIT (1M X 8 BITS / 512K X 16 BITS) CMOS FLASH MEMORY
logo
ELAN Microelectronics C...
EM39LV040 EMC-EM39LV040 Datasheet
275Kb / 21P
   4M (512Kx8) Bits Flash Memory
EM39LV800 EMC-EM39LV800 Datasheet
295Kb / 25P
   8M Bits (512Kx16) Flash Memory
EM39LV088 EMC-EM39LV088 Datasheet
271Kb / 22P
   8M Bits (1Mx8) Flash Memory
logo
Sharp Corporation
LHF08S50 SHARP-LHF08S50 Datasheet
1Mb / 34P
   8M Flash Memory 1M (x8)
LHF08CH2 SHARP-LHF08CH2 Datasheet
3Mb / 47P
   Flash Memory 8M (1M 횞8)
LHF08CH3 SHARP-LHF08CH3 Datasheet
3Mb / 49P
   Flash Memory 8M (1M 횞8)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com