Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM39LV010-45RL Datasheet(PDF) 9 Page - ELAN Microelectronics Corp

Part # EM39LV010-45RL
Description  1M Bits (128Kx8) Flash Memory
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM39LV010-45RL Datasheet(HTML) 9 Page - ELAN Microelectronics Corp

Back Button EM39LV010-45RL Datasheet HTML 5Page - ELAN Microelectronics Corp EM39LV010-45RL Datasheet HTML 6Page - ELAN Microelectronics Corp EM39LV010-45RL Datasheet HTML 7Page - ELAN Microelectronics Corp EM39LV010-45RL Datasheet HTML 8Page - ELAN Microelectronics Corp EM39LV010-45RL Datasheet HTML 9Page - ELAN Microelectronics Corp EM39LV010-45RL Datasheet HTML 10Page - ELAN Microelectronics Corp EM39LV010-45RL Datasheet HTML 11Page - ELAN Microelectronics Corp EM39LV010-45RL Datasheet HTML 12Page - ELAN Microelectronics Corp EM39LV010-45RL Datasheet HTML 13Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
EM39LV010
1M Bits (128Kx8) Flash Memory
SPECIFICATION
This specification is subject to change without further notice. (04.09.2004 V1.0)
Page 9 of 23
Absolute Maximum Ratings
NOTE
Applied conditions greater than those listed under these ratings may cause permanent
damage to the device. This is a stress rating only and functional operation of the device at
these conditions or conditions greater than those defined in the operational sections of this
specification, are not implied. Exposure to absolute maximum stress rating conditions may
affect device reliability.
Temperature Under Bias ............................................................ –55°C to 125°C
Storage Temperature .................................................................. –65°C to 150°C
D.C. Voltage on Any Pin to Ground Potential ............................. –0.5 V to VDD+0.5V
Transient Voltage (<20ns) on Any Pin to Ground Potential .......... –2.0V to VDD +2.0V
Voltage on A9 Pin to Ground Potential......................................... –0.5 V to 13.2V
Package Power Dissipation Capability (Ta=25
°C)........................ 1.0W
Surface Mount Lead Soldering Temperature (3 Seconds)............ 240
°C
Output Short Circuit Current
* ...................................................... 50mA
* Output shorted for no more than one second.
No more than one output shorted at a time.
Operating Range
Model Name
Ambient Temperature
VDD
EM39LV010
0
°C to +70°C
2.7~3.6V
Table 4: Operating Range
AC Conditions of Test
Input Rise/Fall Time ..................................................................... 5ns
Output Load ................................................................................. CL=30pF for 45Rns
Output Load ................................................................................. CL=100pF for 70ns/90ns
See Figures 10 and 11


Similar Part No. - EM39LV010-45RL

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EM39LV040 EMC-EM39LV040 Datasheet
275Kb / 21P
   4M (512Kx8) Bits Flash Memory
EM39LV040-45RFDC EMC-EM39LV040-45RFDC Datasheet
275Kb / 21P
   4M (512Kx8) Bits Flash Memory
EM39LV040-45RFDI EMC-EM39LV040-45RFDI Datasheet
275Kb / 21P
   4M (512Kx8) Bits Flash Memory
EM39LV040-45RFHC EMC-EM39LV040-45RFHC Datasheet
275Kb / 21P
   4M (512Kx8) Bits Flash Memory
EM39LV040-45RFHI EMC-EM39LV040-45RFHI Datasheet
275Kb / 21P
   4M (512Kx8) Bits Flash Memory
More results

Similar Description - EM39LV010-45RL

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX29F100T MCNIX-MX29F100T Datasheet
706Kb / 47P
   1M-BIT [128Kx8/64Kx16] CMOS FLASH MEMORY
logo
List of Unclassifed Man...
T68K1M ETC2-T68K1M Datasheet
146Kb / 14P
   Low Power 1M (128Kx8)-Bits Static RAM
logo
Toshiba Semiconductor
TC58FVB160AF TOSHIBA-TC58FVB160AF Datasheet
539Kb / 41P
   16-MBIT (2M x 8 BITS / 1M x 16 BITS) CMOS FLASH MEMORY
TC58FVT800FT-85 TOSHIBA-TC58FVT800FT-85 Datasheet
1Mb / 28P
   8 MBIT (1M X 8 BITS / 512K X 16 BITS) CMOS FLASH MEMORY
logo
ELAN Microelectronics C...
EM39LV040 EMC-EM39LV040 Datasheet
275Kb / 21P
   4M (512Kx8) Bits Flash Memory
EM39LV800 EMC-EM39LV800 Datasheet
295Kb / 25P
   8M Bits (512Kx16) Flash Memory
EM39LV088 EMC-EM39LV088 Datasheet
271Kb / 22P
   8M Bits (1Mx8) Flash Memory
logo
Sharp Corporation
LHF08S50 SHARP-LHF08S50 Datasheet
1Mb / 34P
   8M Flash Memory 1M (x8)
LHF08CH2 SHARP-LHF08CH2 Datasheet
3Mb / 47P
   Flash Memory 8M (1M 횞8)
LHF08CH3 SHARP-LHF08CH3 Datasheet
3Mb / 49P
   Flash Memory 8M (1M 횞8)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com