Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM39LV010-70D Datasheet(PDF) 8 Page - ELAN Microelectronics Corp

Part # EM39LV010-70D
Description  1M Bits (128Kx8) Flash Memory
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM39LV010-70D Datasheet(HTML) 8 Page - ELAN Microelectronics Corp

Back Button EM39LV010-70D Datasheet HTML 4Page - ELAN Microelectronics Corp EM39LV010-70D Datasheet HTML 5Page - ELAN Microelectronics Corp EM39LV010-70D Datasheet HTML 6Page - ELAN Microelectronics Corp EM39LV010-70D Datasheet HTML 7Page - ELAN Microelectronics Corp EM39LV010-70D Datasheet HTML 8Page - ELAN Microelectronics Corp EM39LV010-70D Datasheet HTML 9Page - ELAN Microelectronics Corp EM39LV010-70D Datasheet HTML 10Page - ELAN Microelectronics Corp EM39LV010-70D Datasheet HTML 11Page - ELAN Microelectronics Corp EM39LV010-70D Datasheet HTML 12Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
EM39LV010
1M Bits (128Kx8) Flash Memory
SPECIFICATION
This specification is subject to change without further notice. (04.09.2004 V1.0)
Page 8 of 23
Software Command Sequence
1st Bus
Write Cycle
2nd Bus
Write Cycle
3rd Bus
Write Cycle
4th Bus
Write Cycle
5th Bus
Write Cycle
6th Bus
Write Cycle
Command
Sequence
Addr
1
Data
Addr
1
Data
Addr
1
Data
Addr
1
Data
Addr
1
Data
Addr
1
Data
Byte Program
5555H
AAH
2AAAH
55H
5555H
A0H
BA
2
Data
Sector Erase
5555H
AAH
2AAAH
55H
5555H
80H
5555H
AAH
2AAAH
55H
SAX
3
30H
Chip Erase
5555H
AAH
2AAAH
55H
5555H
80H
5555H
AAH
2AAAH
55H
5555H
10H
Software ID
Entry
4,6
5555H
AAH
2AAAH
55H
5555H
90H
Manufacture ID
5555H
AAH
2AAAH
55H
5555H
90H
0000H
7FH
Manufacture ID
5555H
AAH
2AAAH
55H
5555H
90H
0003H
7FH
Manufacture ID
5555H
AAH
2AAAH
55H
5555H
90H
0040H
1FH
Device ID
5555H
AAH
2AAAH
55H
5555H
90H
0001H
A8H
Software ID
Exit
5/CFI Exit
XXH
F0H
Software ID
Exit
5/CFI Exit
5555H
AAH
2AAAH
55H
5555H
F0H
Notes:
1.
Address format A15-A0 (Hex), Address A16 can be VIL or VIH, but no other value, for the
Command sequence.
2.
BA = Program byte address.
3.
SAX for Sector-Erase; uses A16-A12 address lines.
4.
The device does not remain in Software Product ID mode if powered down.
5.
Both Software ID Exit operations are equivalent.
6.
Refer to Figure 9 for more information.
Table 3: Software Command Sequence


Similar Part No. - EM39LV010-70D

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EM39LV040 EMC-EM39LV040 Datasheet
275Kb / 21P
   4M (512Kx8) Bits Flash Memory
EM39LV040-45RFDC EMC-EM39LV040-45RFDC Datasheet
275Kb / 21P
   4M (512Kx8) Bits Flash Memory
EM39LV040-45RFDI EMC-EM39LV040-45RFDI Datasheet
275Kb / 21P
   4M (512Kx8) Bits Flash Memory
EM39LV040-45RFHC EMC-EM39LV040-45RFHC Datasheet
275Kb / 21P
   4M (512Kx8) Bits Flash Memory
EM39LV040-45RFHI EMC-EM39LV040-45RFHI Datasheet
275Kb / 21P
   4M (512Kx8) Bits Flash Memory
More results

Similar Description - EM39LV010-70D

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX29F100T MCNIX-MX29F100T Datasheet
706Kb / 47P
   1M-BIT [128Kx8/64Kx16] CMOS FLASH MEMORY
logo
List of Unclassifed Man...
T68K1M ETC2-T68K1M Datasheet
146Kb / 14P
   Low Power 1M (128Kx8)-Bits Static RAM
logo
Toshiba Semiconductor
TC58FVB160AF TOSHIBA-TC58FVB160AF Datasheet
539Kb / 41P
   16-MBIT (2M x 8 BITS / 1M x 16 BITS) CMOS FLASH MEMORY
TC58FVT800FT-85 TOSHIBA-TC58FVT800FT-85 Datasheet
1Mb / 28P
   8 MBIT (1M X 8 BITS / 512K X 16 BITS) CMOS FLASH MEMORY
logo
ELAN Microelectronics C...
EM39LV040 EMC-EM39LV040 Datasheet
275Kb / 21P
   4M (512Kx8) Bits Flash Memory
EM39LV800 EMC-EM39LV800 Datasheet
295Kb / 25P
   8M Bits (512Kx16) Flash Memory
EM39LV088 EMC-EM39LV088 Datasheet
271Kb / 22P
   8M Bits (1Mx8) Flash Memory
logo
Sharp Corporation
LHF08S50 SHARP-LHF08S50 Datasheet
1Mb / 34P
   8M Flash Memory 1M (x8)
LHF08CH2 SHARP-LHF08CH2 Datasheet
3Mb / 47P
   Flash Memory 8M (1M 횞8)
LHF08CH3 SHARP-LHF08CH3 Datasheet
3Mb / 49P
   Flash Memory 8M (1M 횞8)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com