Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM39LV010-70D Datasheet(PDF) 10 Page - ELAN Microelectronics Corp

Part # EM39LV010-70D
Description  1M Bits (128Kx8) Flash Memory
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM39LV010-70D Datasheet(HTML) 10 Page - ELAN Microelectronics Corp

Back Button EM39LV010-70D Datasheet HTML 6Page - ELAN Microelectronics Corp EM39LV010-70D Datasheet HTML 7Page - ELAN Microelectronics Corp EM39LV010-70D Datasheet HTML 8Page - ELAN Microelectronics Corp EM39LV010-70D Datasheet HTML 9Page - ELAN Microelectronics Corp EM39LV010-70D Datasheet HTML 10Page - ELAN Microelectronics Corp EM39LV010-70D Datasheet HTML 11Page - ELAN Microelectronics Corp EM39LV010-70D Datasheet HTML 12Page - ELAN Microelectronics Corp EM39LV010-70D Datasheet HTML 13Page - ELAN Microelectronics Corp EM39LV010-70D Datasheet HTML 14Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
EM39LV010
1M Bits (128Kx8) Flash Memory
SPECIFICATION
This specification is subject to change without further notice. (04.09.2004 V1.0)
Page 10 of 23
DC CHARACTERISTICS (CMOS Compatible)
Parameter
Description
Test Conditions
Min
Max
Unit
IDD
Power Supply Current
Read
Program and Erase
Address Input =VIL/VIH, at f=1/TRC Min,
VDD=VDD Max
CE#=OE#=VIL, WE#=VIH, all I/Os open
CE#=WE#=VIL, OE#=VIH,
20
30
mA
mA
ISB
Standby VDD Current
CE#=VIHC, VDD=VDD Max
15
µA
ILI
ILO
Input Leakage Current
Output Leakage Current
VIN=GND to VDD, VDD=VDD Max
VOUT=GND to VDD, VDD=VDD Max
1
10
µA
µA
VIL
VIH
VIHC
Input Low Voltage
Input High Voltage
Input High Voltage (CMOS)
VDD=VDD Min
VDD=VDD Max
VDD=VDD Max
0.7 VDD
VDD-0.3
0.8
V
V
V
VOL
VOH
Output Low Voltage
Output High Voltage
IOL=100µA, VDD=VDD Min
IOH=-100µA, VDD=VDD Min
VDD-0.2
0.2
V
V
Table 5: DC Characteristics (Cmos Compatible)
Recommended System Power-up Timing
Parameter
Description
Min
Unit
TPU-READ*
Power-up to Read Operation
100
µs
TPU-WRITE*
Power-up to Program/Erase Operation
100
µs
* This parameter is measured only for initial qualification and after a design or process change that
could affect this parameter.
Table 6: Recommended System Power-up Timing
Capacitance (Ta=25
°C, f=1Mhz, other pins open)
Parameter
Description
Test Conditons
Max
CI/O*
I/O Pin Capacitance
VI/O=0V
12pF
CIN*
Input Capacitance
VIN=0V
6pF
* This parameter is measured only for initial qualification and after a design or process change that
could affect this parameter.
Table 7: Capacitance (Ta=25
°C, f=1Mhz, Other Pins Open)
Reliability Characteristics
Symbol
Parameter
Min Specification
Unit
Test Method
NEND*
Endurance
10,000
Cycles
JEDEC Standard A117
TDR*
Data Retention
10
Years
JEDEC Standard A103
ILTH*
Latch Up
100+IDD
mA
JEDEC Standard 78
* This parameter is measured only for initial qualification and after a design or process change that
could affect this parameter.
Table 8: Reliability Characteristics


Similar Part No. - EM39LV010-70D

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EM39LV040 EMC-EM39LV040 Datasheet
275Kb / 21P
   4M (512Kx8) Bits Flash Memory
EM39LV040-45RFDC EMC-EM39LV040-45RFDC Datasheet
275Kb / 21P
   4M (512Kx8) Bits Flash Memory
EM39LV040-45RFDI EMC-EM39LV040-45RFDI Datasheet
275Kb / 21P
   4M (512Kx8) Bits Flash Memory
EM39LV040-45RFHC EMC-EM39LV040-45RFHC Datasheet
275Kb / 21P
   4M (512Kx8) Bits Flash Memory
EM39LV040-45RFHI EMC-EM39LV040-45RFHI Datasheet
275Kb / 21P
   4M (512Kx8) Bits Flash Memory
More results

Similar Description - EM39LV010-70D

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX29F100T MCNIX-MX29F100T Datasheet
706Kb / 47P
   1M-BIT [128Kx8/64Kx16] CMOS FLASH MEMORY
logo
List of Unclassifed Man...
T68K1M ETC2-T68K1M Datasheet
146Kb / 14P
   Low Power 1M (128Kx8)-Bits Static RAM
logo
Toshiba Semiconductor
TC58FVB160AF TOSHIBA-TC58FVB160AF Datasheet
539Kb / 41P
   16-MBIT (2M x 8 BITS / 1M x 16 BITS) CMOS FLASH MEMORY
TC58FVT800FT-85 TOSHIBA-TC58FVT800FT-85 Datasheet
1Mb / 28P
   8 MBIT (1M X 8 BITS / 512K X 16 BITS) CMOS FLASH MEMORY
logo
ELAN Microelectronics C...
EM39LV040 EMC-EM39LV040 Datasheet
275Kb / 21P
   4M (512Kx8) Bits Flash Memory
EM39LV800 EMC-EM39LV800 Datasheet
295Kb / 25P
   8M Bits (512Kx16) Flash Memory
EM39LV088 EMC-EM39LV088 Datasheet
271Kb / 22P
   8M Bits (1Mx8) Flash Memory
logo
Sharp Corporation
LHF08S50 SHARP-LHF08S50 Datasheet
1Mb / 34P
   8M Flash Memory 1M (x8)
LHF08CH2 SHARP-LHF08CH2 Datasheet
3Mb / 47P
   Flash Memory 8M (1M 횞8)
LHF08CH3 SHARP-LHF08CH3 Datasheet
3Mb / 49P
   Flash Memory 8M (1M 횞8)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com