Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX5060ETI Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX5060ETI
Description  0.6V to 5.5V Output, Parallelable, Average-Current-Mode DC-DC Controllers
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5060ETI Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX5060ETI Datasheet HTML 5Page - Maxim Integrated Products MAX5060ETI Datasheet HTML 6Page - Maxim Integrated Products MAX5060ETI Datasheet HTML 7Page - Maxim Integrated Products MAX5060ETI Datasheet HTML 8Page - Maxim Integrated Products MAX5060ETI Datasheet HTML 9Page - Maxim Integrated Products MAX5060ETI Datasheet HTML 10Page - Maxim Integrated Products MAX5060ETI Datasheet HTML 11Page - Maxim Integrated Products MAX5060ETI Datasheet HTML 12Page - Maxim Integrated Products MAX5060ETI Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
Typical Operating Characteristics (continued)
(TA = +25°C, Figures 1 and 2, unless otherwise noted.)
REVERSE CURRENT SINK AT ENABLE TURN-ON
(VIN = 12V, VOUT = 1.5V, VEXTERNAL = 2.0V)
MAX5060 toc28
200
µs/div
2A/div
REVERSE CURRENT SINK AT ENABLE TURN-ON
(VIN = 12V, VOUT = 1.5V, VEXTERNAL = 3.3V)
MAX5060 toc29
200
µs/div
5A/div
FREQUENCY vs. RT
RT (k
Ω)
470
430
390
350
310
270
230
190
150
110
70
1000
10,000
100
30
510
VIN = 12V
FREQUENCY vs. TEMPERATURE
TEMPERATURE (
°C)
60
35
10
-15
242
244
246
248
250
252
254
256
258
260
240
-40
85
VIN = 12V
OUTPUT SHORT-CIRCUIT WAVEFORM
MAX5060 toc32
40ms/div
VOUT
2V/div
VIN = 12V
CEN = 0.47
µF
VOUT = 3.3V
RLIM = OPEN
EN
2V/div
IOUT
10A/div
SYNC, CLKOUT, AND LX WAVEFORM
MAX5060 toc33
1
µs/div
CLKOUT
5V/div
VIN = 12V
fSW = 250kHz
LX
10V/div
SYNC
5V/div
0.6V to 5.5V Output, Parallelable,
Average-Current-Mode DC-DC Controllers
_______________________________________________________________________________________
9


Similar Part No. - MAX5060ETI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5062 MAXIM-MAX5062 Datasheet
471Kb / 19P
   125V/2A, High-Speed, Half-Bridge MOSFET Drivers
Rev 3; 10/05
MAX5062 MAXIM-MAX5062 Datasheet
351Kb / 20P
   125V/2A, High-Speed, Half-Bridge MOSFET Drivers
Rev 5; 5/07
MAX5062AASA MAXIM-MAX5062AASA Datasheet
471Kb / 19P
   125V/2A, High-Speed, Half-Bridge MOSFET Drivers
Rev 3; 10/05
MAX5062AASA MAXIM-MAX5062AASA Datasheet
351Kb / 20P
   125V/2A, High-Speed, Half-Bridge MOSFET Drivers
Rev 5; 5/07
MAX5062BASA MAXIM-MAX5062BASA Datasheet
471Kb / 19P
   125V/2A, High-Speed, Half-Bridge MOSFET Drivers
Rev 3; 10/05
More results

Similar Description - MAX5060ETI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5065 MAXIM-MAX5065 Datasheet
652Kb / 32P
   Dual-Phase, 0.6V to 3.3V Output Parallelable, Average-Current-Mode Controllers
Rev 1; 11/03
MAX5038A MAXIM-MAX5038A Datasheet
680Kb / 26P
   Dual-Phase, Parallelable, Average-Current-Mode Controllers
Rev 0; 10/03
MAX5038 MAXIM-MAX5038 Datasheet
406Kb / 26P
   Dual-Phase, Parallelable, Average Current-Mode Controllers
Rev 3; 8/04
MAX5037 MAXIM-MAX5037 Datasheet
1Mb / 30P
   VRM 9.0, Dual-Phase, Parallelable, Average Current-Mode Controller
Rev 3; 4/04
MAX5037A MAXIM-MAX5037A Datasheet
622Kb / 31P
   VRM 9.0/VRM 9.1, Dual-Phase, Parallelable, Average-Current-Mode Controller
Rev 1; 4/04
logo
Linear Technology
LTC3374EUHF LINER-LTC3374EUHF Datasheet
1Mb / 10P
   8-Channel Parallelable 1A Buck DC/DC
logo
Taiwan Semiconductor Co...
TS19460 TSC-TS19460_15 Datasheet
353Kb / 9P
   AC/DC WLED Driver with Average-Mode Constant Current Control
logo
Power-One
ZY7007 POWER-ONE-ZY7007 Datasheet
1Mb / 35P
   7A DC-DC Intelligent POL 3V to 14V Input - 0.5V to 5.5V Output
ZY7010L POWER-ONE-ZY7010L Datasheet
1Mb / 34P
   10A DC-DC Intelligent POL 3V to 13.2V Input 0.5V to 5.5V Output
logo
Maxim Integrated Produc...
MAX8515 MAXIM-MAX8515 Datasheet
268Kb / 10P
   Wide-Input 0.6V Shunt Regulators for Isolated DC-to-DC Converters
Rev 1; 2/03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com